Part Number Hot Search : 
GRM188R7 00WZ2 1N5221B B4154 PEB2445 BAT43WS B4154 MMBZ5225
Product Description
Full Text Search
 

To Download M54HC688K1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC688
RAD-HARD 8 BIT EQUALITY COMPARATOR
s
s
s
s
s
s
s
s s
s
s
HIGH SPEED: tPD = 17ns (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC = 4A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 54 SERIES 688 SPACE GRADE-1: ESA SCC QUALIFIED 50 krad QUALIFIED, 100 krad AVAILABLE ON REQUEST NO SEL UNDER HIGH LET HEAVY IONS IRRADIATION DEVICE FULLY COMPLIANT WITH SCC-9209-005
DILC-20
FPC-20
ORDER CODES
PACKAGE DILC FPC FM M54HC688D M54HC688K EM M54HC688D1 M54HC688K1
DESCRIPTION The M54HC688 is an high speed CMOS 8 BIT EQUALITY COMPARATOR fabricated with silicon gate C2MOS technology.
The M54HC688 compares bit for bit two 8-bit words applied on inputs P0 - P7 and inputs Q0 Q7 and indicates whether or not they are equal. A single active low enable is provided to facilitate cascading several packages to enable comparison of words greater than 8 bits. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
PIN CONNECTION
June 2004
Rev. 1
1/10
M74HC688
Figure 1: IEC Logic Symbols
Figure 2: Input And Output Equivalent Circuit
Table 1: Pin Description
PIN N 1 2, 4, 6, 8, 11, 13, 15, 17 3, 5, 7, 9, 12, 14, 16, 18 19 10 20 SYMBOL G P0 to P7 Q0 to Q7 P=Q GND VCC NAME AND FUNCTION Enable Input (Active LOW) Word Inputs Word Outputs Equal to Output Ground (0V) Positive Supply Voltage
Table 2: Truth Table
INPUTS P, Q P=Q P <> Q X
X: Don't Care
OUTPUT G L L H P=Q L H H
2/10
M74HC688
Figure 3: Logic Diagram
This logic diagram has not be used to estimate propagation delays
Table 3: Absolute Maximum Ratings
Symbol VCC VI VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 300 -65 to +150 265 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current Power Dissipation PD Tstg TL Storage Temperature Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
3/10
M74HC688
Table 4: Recommended Operating Conditions
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 Unit V V V C ns ns ns
Table 5: DC Specifications
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-4.0 mA IO=-5.2 mA IO=20 A IO=20 A IO=20 A IO=4.0 mA IO=5.2 mA VI = VCC or GND VI = VCC or GND TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 4 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 40 Typ. Max. Value -40 to 85C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 80 A A V V Max. -55 to 125C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
4/10
M74HC688
Table 6: AC Electrical Characteristics (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 TA = 25C Min. Typ. 30 8 7 60 21 17 40 13 10 Max. 75 15 13 170 34 29 110 22 19 Value -40 to 85C Min. Max. 95 19 16 215 43 37 140 28 24 -55 to 125C Min. Max. 110 22 19 255 51 43 165 33 28 ns Unit
tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time (Pn, Qn - P=Q) tPLH tPHL Propagation Delay Time (G - P=Q)
ns
ns
Table 7: Capacitive Characteristics
Test Condition Symbol Parameter VCC (V) TA = 25C Min. Typ. 5 32 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Figure 4: Test Circuit
CL = 50pF/150pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
5/10
M74HC688
Figure 5: Waveform - Propagation Delay Time (f=1MHz; 50% duty cycle)
6/10
M74HC688
DILC-20 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 B b b1 D E e e1 e2 F I K L 11.30 1.14 1.27 22.73 7.62 7.29 2.1 3.00 0.63 1.93 0.40 0.20 25.14 7.36 0.88 2.03 0.45 0.254 25.40 7.62 2.54 22.86 7.87 7.49 22.99 8.12 7.70 3.86 11.56 1.40 0.445 0.045 0.050 0.895 0.300 0.287 TYP MAX. 2.71 3.70 1.14 2.23 0.50 0.30 25.65 7.87 MIN. 0.083 0.118 0.025 0.076 0.016 0.008 0.990 0.290 0.035 0.080 0.018 0.010 1.000 0.300 0.100 0.900 0.310 0.295 0.905 0.320 0.303 0.152 0.455 0.055 TYP. MAX. 0.107 0.146 0.045 0.088 0.020 0.012 1.010 0.310 inch
0016178J
7/10
M74HC688
FPC-20 MECHANICAL DATA
mm. DIM. MIN. A B C D E F G H L M N O P 1.14 0.10 0.38 7.24 24.46 0.45 0.50 7.87 1.27 0.18 1.40 0.25 0.045 0.004 9.98 9.98 1.45 0.10 11.30 TYP 10.16 10.16 1.61 0.127 11.43 1.27 0.43 0.48 8.16 26.67 0.55 0.015 0.285 0.960 0.018 0.020 0.310 0.050 0.007 0.055 0.010 MAX. 10.34 10.34 1.78 0.18 11.56 MIN. 0.393 0.393 0.57 0.004 0.445 TYP. 0.400 0.400 0.63 0.005 0.450 0.050 0.017 0.019 0.320 1.050 0.022 MAX. 0.407 0.407 0.070 0.007 0.455 inch
016032F
8/10
M74HC688
Table 8: Revision History
Date 01-Jun-2004 Revision 1 First Release Description of Changes
9/10
M74HC688
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of M54HC688K1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X