Part Number Hot Search : 
ZUR53W C3030 LP2951CM 4M32M 03B9D B4060 DSP56855 597K6FK
Product Description
Full Text Search
 

To Download LTC3528B-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC3528B-2 1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm x 3mm DFN FEATURES
n n n n n n n n n n n n n n n
DESCRIPTION
The LTC(R)3528B-2 is a synchronous, fixed frequency step-up DC/DC converter with output disconnect. High efficiency synchronous rectification, in addition to a 700mV start-up voltage and operation down to 500mV once started, provides longer run-time for single or multiple cell battery-powered products. A switching frequency of 2MHz minimizes solution footprint by allowing the use of tiny, low profile inductors and ceramic capacitors. The current mode PWM is internally compensated, simplifying the design process. The LTC3528B-2 features continuous switching at light loads. Anti-ringing circuitry reduces EMI by damping the inductor in discontinuous mode. Additional features include a low shutdown current, open-drain power good output, shortcircuit protection and thermal overload protection. The LTC3528B-2 is offered in an 8-lead 2mm x 3mm x 0.75mm DFN package.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners.
Delivers 3.3V at 200mA from a Single Alkaline/ NiMH Cell or 3.3V at 400mA from Two Cells VIN Start-Up Voltage: 700mV 0.50V to 5.5V Input Range 1.6V to 5.25V VOUT Range Up to 94% Efficiency Output Disconnect 2MHz Fixed Frequency Operation VIN > VOUT Operation Integrated Soft-Start Current Mode Control with Internal Compensation Low Noise PWM Operation Internal Synchronous Rectifier Logic Controlled Shutdown: <1A Anti-Ringing Control Low Profile (2mm x 3mm x 0.75mm) DFN Package
APPLICATIONS
n n n n n
Medical Instruments Flash-Based MP3 Players Noise Canceling Headphones Wireless Mice Bluetooth Headsets
TYPICAL APPLICATION
100 2.2H 90 80
Efficiency and Power Loss
VOUT = 3.3V VIN = 2.4V 1000
POWER LOSS (mW)
EFFICIENCY (%)
SW VIN 1.8V TO 3.2V 4.7F VIN VOUT 499k 68pF
VOUT 3.3V 400mA 10F
70 60 50 40 30 POWER LOSS EFFICIENCY
100
LTC3528B-2 PGOOD FB
OFF ON
SHDN GND
10
287k
35282 TA01a
20 10 0 0.1 1 10 100 1 1000
35282 TA01b
LOAD CURRENT (mA)
3528b2f
1
LTC3528B-2 ABSOLUTE MAXIMUM RATINGS
(Note 1)
PIN CONFIGURATION
TOP VIEW SHDN 1 FB 2 PGOOD 3 VOUT 4 9 8 VIN 7 SGND 6 PGND 5 SW
VIN Voltage ................................................... -0.3V to 6V SW Voltage DC............................................................ -0.3V to 6V Pulsed < 100ns ........................................ -0.3V to 7V SHDN, FB Voltage ........................................ -0.3V to 6V VOUT ............................................................. -0.3V to 6V PGOOD......................................................... -0.3V to 6V Operating Temperature Range (Notes 2, 5) .............................................. -40C to 85C Junction Temperature ........................................... 125C Storage Temperature Range................... -65C to 125C
DDB PACKAGE 8-LEAD (3mm x 2mm) PLASTIC DFN TJMAX = 125C, JA = 76C/W (NOTE 6) EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH LTC3528BEDDB-2#PBF TAPE AND REEL PART MARKING PACKAGE DESCRIPTION 8-Lead (3mm x 2mm) Plastic DFN TEMPERATURE RANGE -40C to 85C LTC3528BEDDB-2#TRPBF LDPB Consult LTC Marketing for parts specified with wider operating temperature ranges. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
PARAMETER Minimum Start-Up Voltage Output Voltage Adjust Range TA = 0C to 85C Feedback Voltage Feedback Input Current Quiescent Current--Shutdown Quiescent Current--Active P-Channel MOSFET Switch Leakage Current N-Channel MOSFET Switch On Resistance P-Channel MOSFET Switch On Resistance N-Channel MOSFET Current Limit Current Limit Delay Time to Output Maximum Duty Cycle Minimum Duty Cycle Frequency (Note 3) VFB = 1.15V VFB = 1.3V (Note 7) VFB = 1.3V CONDITIONS ILOAD = 1mA
The l denotes the specifications which apply over the specified operating temperature range of -40C to 85C, otherwise specifications are at TA = 25C. VIN = 1.2V, VOUT = 3.3V, unless otherwise noted.
MIN
l l l
TYP 0.70
MAX 0.88 5.25 5.25
UNITS V V V V nA A A A A A ns %
1.7 1.6 1.170 1.200 1 0.01 300 0.1 0.1 0.175 0.250
1.230 50 1 500 10 10
VSHDN = 0V, Not Including Switch Leakage, VOUT = 0V Measured on VOUT, Nonswitching (Note 4) VSW = 5V, VOUT = 0V
N-Channel MOSFET Switch Leakage Current VSW = 5V
l l l l
1.0 87 1.8
1.5 60 92 0 2.0 2.4
% MHz
3528b2f
2
LTC3528B-2 ELECTRICAL CHARACTERISTICS
PARAMETER SHDN Input High Voltage SHDN Input Low Voltage SHDN Input Current PGOOD Threshold Percentage PGOOD Low Voltage PGOOD Leakage Current VSHDN = 1.2V Referenced to Feedback Voltage Falling IPGOOD = 1mA VOUT = 1.6V, IPGOOD = 1mA VPGOOD = 5.5V -7 0.3 -10 0.05 0.05 0.01 CONDITIONS
The denotes the specifications which apply over the specified operating temperature range of -40C to 85C, otherwise specifications are at TA = 25C. VIN = 1.2V, VOUT = 3.3V, unless otherwise noted.
MIN 0.88 0.25 1 -13 0.1 0.2 1 TYP MAX UNITS V V A % V V A
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LTC3528BE-2 is guaranteed to meet performance specifications from 0C to 85C. Specifications over -40C to 85C operating temperature range are assured by design, characterization and correlation with statistical process controls. Note 3: Specification is guaranteed by design and not 100% tested in production.
Note 4: Current measurements are made when the output is not switching. Note 5: This IC includes overtemperature protection that is intended to protect the device during momentary overload conditions. Junction temperature will exceed 125C when overtemperature protection is active. Continuous operation above the specified maximum operating junction temperature may result in device degradation or failure. Note 6: Failure to solder the exposed backside of the package to the PC board ground plane will result in a thermal resistance much higher than 76C/W. Note 7: The IC is tested in a feedback loop to make the measurement.
3528b2f
3
LTC3528B-2 TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current and VIN for VOUT = 1.8V
100 90 80 EFFICIENCY (%) 70 60 50 40 30 20 10 0 0.1 1 VIN = 1V VIN = 1.2V VIN = 1.5V 100 10 LOAD CURRENT (mA) POWER LOSS 10 EFFICIENCY 100 POWER LOSS (mW) 1000 100 90 80 EFFICIENCY (%) 70 60 50 40 30 20 10 0 0.1 1 VIN = 1V VIN = 1.5V VIN = 2.4V 100 10 LOAD CURRENT (mA) POWER LOSS 10 EFFICIENCY POWER LOSS (mW) 100
(TA = 25C unless otherwise noted)
Efficiency vs Load Current and VIN for VOUT = 3V
1000
1
0.1 1000
1 1000
35282 G01
35282 G26
Efficiency vs Load Current and VIN for VOUT = 3.3V
100 90 EFFICIENCY 80 POWER LOSS (mW) EFFICIENCY (%) EFFICIENCY (%) 70 60 50 40 30 20 10 0.1 1 POWER LOSS VIN = 1.8V VIN = 2.4V VIN = 3V 100 10 LOAD CURRENT (mA) 10 100 80 70 60 1000 100 90
Efficiency vs Load Current and VIN for VOUT = 5V
10000 EFFICIENCY 1000 POWER LOSS (mW)
100 50 40 30 20 10 0.1 1 POWER LOSS 10 VIN = 2.4V VIN = 3.6V VIN = 4.2V 100 10 LOAD CURRENT (mA)
1 1000
1 1000
35282 G02
35282 G03
Maximum Output Current vs VIN
800 700 600 10000
Minimum Load Resistance During Start-Up vs VIN
130 120 110 1000 DELAY (s) RLOAD () 100 90 80 70
Start-Up Delay Time vs VIN
IOUT (mA)
500 400 300 200 100 0 1 1.5 2 3 2.5 VIN (V) VOUT = 1.8V VOUT = 3.3V VOUT = 5V 3.5 4 4.5
100
60 10 0.7 0.8 VIN (V) 0.9 1
35282 G06
50 1 1.5 2 3 2.5 VIN (V) 3.5 4 4.5
35282 G05
35282 G07
3528b2f
4
LTC3528B-2 TYPICAL PERFORMANCE CHARACTERISTICS
Oscillator Frequency Change vs VOUT
0.50 0.25 0 FREQUENCY CHANGE (%) -0.25 -0.50 -0.75 -1.00 -1.25 -1.50 -1.75 -2.00 -2.25 1.5 2 2.5 3.5 3 VOUT (V) 4 4.5 5 100 1.5 2 2.5 3.5 3 VOUT (V) 4 4.5 5 RDS(ON) (m) 450 400 350 300 250 200 NMOS 150 PMOS FREQUENCY CHANGE (%)
(TA = 25C unless otherwise noted) Oscillator Frequency Change vs Temperature
5 4 3 2 1 0 -1 -2 -3 -4 -5 -50 -30 30 -10 10 50 TEMPERATURE (C) 70 90 NORMALIZED TO 25C
RDS(ON) vs VOUT
35282 G12
35282 G13
35282 G14
RDS(ON) Change vs Temperature
30 1.200
VFB vs Temperature
850
Start-Up Voltage vs Temperature
1.195 CHANGE (%) 10
START-UP VOLTAGE (mV) -30 50 -10 10 30 TEMPERATURE (C) 70 90
20
800
0 1.185 -10
VFB (V)
750
1.190
700
650
-20 -50
-30
30 -10 10 50 TEMPERATURE (C)
70
90
1.180 -50
600 -50
-30
30 -10 10 50 TEMPERATURE (C)
70
90
35282 G15
35282 G16
35282 G17
Fixed Frequency VOUT Ripple and Inductor Current Waveforms
VOUT 1V/DIV IIN 200mA/DIV SHDN PIN VIN = 1.2V VOUT = 3.3V COUT = 10F CFF = 33pF IOUT = 100mA L = 2.2H 500ns/DIV
35282 G19
VOUT and IIN During Soft-Start
VOUT 20mV/DIV IL 200mA/DIV
VIN = 1.2V VOUT = 3.3V COUT = 10F L = 2.2H
200s/DIV
35282 G21
3528b2f
5
LTC3528B-2 TYPICAL PERFORMANCE CHARACTERISTICS
Load Step Response (3.6V to 5V) (TA = 25C unless otherwise noted) Load Step Response (1.2V to 3.3V)
VOUT 100mV/DIV LOAD CURRENT 200mA/DIV VIN = 3.6V 20s/DIV VOUT = 5V COUT = 10F L = 2.2H LOAD CURRENT = 100mA TO 550mA
35282 G22
VOUT 100mV/DIV LOAD CURRENT 100mA/DIV 20s/DIV VIN = 1.2V VOUT = 3.3V COUT = 10F L = 2.2H LOAD CURRENT = 20mA TO 170mA
35282 G24
PIN FUNCTIONS
SHDN (Pin 1): Logic Controlled Shutdown Input. There is an internal 4M pull-down resistor on this pin. * SHDN = High: Normal operation * SHDN = Low: Shutdown, quiescent current < 1A FB (Pin 2): Feedback Input. Connect resistor divider tap to this pin. The output voltage can be adjusted from 1.6V to 5.25V by: R2 VOUT = 1.20V * 1+ R1 PGOOD (Pin 3): Power Good Comparator Output. This open-drain output is low when VFB < 10% from its regulation voltage. VOUT (Pin 4): Output Voltage Sense and Drain Connection of the Internal Synchronous Rectifier. PCB trace length from VOUT to the output filter capacitor (4.7F minimum) should be as short and wide as possible. SW (Pin 5): Switch Pin. Connect inductor between SW and VIN. Keep PCB trace lengths as short and wide as possible to reduce EMI. If the inductor current falls to zero, or SHDN is low, an internal anti-ringing switch is connected from SW to VIN to minimize EMI. PGND (Pin 6): Power Ground. Provide a short direct PCB path between PGND and the (-) side of the input and output capacitors. SGND (Pin 7): Signal Ground. Provide a short direct PCB path between SGND and the (-) side of the input and output capacitors. VIN (Pin 8): Battery Input Voltage. Connect a minimum of 1F ceramic decoupling capacitor from this pin to ground. Exposed Pad (Pin 9): The Exposed Pad must be soldered to the PCB ground plane. It serves as another ground connection and as a means of conducting heat away from the die.
3528b2f
6
LTC3528B-2 BLOCK DIAGRAM
VIN 0.7V TO 5V L1 2.2H CIN 4.7F 8 VIN ANTI-RING VOUT VSEL VBEST VB WELL SWITCH VOUT 4 VOUT 1.6V TO 5.25V R2 5 SW
1
SHDN 4M
SHUTDOWN
SHUTDOWN
GATE DRIVERS AND ANTI-CROSS CONDUCTION
-+
PK COMP SLOPE COMP
FB IZERO COMP
2 R1
COUT 10F
UVLO
UVLO
PK IZERO
START-UP LOGIC 2MHz OSC 3 PGOOD CLK CLAMP
+ -
VREF - 10% FB THERMAL SHUTDOWN TSD WAKE EXPOSED PAD 9
35282 BD
PGND 6
SGND 7
+ -
ERROR AMP
VREF
VREF
+ -
VREF FB
SOFT-START
3528b2f
7
LTC3528B-2 OPERATION
(Refer to Block Diagram)
The LTC3528B-2 is a 2MHz synchronous boost converter housed in an 8-lead 3mm x 2mm DFN package. With the ability to start-up and operate from inputs less than 0.88V, the device features fixed frequency, current mode PWM control for exceptional line and load regulation. The current mode architecture with adaptive slope compensation provides excellent transient load response and requires minimal output filtering. Internal soft-start and internal loop compensation simplifies the design process while minimizing the number of external components. With its low RDS(ON) and low gate charge internal N-channel MOSFET switch and P-channel MOSFET synchronous rectifier, the LTC3528-2 achieves high efficiency over a wide range of load current. The LTC3528B-2 features continuous PWM operation at 2MHz. At very light loads, the LTC3528B-2 will exhibit pulse-skip operation. Operation can be best understood by referring to the Block Diagram. LOW VOLTAGE START-UP The LTC3528B-2 includes an independent start-up oscillator designed to operate at an input voltage of 0.70V (typical). Soft-start and inrush current limiting are provided during start-up, as well as normal operating mode. When either VIN or VOUT exceeds 1.6V typical, the IC enters normal operating mode. Once the output voltage exceeds the input by 0.24V, the IC powers itself from VOUT instead of VIN. At this point the internal circuitry has no dependency on the VIN input voltage, eliminating the requirement for a large input capacitor. The input voltage can drop as low as 0.5V. The limiting factor for the application becomes the availability of the power source to supply sufficient power to the output at the low voltages, and the maximum duty cycle, which is clamped at 92% typical. Note that at low input voltages, small voltage drops due to series resistance become critical, and greatly limit the power delivery capability of the converter.
LOW NOISE FIXED FREQUENCY OPERATION Soft-Start The LTC3528B-2 contains internal circuitry to provide soft-start operation. The internal soft-start circuitry slowly ramps the peak inductor current from zero to its peak value of 1.5A (typical), allowing start-up into heavy loads. The soft-start time is approximately 0.5ms. The soft-start circuitry is reset in the event of a commanded shutdown or a thermal shutdown. Oscillator An internal oscillator sets the frequency of operation to 2MHz. Shutdown The converter is shut down by pulling the SHDN pin below 0.25V, and activated by pulling SHDN above 0.88V. Note that SHDN can be driven above VIN or VOUT, as long as it is limited to less than the absolute maximum rating. Error Amplifier The error amplifier is a transconductance type. The noninverting input is internally connected to the 1.20V reference and the inverting input is connected to FB. Clamps limit the minimum and maximum error amp output voltage for improved large-signal transient response. Power converter control loop compensation is provided internally. A voltage divider from VOUT to ground programs the output voltage via FB from 1.6V to 5.25V. R2 VOUT = 1.20V * 1+ R1
3528b2f
8
LTC3528B-2 OPERATION
Current Sensing Lossless current sensing converts the peak current signal of the N-channel MOSFET switch into a voltage which is summed with the internal slope compensation. The summed signal is compared to the error amplifier output to provide a peak current control command for the PWM. Current Limit The current limit comparator shuts off the N-channel MOSFET switch once its threshold is reached. The current limit comparator delay to output is typically 60ns. Peak switch current is limited to approximately 1.5A, independent of input or output voltage, unless VOUT falls below 0.7V, in which case the current limit is cut in half. Zero Current Comparator The zero current comparator monitors the inductor current to the output and shuts off the synchronous rectifier when this current reduces to approximately 20mA. This prevents the inductor current from reversing in polarity, improving efficiency at light loads. Synchronous Rectifier To control inrush current and to prevent the inductor current from running away when VOUT is close to VIN, the P-channel MOSFET synchronous rectifier is only enabled when VOUT > (VIN + 0.24V).
(Refer to Block Diagram)
Anti-Ringing Control The anti-ringing control connects a resistor across the inductor to prevent high frequency ringing on the SW pin during discontinuous current mode operation. The ringing of the resonant circuit formed by L and CSW (capacitance on SW pin) is low energy, but can cause EMI radiation. Output Disconnect The LTC3528B-2 is designed to allow true output disconnect by eliminating body diode conduction of the internal P-channel MOSFET rectifier. This allows for VOUT to go to zero volts during shutdown, drawing no current from the input source. It also enables inrush current limiting at turnon, minimizing surge currents seen by the input supply. Note that to obtain the advantages of output disconnect, a Schottky diode cannot be connected between SW and VOUT. The output disconnect feature also allows VOUT to be forced above the programmed regulation voltage, without any reverse current into a battery on VIN. Thermal Shutdown If the die temperature exceeds 160C, the LTC3528B-2 enters thermal shutdown. All switches will be turned off and the soft-start capacitor will be discharged. The device will be enabled again when the die temperature drops by approximately 15C.
3528b2f
9
LTC3528B-2 APPLICATIONS INFORMATION
VIN > VOUT OPERATION The LTC3528B-2 maintains voltage regulation even when the input voltage is above the desired output voltage. Note that the efficiency is much lower in this mode, and the maximum output current capability will be less. Refer to the Typical Performance Characteristics. SHORT-CIRCUIT PROTECTION The LTC3528B-2 output disconnect feature allows an output short circuit while maintaining a maximum internally set current limit. To reduce power dissipation under shortcircuit conditions, the peak switch current limit is reduced to 750mA (typical). SCHOTTKY DIODE Although not required, adding a Schottky diode from SW to VOUT will improve efficiency by about 2%. Note that this defeats the output disconnect and short-circuit protection features. PCB LAYOUT GUIDELINES The high speed operation of the LTC3528B-2 demands careful attention to board layout. A careless layout will not produce the advertised performance. Figure 1 shows the recommended component placement. A large ground copper area with the package backside metal pad properly
+
VIN CIN
soldered will help to lower the chip temperature. A multilayer board with a separate ground plane is ideal, but not absolutely necessary. COMPONENT SELECTION Inductor Selection The LTC3528B-2 can utilize small surface mount chip inductors due to their fast 2MHz switching frequency. Inductor values between 1.5H and 3.3H are suitable for most applications. Larger values of inductance will allow slightly greater output current capability by reducing the inductor ripple current. Increasing the inductance above 10H will increase size while providing little improvement in output current capability. The minimum inductance value is given by: L> where: Ripple = Allowable inductor current ripple (amps peakpeak) VIN(MIN) = Minimum input voltage VOUT(MAX) = Maximum output voltage VIN(MIN) * VOUT(MAX) - VIN(MIN) 2 * Ripple * VOUT(MAX)
(
) H
SHDN 1
8 VIN
FB 2 LTC3528B-2 PGOOD 3
7 SGND
6 PGND
VOUT 4 COUT
5 SW
35282 F01
MULTIPLE VIAS TO GROUND PLANE
Figure 1. Recommended Component Placement for Single Layer Board
3528b2f
10
LTC3528B-2 APPLICATIONS INFORMATION
The inductor current ripple is typically set for 20% to 40% of the maximum inductor current. High frequency ferrite core inductor materials reduce frequency dependent power losses compared to cheaper powdered iron types, improving efficiency. The inductor should have low ESR (series resistance of the windings) to reduce the I2R power losses, and must be able to handle the peak inductor current without saturating. Molded chokes and some chip inductors usually do not have enough core area to support the peak inductor currents of 1.5A seen on the LTC3528B-2. To minimize radiated noise, use a shielded inductor. See Table 1 for suggested components and suppliers.
Table 1. Recommended Inductors
VENDOR Coilcraft (847) 639-6400 www.coilcraft.com Coiltronics Sumida (847) 956-0666 www.sumida.com TDK Toko (408) 432-8282 www.tokoam.com Wurth (201) 785-8800 www.we-online.com PART/STYLE DO1606T, MSS5131, MSS5121 MSS6122, MOS6020 ME3220, DO1608C 1812PS SD12, SD14, SD20 SD25, SD52 CD43 CDC5D23B CDRH5D18 VLP VLF , VLCF SLF VLS ,, D53, D62, D63 D73, D75 WE-TPC type M, MH
A 10F to 22F output capacitor is sufficient for most applications. Values larger than 22F may be used to obtain extremely low output voltage ripple and improve transient response. X5R and X7R dielectric materials are preferred for their ability to maintain capacitance over wide voltage and temperature ranges. Y5V types should not be used. The internal loop compensation of the LTC3528B-2 is designed to be stable with output capacitor values of 10F or greater. Although ceramic capacitors are recommended, low ESR tantalum capacitors may be used as well. A small ceramic capacitor in parallel with a larger tantalum capacitor may be used in demanding applications which have large load transients. Another method of improving the transient response is to add a small feed-forward capacitor across the top resistor of the feedback divider (from VOUT to FB). A typical value of 33pF will generally suffice. Low ESR input capacitors reduce input switching noise and reduce the peak current drawn from the battery. It follows that ceramic capacitors are also a good choice for input decoupling and should be located as close as possible to the device. A 10F input capacitor is sufficient for most applications. Larger values may be used without limitations. Table 2 shows a list of several ceramic capacitor manufacturers. Consult the manufacturers directly for detailed information on their selection of ceramic parts.
Table 2. Capacitor Vendor Information SUPPLIER AVX Murata Taiyo-Yuden TDK PHONE (803) 448-9411 (714) 852-2001 (408) 573-4150 (847) 803-6100 WEBSITE www.avxcorp.com www.murata.com www.t-yuden.com www.component.tdk.com
Output and Input Capacitor Selection Low ESR (equivalent series resistance) capacitors should be used to minimize the output voltage ripple. Multilayer ceramic capacitors are an excellent choice as they have extremely low ESR and are available in small footprints.
3528b2f
11
LTC3528B-2 TYPICAL APPLICATIONS
1 Cell to 1.8V
100 2.2H 90 80 VIN 0.88V TO 1.6V 4.7F VIN VOUT 499k 68pF EFFICIENCY (%) SW VOUT 1.8V 250mA 10F 1M
35282 TA02a
Efficiency
70 60 50 40 30 20 10 0.1 1 VIN = 0.9V VIN = 1.2V VIN = 1.5V 10 100 LOAD CURRENT (mA) 1000
35282 TA02b
LTC3528B-2 PGOOD FB
OFF ON
SHDN GND
Dual 1 Cell to 1.8V, 3V Sequenced Supply
2.2H
SW VIN 0.88V TO 1.6V 4.7F 475k VIN VOUT 499k 68pF
VOUT1 1.8V 250mA 10F
LTC3528B-2 PGOOD FB
Output Voltage Sequencing
VOUT2
OFF ON
SHDN GND
1M
2.2H
0.5V/DIV
VOUT1 VIN PGOOD1
SW VIN 4.7F VOUT 499k 68pF
VOUT2 3V 200mA 200s/DIV 10F
35282 TA03b
LTC3528B-2 PGOOD SHDN GND FB
324k
3528 TA03a
3528b2f
12
LTC3528B-2 TYPICAL APPLICATIONS
1 Cell to 3.3V
90 2.2H 80 SW VIN 0.88V TO 1.6V 4.7F VIN VOUT 499k 68pF VOUT 3.3V 200mA 10F 287k
35282 TA04a
Efficiency
70 EFFICIENCY (%) 60 50 40 30 20 10 1 10 100 LOAD CURRENT (mA) VIN = 0.9V VIN = 1.2V VIN = 1.5V 1000
36282 TA04b
LTC3528B-2 PGOOD FB
OFF ON
SHDN GND
2 Cell to 3.3V
100 2.2H 90 SW VIN 1.8V TO 3.2V 4.7F VIN VOUT 499k 68pF 80 EFFICIENCY (%) VOUT 3.3V 400mA 10F 287k
35282 TA05a
Efficiency
70 60 50 40 30 20 10 0.1 1 VIN = 1.8V VIN = 2.4V VIN = 3V 10 100 LOAD CURRENT (mA) 1000
35282 TA05b
LTC3528B-2 PGOOD FB
OFF ON
SHDN GND
3528b2f
13
LTC3528B-2 TYPICAL APPLICATIONS
2 Cell to 5V
100 2.2H 90 80 VIN 1.8V TO 3.2V 4.7F VIN VOUT 1M 22F 316k
35282 TA06a
Efficiency
EFFICIENCY (%)
SW
VOUT 5V 300mA
70 60 50 40 30 20 10 0.1 1 VIN = 1.8V VIN = 2.4V VIN = 3V 10 100 LOAD CURRENT (mA) 1000
35282 TA06b
LTC3528B-2 PGOOD FB
OFF ON
SHDN GND
Li-Ion to 5V
100 2.2H 90 80 VIN 2.7V TO 4.2V 4.7F VIN VOUT 1M 22F 316k
35282 TA07a
Efficiency
EFFICIENCY (%)
SW
VOUT 5V 400mA
70 60 50 40 30 20 10 0.1 1 VIN = 2.8V VIN = 3.6V VIN = 4.2V 10 100 LOAD CURRENT (mA) 1000
35282 TA07b
LTC3528B-2 PGOOD FB
OFF ON
SHDN GND
3528b2f
14
LTC3528B-2 PACKAGE DESCRIPTION
DDB Package 8-Lead Plastic DFN (3mm x 2mm)
(Reference LTC DWG # 05-08-1702 Rev B)
0.61 0.05 (2 SIDES) 0.70 0.05 2.55 0.05 1.15 0.05 PACKAGE OUTLINE 0.25 0.05 0.50 BSC 2.20 0.05 (2 SIDES) RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS R = 0.115 TYP 5 0.40 0.10 8
3.00 0.10 (2 SIDES)
R = 0.05 TYP
PIN 1 BAR TOP MARK (SEE NOTE 6)
2.00 0.10 (2 SIDES) 0.56 0.05 (2 SIDES) 0.75 0.05
0.200 REF
4 0.25 0.05 2.15 0.05 (2 SIDES)
1 0.50 BSC
PIN 1 R = 0.20 OR 0.25 x 45 CHAMFER
(DDB8) DFN 0905 REV B
0 - 0.05
BOTTOM VIEW--EXPOSED PAD
NOTE: 1. DRAWING CONFORMS TO VERSION (WECD-1) IN JEDEC PACKAGE OUTLINE M0-229 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
3528b2f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
15
LTC3528B-2 RELATED PARTS
PART NUMBER LTC3400/LTC3400B LTC3421 LTC3422 LTC3426 LTC3427 LTC3429/LTC3429B LTC3458/LTC3458L LTC3459 LT(R)3494/LT3494A LTC3523/LTC3523-2 DESCRIPTION 600mA (ISW), 1.2MHz, Synchronous Step-Up DC/DC Converters 3A (ISW), 3MHz, Synchronous Step-Up DC/DC Converter with Output Disconnect 1.5A (ISW), 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect 2A (ISW), 1.5MHz, Step-Up DC/DC Converter 500mA (ISW), 1.25MHz, Synchronous Step-Up DC/DC Converter with Output Disconnect 600mA (ISW), 550kHz, Synchronous Step-Up DC/DC Converter with Output Disconnect and Soft-Start 1.4A/1.7A (ISW), 1.5MHz, Synchronous Step-Up DC/DC Converter 80mA (ISW), Synchronous Step-Up DC/DC Converter 180mA/350mA (ISW), High Efficiency Step-Up DC/DC Converter with Output Disconnect 600mA (ISW), Step-Up and 400mA Synchronous Step-Down 1.2MHz/2.4MHz DC/DC Converters with Output Disconnect 500mA (ISW), 1MHz Synchronous Step-Up DC/DC Converters with Output Disconnect Dual 800mA/400mA (ISW), 2.2MHz, Synchronous Step-Up DC/DC Converter with Output Disconnect COMMENTS 92% Efficiency VIN: 0.85V to 5V, VOUT(MAX) = 5V, IQ = 19A/300A, ISD < 1A, ThinSOTTM Package 94% Efficiency VIN: 0.85V to 4.5V, VOUT(MAX) = 5.25V, IQ = 12A, ISD < 1A, 4mm x 4mm QFN24 Package 94% Efficiency VIN: 0.85V to 4.5V, VOUT(MAX) = 5.25V, IQ = 25A, ISD < 1A, 3mm x 3mm DFN10 Package 92% Efficiency VIN: 1.6V to 5.5V, VOUT(MAX) = 5V, IQ = 600A, ISD < 1A, ThinSOT Package 94% Efficiency VIN: 1.8V to 5V, VOUT(MAX) = 5.25V, IQ = 350A ISD < 1A, 2mm x 2mm DFN6 Package 96% Efficiency VIN: 0.85V to 4.3V, VOUT(MAX) = 5V, IQ = 20A, ISD < 1A, ThinSOT Package 94% Efficiency VIN: 0.85V to 6V, VOUT(MAX) = 7.5V/6V, IQ = 15A, ISD < 1A, 3mm x 4mm DFN12 Package 92% Efficiency VIN: 1.5V to 5.5V, VOUT(MAX) = 10V, IQ = 10A, ISD < 1A, ThinSOT Package 85% Efficiency VIN: 2.3V to 16V, VOUT(MAX) = 38V, IQ = 65A, ISD < 1A, 2mm x 3mm DFN6, ThinSOT Packages 94% Efficiency VIN: 1.8V to 5.5V, VOUT(MAX) = 5.25V, IQ = 45A, ISD < 1A, 3mm x 3mm QFN16 94% Efficiency, VIN: 0.85V to 5V, VOUT(MAX) = 5.25V, IQ = 9A, ISD < 1A, 2mm x 2mm DFN6 Package 94% Efficiency, VIN: 0.7V to 5V, VOUT(MAX) = 5.25V, IQ = 12A, ISD < 1A, 3mm x 3mm QFN16 Package
LTC3526/LTC3526L LTC3526B LTC3527/LTC3527-1 LTC3528/LTC3528B LTC3537
1A (ISW), 1MHz Synchronous Step-Up DC/DC Converters 94% Efficiency, VIN: 0.7V to 5.5V, VOUT(MAX) = 5.25V, IQ = 12A, ISD < 1A, 3mm x 2mm DFN8 Package with Output Disconnect 600mA, 2.2MHz Synchronous Step-Up DC/DC Converter with Output Disconnect and 100mA LDO 94% Efficiency, VIN: 0.7V to 5V, VOUT(MAX) = 5.25V, IQ = 30A, ISD < 1A, 3mm x 3mm QFN16 Package
ThinSOT is a trademark of Linear Technology Corporation.
3528b2f
16 Linear Technology Corporation
(408) 432-1900 FAX: (408) 434-0507
LT 0708 * PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2008


▲Up To Search▲   

 
Price & Availability of LTC3528B-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X