Part Number Hot Search : 
WRPS3W 4304H6 01K47F G2SB08 SCL4511B SI4394DY 302UR100 PQ12SZ11
Product Description
Full Text Search
 

To Download LM2CR01W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
LM2CR01W
www.SunLED.com
10mm SOLID STATE LAMP
PRELIMINARY SPEC Features
10mm DIAMETER BIG LAMP. I.C. COMPATIBLE. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] VR IF iFS PT TA Tstg M2CR (AlInGaP) 5 30 150 84 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR M2CR (AlInGaP) 2.2 2.8 10 Unit V V uA
P
640
nm
260C For 3 Seconds 260C For 5 Seconds
D
630
nm
25
nm
C
27
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 10990
Wavelength nm P
Viewing Angle 2 1/2
LM2CR01W
Red
AlInGaP
Water Clear
6700
640
15
Published Date : MAR 22,2008
Drawing No : SDSA6544
V1
Checked : B.L.LIU
P.1/4
Part Number:
LM2CR01W
www.SunLED.com
10mm SOLID STATE LAMP
M2CR
Published Date : MAR 22,2008
Drawing No : SDSA6544
V1
Checked : B.L.LIU
P.2/4
Part Number:
LM2CR01W
www.SunLED.com
10mm SOLID STATE LAMP
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity/ luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 22,2008
Drawing No : SDSA6544
V1
Checked : B.L.LIU
P.3/4
Part Number:
LM2CR01W
www.SunLED.com
10mm SOLID STATE LAMP
PACKING & LABEL SPECIFICATIONS
LM2CR01W
Published Date : MAR 22,2008
Drawing No : SDSA6544
V1
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of LM2CR01W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X