Part Number Hot Search : 
K3451 BAV10 AMS2818C 60PZ750 BTLRGR2 08852 HEF4071 25201
Product Description
Full Text Search
 

To Download KUK7109-75ATE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
TrenchMOSTM standard level FET KUK7109-75ATE
TO-263
+ .1 1 .2 7 -00.1
Transistors IC
Unit: mm
+0.1 1.27-0.1 +0.2 4.57-0.2
Features
Integrated temperature sensor Electrostatic discharge protection
Standard level compatible.
+ .2 5 .2 8 -00.2
+0.1 1.27-0.1
0.1max
+0.1 0.81-0.1
2.54
+0.2 -0.2 +0.1 5.08-0.1
+ .2 2 .5 4 -00.2
+ .2 1 5 .2 5 -00.2
Q101 compliant
+ .2 8 .7 -00.2
2.54
+0.2 0.4-0.2
Absolute Maximum Ratings Ta = 25
Parameter Drain-source voltage Drain-gate voltage RGS = 20 KU Gate-source voltage Drain current (DC) Tmb = 25 ,VGS = 10 V Drain current (DC) Tmb = 100 ,VGS = 10 V Drain current (pulse peak value) *1 Total power dissipation Tmb = 25 gate-source clamping current (continuous) gate-source clamping current *3 FET to temperature sense diode isolation voltage Storage & operating temperature reverse drain current (DC) Tmb = 25 pulsed reverse drain current *1 non-repetitive avalanche energy *2 Thermal resistance junction to mounting base Thermal resistance junction to ambient * 1 Tmb = 25 ; pulsed; tp 10 is; 75 V; VGS = 10 V; RGS = 50U;starting Tj = 25 Visol(FET-TSD) Tstg, Tj IDR IDRM EDS(AL)S Rth j-mb Rth j-a Symbol VDS VDGR VGS ID ID IDM Ptot IGS(CL) Rating 75 75 20 120 75 480 272 10 50 100 -55 to 175 120 75 480 739 0.55 50 A A A J K/W K/W Unit V V V A A A W mA mA V
*2 unclamped inductive load; ID = 75 A;VDS *3 tp = 5 ms; = 0.01
5 .6 0
1 gate 1 Gate 2 drain 2 Drain 3 source 3 Source
www.kexin.com.cn
1
SMD Type
KUK7109-75ATE
Electrical Characteristics Ta = 25
Parameter drain-source breakdown voltage Symbol V(BR)DSS Testconditons ID = 0.25 mA; VGS = 0 V;Tj = 25 ID = 0.25 mA; VGS = 0 V;Tj = -55 ID = 1 mA; VDS = VGS;Tj = 25 gate-source threshold voltage VGS(th) ID = 1 mA; VDS = VGS;Tj = 175 ID = 1 mA; VDS = VGS;Tj = -55 Zero gate voltage drain current gate-source breakdown voltage gate-source leakage current IDSS VDS = 75 V; VGS = 0 V;Tj = 25 VDS = 75 V; VGS = 0 V;Tj = 175 V(BR)GSS IG = IGSS VGS = VGS = drain-source on-state resistance forward voltage; temperature sense diode temperature coefficient temperature sense diode temperature sense diode forward voltage hysteresis total gate charge gate-to-source charge gate-to-drain (Miller) charge input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time internal drain inductance internal source inductance source-drain (diode forward) voltage reverse recovery time recovered charge RDSon VF SF Vhys Qg(tot) Qgs Qgd Ciss Coss Crss td(on) tr td(off) tf Ld Ls VSD trr Qr measured from upper edge of drain mounting base to center of die measured from source lead to source bond pad Is = 25A; VGS = 0 V IS = 20 A; -dIF/dt = -100 A/is; VGS = -10 V; VDS = 30 V VDD = 30 V; RL = 1.2U;VGS = 10 V; RG = 10U VGS = 0 V; VDS = 25 V;f = 1 MHz VGS = 10 V; VDD = 60 V;ID = 25 A 1 mA;-55 Tj 175
Transistors IC
Min 75 70 2 1
Typ
Max
Unit V V
3
4
V V
4.4 0.1 10 250 20 22 22 1000 10 . 8 9 19 648 658 668
V A A
10 V; VDS = 0 V;Tj = 25 10 V; VDS = 0 V;Tj = 175
nA A m m mV
VGS = 10 V; ID = 50 A;Tj = 25 VGS = 10 V; ID = 50 A;Tj = 175 IF = 250 mA IF = 250 mA;-55 125 mA IF Tj 250 mA 175
-1.4 25
-1.54 -1.68 mV/K 32 121 20 44 4700 800 455 35 108 185 100 2.5 7.5 0.85 75 270 1.2 3760 665 274 50 mV nC nC nC pF pF pF ns ns ns ns nH nH V ns nC
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KUK7109-75ATE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X