Part Number Hot Search : 
GT61G SMBJ90CA HIR333 EMP207 HIR333 IRFR3709 IDT72200 CM1851
Product Description
Full Text Search
 

To Download J115F11B110VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
E197852
31.7 x 26.9 x 20.3 mm
J115F1
Features
* * * * UL F class rated standard Small size and light weight, low coil power consumption Heavy contact load, strong shock and vibration resistance UL/CUL certified 1A = SPST N.O. 1B = SPST N.C. 1C = SPST Contact Rating N.O.
Specifications and availability subject to change without notice.
Contact Data
Contact Arrangement Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current < 30 milliohms initial AgSnO2 AgSnO2In2O3 9600VA, 1120 W 277VAC, 110VDC 40A
40A @ 240VAC Resistive 30A @ 277VAC General Purpose 2hp @ 250VAC
N.C. 30A @ 240VAC Resistive 30A @ 30VDC 20A @ 277VAC General Purpose 1-1/2hp @ 250VAC
Coil Data DC Parameters
Coil Voltage VDC Rated 3 5 6 9 12 15 Max 3.9 6.5 7.8 11.7 15.6 19.5 23.4 31.2 62.4 140.3 Coil Resistance +/- 10% .6W 15 42 60 135 240 375 540 960 3840 20167 .9W 10 28 40 90 160 250 360 640 2560 13445 Pick Up Voltage Release Voltage VDC (max) VDC (min) 75% of rated voltage 2.25 3.75 4.50 6.75 9.00 10.25 13.50 18.00 36.00 82.50 10% of rated voltage .3 .5 .6 .9 1.2 1.5 1.8 2.4 4.8 11.0 .60 .90 15 10 Coil Power W Operate Time ms Release Time ms
Dimensions shown in mm. Dimensions are shown for reference purposes only.
18 24 48 110
Coil Data AC Parameters
Coil Voltage VAC Rated 12 24 110 120 220 240 277 Max 15.6 31.2 143 156 286 312 360 27 120 2360 3040 13490 15320 20210 Coil Resistance +/- 10% Pick Up Voltage Release Voltage VAC (max) VAC (min) 75% of rated voltage 9.00 18.00 82.50 90.00 165.00 180.00 207.00 30% of rated voltage 3.6 7.2 33.0 36.0 66.0 72.0 83.1 2VA 15 10 Coil Power VA Operate Time ms Release Time ms
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
J115F1
General Data
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 1000M min. @ 500VDC 4000V rms min. @ sea level (H = high dielectric strength option) 2500V rms min. @ sea level (with Pin 6 removed) 1500V rms min. @ sea level 200m/s2 for 11 ms 1.50mm double amplitude 10~40Hz 10N -55oC to +125oC
Dimensions shown in mm. Dimensions are shown for reference purposes only.
-55oC to +155oC 260oC for 5 s 30g, 27g (no cover)
Ordering Information
1. Series J115F1 2. Contact Arrangement 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 3. Coil Voltage 3VDC 5VDC 6VDC 9VDC 12VDC 15VDC 18VDC 24VDC 48VDC 110VDC 12VAC 24VAC 110VAC 120VAC 220VAC 240VAC 277VAC J115F1 1C 12VDC S 6 .6
Specifications and availability subject to change without notice.
4. Sealing Options S = Sealed (standard) N = No cover 5. Option None = Pin 6 included 6 = Pin 6 removed H = Pin 6 removed & high dielectric strength resistant 6. Coil Power .9 = .9W .6 = .6W Blank = 2VA (AC Coil) 7. Contact Material Blank = AgSnO2 U = AgSnO2In2O3
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
J115F1
Dimensions
Units = mm
Specifications and availability subject to change without notice.
S = Sealed
N = No Cover
Schematics & PC Layouts
Bottom Views
Dimensions shown in mm. Dimensions are shown for reference purposes only.
1A
1B
1C
With Pin 6
Without Pin 6 www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194


▲Up To Search▲   

 
Price & Availability of J115F11B110VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X