Part Number Hot Search : 
BF1008G1 LM842 485CN DTC12 1N2SH WM8197 1N2SH MDS140L
Product Description
Full Text Search
 

To Download J114FL1AS129VDC41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
E197852
29.0 x 12.6 x 15.7 mm
J114FL
Features
* * * * Switching capacity 16A Low profile 15.7mm F Class insulation standard UL/CUL certified
Contact Data
Contact Arrangement 1A = SPST N.O. 1C = SPDT 2A = DPST N.O. 2C = DPDT
Specifications and availability subject to change without notice.
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
< 50 milliohms initial AgSnO2 480W, 4000VA 440VAC, 125VDC 16A
Contact Rating
12A @ 250VAC; 30VDC General Purpose 16A @ 250VAC; 30VDC General Purpose 8A @ 277VAC; 30VDC General Purpose
Coil Data
Coil Voltage VDC Coil Resistance +/- 10% Pick Up Voltage Release Voltage VDC (max) VDC (min) 75% of rated voltage 62 90 202 360 1440 5760 3.75 4.50 6.75 9.00 18.00 36.00 10% of rated voltage .5 .6 .9 1.2 2.4 3.6 .41 10 5 Coil Power W Operate Time ms Release Time ms
Rated 5 6 9 12 24 48
Max 6.5 7.8 11.7 15.6 31.2 62.4
Dimensions shown in mm. Dimensions are shown for reference purposes only.
General Data
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 1000M min. @ 500VDC 5000V rms min. @ sea level 1000V rms min. @ sea level 500m/s2 for 11 ms 1.50mm double amplitude 10~40Hz 5N -40oC to +125oC -40oC to +155oC 260oC +/- 2oC for 10 +/- 0.5s 13.5g www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
Caution 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
J114FL
Ordering Information
1. Series J114FL 2. Contact Arrangement 1A = SPST N.O. 1C = SPDT 2A = DPST N.O. 2C = DPDT 3. Sealing Option S = Sealed 4. Contact Rating 12 = 12A **only available with 1 pole relays 16 = 16A **only available with 1 pole relays 8 = 8A **only available with 2 pole relays 5. Coil Voltage 5VDC 6VDC 9VDC 12VDC 24VDC 48VDC 6. Coil Power .41 = .41W J114FL 1C S 16 12VDC 5.0
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Dimensions
Units = mm
Schematics & PC Layouts
Bottom Views
Specifications and availability subject to change without notice.
1A (12A) www.citrelay.com
phone - 763.535.2339
1C (12A)
1A (16A)
1C (16A)
2A (8A)
2C (8A)
fax - 763.535.2194


▲Up To Search▲   

 
Price & Availability of J114FL1AS129VDC41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X