Part Number Hot Search : 
0UP20D 1000F TNCQ6F SS9011 TC2500R A6277SA 00A01 FRD2815
Product Description
Full Text Search
 

To Download J109F1AS612VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
E197851
22.3 x 17.3 x 14.5 mm
J109F
Features
* * * *
UL F class rated standard Small size and light weight PC board mounting UL/CUL certified
Contact Data
Contact Arrangement 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT Contact Rating
Specifications and availability subject to change without notice.
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
< 50 milliohms initial AgSnO2 336W 380VAC, 110VDC 20A
6A @ 300VAC & 28VDC 10A @ 125/240VAC & 28VDC 12A @ 125VAC & 28VDC 1/3hp - 120/240VAC
Coil Data
Coil Voltage VDC Coil Resistance +/- 10% Pick Up Voltage Release Voltage VDC (max) VDC (min) 75% of rated voltage 2.25 3.75 4.50 6.75 9.00 13.50 18.00 36.00 10% of rated voltage .3 .5 .6 .9 1.2 1.8 2.4 4.8 .36 .45 .50 .80 Coil Power W Operate Time ms Release Time ms
Rated 3 5 6 9 12 18 24
Max 3.9 6.5 7.8 11.7 15.6 23.4 31.2 62.4
.36W 25 70 100 225 400 900 1600 6400
.45W 20 56 80 180 320 720 1280 5120
.50W 18 50 72 162 288 648 1152 4608
.80W 11 31 45 101 180 405 720 2880
7
4
Dimensions shown in mm. Dimensions are shown for reference purposes only.
48
General Data
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min. @ 500VDC 2500V rms min. @ sea level 1000V rms min. @ sea level 100m/s2 for 11 ms 1.50mm double amplitude 10~40Hz 10N -55oC to +125oC -55oC to +155oC 260oC for 5 s 11g www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
Caution 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
J109F
Ordering Information
1. Series J109F 2. Contact Arrangement 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 3. Sealing Option S = Sealed 4. Contact Rating 6 = 6A 10 = 10A 12 = 12A
Dimensions shown in mm. Dimensions are shown for reference purposes only.
J109F
1C
S
6
24VDC
.45
5. Coil Voltage 3VDC 5VDC 6VDC 9VDC 12VDC 18VDC 24VDC 48VDC 6. Coil Power .36 = .36W .45 = .45W .50 = .50W .80 = .80W
Dimensions
Units = mm
Specifications and availability subject to change without notice.
Schematics & PC Layouts
Bottom Views
1A www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
1B
1C


▲Up To Search▲   

 
Price & Availability of J109F1AS612VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X