Part Number Hot Search : 
DTC144WS 0110J503 SEMIX HPR109WH MPL031 N2907A N2907A MT6L61AE
Product Description
Full Text Search
 

To Download IXFH32N50Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFETTM Power MOSFETs Q-Class
IXFH 32N50Q IXFT 32N50Q
VDSS
ID25
RDS(on)
500 V 32 A 0.16 500 V 32 A 0.16
trr 250 ns
N-Channel Enhancement Mode Avalanche Rated, Low Qg, High dv/dt
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL Md Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 M Continuous Transient TC = 25C TC = 25C; pulse width limited by TJM TC = 25C TC = 25C IS IDM, di/dt 100 A/s, VDD VDSS, TJ 150C, RG = 2 TC = 25C
Maximum Ratings 500 500 20 30 32 128 32 45 1500 5 416 -55 ... + 150 150 -55 ... + 150 V V V V A A A mJ mJ V/ns W C C C C Nm/lb.in. g g
TO-247 AD (IXFH)
(TAB)
TO-268 (D3) ( IXFT)
G
S
(TAB)
G = Gate S = Source
D = Drain TAB = Drain
1.6 mm (0.063 in) from case for 10 s Mounting torque TO-247 TO-268
300 1.13/10 6 4
Features IXYS advanced low Qg process Low gate charge and capacitances - easier to drive - faster switching International standard packages Low RDS (on) Unclamped Inductive Switching (UIS) rated Molding epoxies meet UL 94 V-0 flammability classification Advantages Easy to mount Space savings High power density
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 500 2.5 4.5 100 TJ = 25C TJ = 125C 100 1 0.16 V V nA A mA
VDSS VGS(th) IGSS IDSS RDS(on)
VGS = 0 V, ID = 250 uA VDS = VGS, ID = 4 mA VGS = 20 VDC, VDS = 0 VDS = VDSS VGS = 0 V VGS = 10 V, ID = 0.5 ID25 Note 1
(c) 2004 IXYS All rights reserved
DS98596E(02/04)
IXFH 32N50Q IXFT 32N50Q
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 18 28 3950 4925 VGS = 0 V, VDS = 25 V, f = 1 MHz 640 210 35 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 RG = 2 (External), 42 75 20 153 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 26 85 800 260 45 50 95 25 190 32 105 0.30 (TO-247) 0.25 S pF pF pF ns ns ns ns nC nC nC K/W K/W
Dim. A A1 A2 b b1 b2 C D E e L L1 P Q R S Millimeter Min. Max. 4.7 2.2 2.2 1.0 1.65 2.87 .4 20.80 15.75 5.20 19.81 3.55 5.89 4.32 6.15 5.3 2.54 2.6 1.4 2.13 3.12 .8 21.46 16.26 5.72 20.32 4.50 3.65 6.40 5.49 BSC Inches Min. Max. .185 .087 .059 .040 .065 .113 .016 .819 .610 0.205 .780 .140 0.232 .170 242 .209 .102 .098 .055 .084 .123 .031 .845 .640 0.225 .800 .177 .144 0.252 .216 BSC
1 2 3
TO-247 AD (IXFH) Outline
gfs Ciss Coss Crss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS = 10 V; ID = 0.5 * ID25, Note 1
Terminals: 1 - Gate 2 - Drain 3 - Source Tab - Drain
Source-Drain Diode Symbol IS ISM VSD trr QRM IRM Test Conditions VGS = 0 V
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 32 128 1.5 250 A A V ns C A
TO-268 Outline
Repetitive; pulse width limited by TJM IF = IS, VGS = 0 V, Note 1
IF = IS, -di/dt = 100 A/s, VR = 100 V
0.75 7.5
Note 1: Pulse test, t 300 s, duty cycle d 2 %
Terminals: 1 - Gate 3 - Source 2 - Drain Tab - Drain
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665 6,534,343 6,583,505
IXFH 32N50Q IXFT 32N50Q
Figure 1. Output Characteristics at 25OC
80 70 60
TJ = 25OC VGS=10V 9V 8V 7V 6V
Figure 2. Output Characteristics at 125OC
50
TJ = 125OC VGS= 9V 8V 7V
6V
40
ID - Amperes
50 40 30 20 10 0
ID - Amperes
30
5V
20 10
4V
5V
0
4
8
12
16
20
0
0
4
8
12
16
20
VDS - Volts
VDS - Volts
Figure 3. RDS(on) normalized to 15A/25OC vs. ID
2.8
VGS = 10V
Figure 4. RDS(on) normalized to 15A/25OC vs. TJ
2.8
VGS = 10V
RDS(ON) - Normalized
Tj=1250 C
RDS(ON) - Normalized
2.4 2.0 1.6
2.4
ID = 32A
2.0 1.6 1.2 0.8 25
ID = 16A
Tj=250 C
1.2 0.8
0
10
20
30
40
50
60
50
75
100
125
150
ID - Amperes
TJ - Degrees C
Figure 5. Drain Current vs. Case Temperature
40 IXF_32N50Q 32
Figure 6. Admittance Curves
50 40
ID - Amperes
24 16 8 0
ID - Amperes
IXF_30N50Q
30 20 10 0
TJ = 125oC TJ = 25oC
-50
-25
0
25
50
75
100 125 150
2
3
4
5
6
TC - Degrees C
VGS - Volts
(c) 2004 IXYS All rights reserved
IXFH 32N50Q IXFT 32N50Q
Figure 7. Gate Charge
14 12 10
Vds=300V ID=16A IG=10mA
Figure 8. Capacitance Curves
10000
Ciss
F = 1MHz
8 6 4 2 0 0 50 100 150 200 250
Capacitance - pF
VGS - Volts
1000
Coss
Crss
100
0
5
10
15
20
25
Gate Charge - nC
Figure 9. Forward Voltage Drop of the Intrinsic Diode
100
VGS= 0V
VDS - Volts
80
ID - Amperes
60 40 20
TJ=25OC TJ=125OC
0
0.4
0.6
0.8
1.0
1.2
VSD - Volts
Figure 10. Transient Thermal Resistance
0.40 0.20
R(th)JC - K/W
0.10 0.08 0.06 0.04 0.02
0.01 -3 10-2 IXYS reserves10 right to change limits, test conditions, and dimensions. the
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents:
10-1
100
101
4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665 6,534,343 6,583,505


▲Up To Search▲   

 
Price & Availability of IXFH32N50Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X