Part Number Hot Search : 
KP7010 S5KC20R ES51988 RF331506 EL5181 M54HC 25X16A TN254007
Product Description
Full Text Search
 

To Download HD151TS302RP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD151TS302RP
Spread Spectrum Clock for EMI Solution
REJ03D0810-0600 (Previous: ADE-205-655E) Rev.6.00 Apr 07, 2006
Description
The HD151TS302 is a high-performance Spread Spectrum Clock modulator. It is suitable for low EMI solution.
Features
* * * *
* * *
Supports 10 MHz to 60 MHz operations. (Designed for XIN = 24 MHz and 48 MHz) 1 copy of clock out with spread spectrum modulation @3.3 V 1 copy of reference clock @3.3 V Programmable spread spectrum modulation (-0.5%, -1.0%, -3.0% down spread modulation and spread spectrum disable mode.) SOP-8pin Pin to pin compatible with HD151TS301RP Ordering Information
Part Name Package Type SOP-8 pin (JEDEC) Package Code (Previous code) PRSP0008DD-C (FP-8DCV) RP Package Abbreviation Taping Abbreviation (Quantity) EL (2,500 pcs / Reel)
HD151TS302RPEL
Key Specifications
* * * * Supply voltages: VDD = 3.3 V0.165 V Ta = 0 to 70C operating range Clock output duty cycle = 505% Cycle to cycle jitter = 250 ps typ.
Rev.6.00 Apr 07, 2006 page 1 of 9
HD151TS302RP
Block Diagram
VDD GND
CLKOUT XIN OSC XOUT R = 1 M 1/n SSC Modulator SEL0 1/m Synthesizer SSCCLKOUT
R = 100 k
Mode Control
SEL1
R = 100 k
Pin Arrangement
SSCCLKOUT
1
8
SEL1
VDD
2
7
CLKOUT
GND
3
6
SEL0
XIN
4
5
XOUT
(Top view)
SSC Function Table
SEL1 :0 Spread Percentage 00 -1.0% 01 -3.0% 10 SSC OFF 11 -0.5% Note: -3.0% SSC is selected for default by internal pull-up & down resistors.
Rev.6.00 Apr 07, 2006 page 2 of 9
HD151TS302RP
Clock Frequency Table
XIN (MHz) 48 24 SSCCLKOUT (MHz) 48*1 24*1 CLKOUT (MHz) 48*2 24*2
Notes: 1. With spread spectrum modulation. 2. Without spread spectrum modulation.
Pin Descriptions
Pin name GND VDD CLKOUT SSCCLKOUT XIN XOUT SEL0 SEL1 3 2 7 1 4 5 6 8 No. Type Ground Power Output Output Input Output Input Input Description GND pin Power supplies pin. Normally 3.3 V. Normally 3.3 V reference clock output. Spread spectrum modulated clock output. Oscillator input. Oscillator output. SSC mode select pin. LVCMOS level input. Pull-up by internal resistor. (100 k). SSC mode select pin. LVCMOS level input. Pull-down by internal resistor (100 k).
Absolute Maximum Ratings
Item Supply voltage Input voltage Output voltage *1 Input clamp current Output clamp current Continuous output current Maximum power dissipation at Ta = 55C (in still air) Storage temperature Notes: Symbol VDD VI VO IIK IOK IO Ratings -0.5 to 4.6 -0.5 to 4.6 -0.5 to VDD+0.5 -50 -50 50 0.7 Tstg -65 to +150 Unit V V V mA mA mA W C Conditions
VI < 0 VO < 0 VO = 0 to VDD
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. 1. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
Recommended Operating Conditions
Item Supply voltage DC input signal voltage High level input voltage Low level input voltage Operating temperature Input clock duty cycle Symbol VDD VIH VIL Ta Min 3.135 -0.3 2.0 -0.3 0 45 Typ 3.3 -- -- -- -- 50 Max 3.465 VDD+0.3 VDD+0.3 0.8 70 55 Unit V V V V C % Conditions
Rev.6.00 Apr 07, 2006 page 3 of 9
HD151TS302RP
DC Electrical Characteristics
Ta = 0 to 70C, VDD = 3.3 V5%
Item Input low voltage Input high voltage Input current Symbol VIL VIH II Min -- 2.0 -- -- Input slew rate Input capacitance Operating current 1 -- -- Typ -- -- -- -- -- -- 7 Max 0.8 -- 10 100 4 4 -- V / ns pF mA Unit V V A Test Conditions
VI = 0 V or 3.465 V, VDD = 3.465 V, XIN pin VI = 0 V or 3.465 V, VDD = 3.465 V, SEL0, SEL1 pins 20% - 80% SEL0, SEL1 XIN = 24 MHz, CL = 0 pF, VDD = 3.3 V
CI
DC Electrical Characteristics / Clock Output & SSC Clock Output
Ta = 0 to 70C, VDD = 3.3 V5%
Item Output voltage Output current *1 Note: Symbol VOH VOL IOH IOL Min 3.1 -- -- -- Typ -- -- -40 40 Max -- 50 -- -- Unit V mV mA Test Conditions IOH = -1 mA, VDD = 3.3 V IOL = 1 mA, VDD = 3.3 V VOH = 1.5 V VOL = 1.5 V
1. Parameters are target of design. Not 100% tested in production.
Rev.6.00 Apr 07, 2006 page 4 of 9
HD151TS302RP
AC Electrical Characteristics / Clock Output & SSC Clock Output
Ta = 25C, VDD = 3.3 V, CL = 30 pF
Item *1, 2 Cycle to cycle jitter Symbol tCCS Min -- -- -- -- -- -- -- Typ | 250 | | 250 | | 250 | | 250 | | 250 | | 250 | | 250 | Max | 300 | | 300 | | 300 | | 300 | | 300 | | 300 | | 300 | Unit Test Conditions SSCCLKOUT, 24 MHz SSCCLKOUT, 48 MHz SSCCLKOUT, 24 MHz SSCCLKOUT, 48 MHz SSCCLKOUT, 24 MHz SSCCLKOUT, 48 MHz CLKOUT, 24 MHz & 48 MHz SSCCLKOUT, XIN = 24 MHz SSCCLKOUT, XIN = 48 MHz SSCCLKOUT, XIN = 24 MHz SSCCLKOUT, XIN = 48 MHz SSCCLKOUT, XIN = 24 MHz SSCCLKOUT, XIN = 48 MHz CLKOUT, 24 MHz CLKOUT, 48 MHz @48 MHz CLKOUT Notes SSCOFF SEL1:0 = 10 Fig1 SSC = -0.5% SEL1:0 = 11 Figure 1 SSC = -3.0% SEL1:0 = 01 Figure 1 Figure 1
Output frequency
*1, 2
23.8 47.3 23.7 47.0 23.1 45.9 23.8 47.3
-- -- -- -- -- -- -- --
24.2 48.7 24.2 48.7 24.2 48.7 24.2 48.7
MHz
SSCOFF SEL1:0 = 10
SSC = -0.5% SEL1:0 = 11
SSC = -3.0% SEL1:0 = 01
Slew rate tSL 1.0 -- -- V/ns 0.4 V to 2.4 V *1 Clock duty cycle 45 50 55 % *1 Output impedance -- 30 -- -- 33 -- KHz @48 MHz Spread spectrum *1 SSCCLKOUT modulation frequency Input clock frequency 10 -- 60 MHz *1,3 Stabilization time -- -- 2 ms Notes: 1. Parameters are target of design. Not 100% tested in production. 2. Cycle to cycle jitter and output frequency are included spread spectrum modulation. 3. Stabilization time is the time required for the integrated circuit to obtain phase lock of its input signal after power up.
*1
SSCCLKOUT (or CLKOUT) tcycle n tcycle n+1
t CCS = (tcycle n) - (tcycle n+1)
Figure 1 Cycle to cycle jitter
Rev.6.00 Apr 07, 2006 page 5 of 9
HD151TS302RP
Application Information
1. Recommended Circuit Configuration The power supply circuit of the optimal performance on the application of a system should refer to Fig. 2. VDD decoupling is important to both reduce Jitter and EMI radiation. The C1 decoupling capacitor should be placed as close to the VDD pin as possible, otherwise the increased trace inductance will negate its decoupling capability. The C2 decoupling capacitor shown should be a tantalum type.
R1 SSCCLKOUT 1 8 SEL1 R2 VDD C2 C1 3 6 SEL0 2 7 CLKOUT
TS300 Series
GND GND 4 GND XIN (Crystal or Reference input) XOUT (Crystal or Not connection) 5
Notes:
C1 = High frequency supply decoupling capacitor. (0.1 F recommended) C2 = Low frequency supply decoupling capacitor. (22 F tantalum type recommended) R1, R2 = Match value to line impedance. (22 Reference value) Figure 2 Recommended circuit configuration
Rev.6.00 Apr 07, 2006 page 6 of 9
HD151TS302RP 2. Example Board Layout Configuration
VDD (+3.3 V Supply)
P FB
22 F
G
R1 SSCCLKOUT 0.1 F
G
1
8 R2 7 CLKOUT
G
3
6
4
5
Crystal connection or Reference input Note:
Crystal connection or Not connection
G Via to GND plane R1, R2 = Match value to line impedance. (22 Reference value) FB = Ferrite bead.
Figure 3 Example Board Layout
Rev.6.00 Apr 07, 2006 page 7 of 9
HD151TS302RP 3. Example of TS300 EMI Solution IC's Application
Spread Spectrum Modulated Clock XTAL Memory TS30X SSC CLKOUT Ref. Clock 3.3 V CMOS level ref. Clock CPU & ASIC
System BUS
XIN XOUT
Graphics System Cont.
Figure 4 Ref. Clock Input Example
Spread Spectrum Modulated Clock Memory TS30X SSC CLKOUT CPU & ASIC
System BUS
XIN XTAL XOUT
Graphics System Cont.
Figure 5 XTAL Ref. Clock Input Example
Rev.6.00 Apr 07, 2006 page 8 of 9
HD151TS302RP
Package Dimensions
JEITA Package Code P-SOP8-3.95x4.9-1.27 RENESAS Code PRSP0008DD-C Previous Code FP-8DCV MASS[Typ.] 0.085g
*1
D 5
F
8
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE E
*2
Index mark
Terminal cross section ( Ni/Pd/Au plating )
1 Z e 4
*3
c
Reference Symbol
Dimension in Millimeters
bp
x
M L1
A1
L
y
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 4.90 5.30 3.95 0.10 0.14 0.25 1.75 0.34 0.40 0.46 0.15 0.20 0.25 0 8 5.80 6.10 6.20 1.27 0.25 0.10 0.75 0.40 0.60 1.27 1.08
Rev.6.00 Apr 07, 2006 page 9 of 9
A
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of HD151TS302RP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X