Part Number Hot Search : 
01700 B44066 TIP35 C291M BZT52C5 BTS41 CW7808 38510
Product Description
Full Text Search
 

To Download FPLA544G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. WWW.CONWIN.COM
PRODUCT
D AT A
SHEET
CRYSTAL CONTROLLED OSCILLATORS SURFACE MOUNT 3.3V LVPECL CLOCK
CW 0629 FPLA544G 155.52M
FPLA544G
ABSOLUTE M AXIMUM RATING S
PARAMETER Storage Temperature Supply Voltage (Vcc) UNITS MINIMUM -55 -0.5 NOMINAL MAXIMUM 125 7.0 UNITS C Vdc TABLE 2.0 MINIMUM (Fo) 44.736 -20 0 3.135 NOMINAL 3.3 MAXIMUM 200 20 70 3.465 60 5 1 UNITS MHz ppm C Vdc mA pS RMS pS RMS NOTE 1 TABLE 1.0 NOTE
DESCRIPTION
OPERATING SPECIFIC ATIONS
PARAMETER Center Frequency Total Frequency Tolerance Operating Temperature Range Supply Voltage Supply Current Jitter (BW=10Hz to 20MHz) Jitter (BW=12kHz to 20MHz)
(Vcc) (Icc)
The Connor-Winfield FPLA544G is a fixed frequency, surface mount Crystal Controlled Oscillator (XO) designed for applications requiring low jitter and a 20ppm overall stability. Operating at 3.3V supply voltage, the FPLA544G provides LVPECL Differential Outputs with enable/disable function.
INPUT CHARACTERISTICS
PARAMETER Disable Input Voltage (High) Enable Input Voltage (Low) (Vih) (Vil) MINIMUM 2.275 NOMINAL
TABLE 3.0
-
MAXIMUM 1.68
UNITS Vdc Vdc
NOTE 2 2 TABLE 4.0
FEATURES 3.3V OPERATION LVPECL DIFFERENTIAL OUTPUTS OVERALL FREQUENCY TOLERANCE: 20PPM TEMPERATURE RANGE: 0 to 70C
LVPECL OUTPUT CHARACTERISTICS
PARAMETER LOAD Voltage (High) (Low) Duty Cycle Rise / Fall Time 20% to 80% MINIMUM 2.275 45 NOMINAL 50 MAXIMUM 50 1.68 55 1 UNITS Ohms Vdc Vdc % nS
NOTE 3
(Voh) (Vol)
4
LOW JITTER <1pS RMS ENABLE/DISABLE FUNCTION
PACKAG E CHARACTERISTICS
Package
TABLE 5.0 Non-hermetic package consisting of an FR4 substrate with grounded metal cover. TABLE 6.0 See solder profile page 2. Ultrasonic cleaning is not recommended.
SURFACE MOUNT PACKAGE TAPE AND REEL PACKAGING RoHS COMPLIANT / LEAD FREE
PROCESS RECOMMENDATIONS
Soldering Process Wash
Notes 1) Includes initial tolerance, deviation over temperature, supply and load variations, shock, vibration and 10 years aging. 2) When the oscillator is disabled, the true output is in a low state (Vol) and the complementary output is in the high state (VoH). 3) Output must be terminated into 50 ohms to Vcc - 2V or Thevenin equivalent. 4) Duty Cycle measured at 1.977V
ORDERING INFORMATION
FPLA544G - 155.52MHz
LVPECL CLOCK SERIES CENTER FREQUENCY
Specifications subject to change without notice. DATA SHEET #: Ec239 PAGE 1 OF 2 REV: 00 DATE: 07/17/06
aCopyright 2001 Connor-Winfield all rights reserved.
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. www.conwin.com WWW.CONWIN.COM
PRODUCT
D AT A
SHEET
CRYSTAL CONTROLLED OSCILLATORS
Package Layout Pin Connections
Pin 1 2 3 4 5 6 7 8 9 10
Dimensional Tolerance: .005" (.127mm)
Connection N/C Enable / Disable N/C Ground N/C Q Output Q Output N/C Vcc N/C
CW DATE CODE FPLA544G 155.52M
Output Waveform
Suggested Pad Layout
"1" LEVEL
"0" LEVEL
Test Circuit
Temperature 260C 220C
Solder Profile
260C
Q
180C 150C 120C
Q
ENABLE/ DISABLE
0 120 S Max. Time 10 S 60 S Max. 360 Sec. Max.
Specifications subject to change without notice. DATA SHEET #: Ec239 PAGE 2 OF 2 REV: 00 DATE: 07/17/06
aCopyright 2001 Connor-Winfield all rights reserved.


▲Up To Search▲   

 
Price & Availability of FPLA544G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X