Part Number Hot Search : 
SP486E DA156 2SJ492 4S640 356HF6 EBSC100 P4SMAJ17 AO4802L
Product Description
Full Text Search
 

To Download FPLA541-15552M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 581-5040. PHONE (630) 851-4722. www.conwin.com
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS SURFACE MOUNT 3.3V LVPECL CLOCK
ABSOLUTE MAXIMUM RATINGS
PARAMETER Storage Temperature Supply Voltage (Vcc) UNITS MINIMUM -40 -0.5 NOMINAL MAXIMUM 85 7.0 UNITS C Vdc TABLE 2.0 MINIMUM (Fo) 44.736 -20 0 3.135 NOMINAL 3.3 MAXIMUM 200 20 70 3.465 60 5 1 UNITS MHz ppm C Vdc mA pS RMS pS RMS NOTE 1 TABLE 1.0 NOTE
FPLA541
DESCRIPTION
OPERATING SPECIFICATIONS
PARAMETER Center Frequency Total Frequency Tolerance Operating Temperature Range Supply Voltage Supply Current Jitter (BW=10Hz to 20MHz) Jitter (BW=12kHz to 20MHz)
(Vcc) (Icc)
LVPECL OUTPUT CHARACTERISTICS
PARAMETER LOAD Voltage (High) (Low) Duty Cycle Rise / Fall Time 20% to 80% MINIMUM 2.275 45 NOMINAL 50 MAXIMUM 50 1.68 55 1 UNITS Ohms Vdc Vdc % nS
The Connor-Winfield FPLA541 is a fixed frequency, surface mount Crystal Controlled Oscillator (XO) designed for applications requiring low jitter and a 20ppm overall stability. Operating at 3.3V supply voltage, the FPLA541 provides LVPECL
TABLE 3.0 NOTE 2
(Voh) (Vol)
3
FEATURES
PACKAGE CHARACTERISTICS
Package
TABLE 4.0 Non-hermetic package consisting of an FR4 subs trate with grounded metal cover.
3.3V OPERATION LOW JITTER <1pS RMS OVERALL FREQUENCY TOLERANCE 20PPM
PROCESS RECOMMENDATIONS
Solder Reflow
Wash
TABLE 5.0 The component solder used internal to this device has a melting point of 221C. The peak temperature inside the device should be less t han or equal to 220C for a maximum of 10 seconds Ultrasonic cleaning is not recommended.
SURFACE MOUNT PACKAGE TAPE AND REEL PACKAGING
Notes 1) Includes initial tolerance, deviation over temperature, supply and load variations, shock, vibration and 10 years aging. 2) Output must be terminated into 50 ohms to Vcc - 2V or Thevenin equivalent. 3) Duty Cycle measured at 1.977V
ORDERING INFORMATION
FPLA541 - 155.52MHz
CLOCK SERIES CENTER FREQUENCY
Specifications subject to change without notice. DATA SHEET #: Ec127 PAGE 1 OF 2 REV: 04 DATE: 7/24/03
aCopyright 2001 Connor-Winfield all rights reserved.
CW 0107 FPLA541 155.52M
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 581-5040. PHONE (630) 851-4722. www.conwin.com
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS
PIN 1 2 3 4 5 6 7 8 9 10 CONNECTION N/C N/C N/C GROUND N/C Q OUTPUT Q OUTPUT N/C Vcc N/C
CW DATE CODE FPLA541 155.52M
OUTPUT WAVEFORM
SUGGESTED PAD LAYOUT
"1" LEVEL
"0" LEVEL
Specifications subject to change without notice. DATA SHEET #: Ec127 PAGE 2 OF 2 REV: 04 DATE: 7/24/03
aCopyright 2001 Connor-Winfield all rights reserved.


▲Up To Search▲   

 
Price & Availability of FPLA541-15552M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X