Part Number Hot Search : 
MC14566 74LVCH 4000B Z5232 2SJ655 AD412 63940 DDZ31
Product Description
Full Text Search
 

To Download FL201212-100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com
Multi-layers Chip Inductors--FL2012 (0805) series--Standard Ferrite
A. Electrical specifications:
Part No.
FL201209-47NM FL201209-68NM FL201209-R10K FL201209-R12K FL201209-R15K FL201209-R18K FL201209-R22K FL201209-R27K FL201209-R33K FL201209-R39K FL201209-R47K FL201209-R56K FL201209-R68K FL201209-R82K FL201209-1R0K FL201209-1R2K FL201209-1R5K FL201209-1R8K FL201209-2R2K FL201212-2R7K FL201212-3R3K FL201212-3R9K FL201212-4R7K FL201212-5R6K FL201212-6R8K FL201212-8R2K FL201212-100K
L (uH)
0.047 0.068 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10
Q Min.
15 15 20 20 20 20 20 20 20 25 25 25 25 25 45 45 45 45 45 45 45 45 45 50 50 50 50
Test Freq. (MHz)
50 50 25 25 25 25 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 4 4 4 2
SRF min. (MHz)
320 280 235 220 200 185 170 150 145 135 125 115 105 100 75 65 60 55 50 45 41 38 35 32 29 26 24
DCR Max ( )
0.20 0.20 0.30 0.30 0.40 0.40 0.50 0.50 0.55 0.65 0.65 0.75 0.80 1.00 0.40 0.50 0.50 0.60 0.65 0.75 0.80 0.90 1.00 0.90 1.00 1.10 1.15
I rms. (mA)
300 300 250 250 250 250 250 250 250 200 200 150 150 150 50 50 50 50 30 30 30 30 30 15 15 15 15
B.
Dimensions: [Unit: mm /(inch)]
P/N & Package Size
FL201209 (0805) FL201212 (0805)
A
2.0 0.2 (0.079 0.008) 2.0 0.2 (0.079 0.008)
B
1.2 0.2 (0.047 0.008) 1.2 0.2 (0.047 0.008)
C
0.9 0.2 (0.035 0.008) 1.2 0.2 (0.047 0.008)
D
0.5 0.3 (0.020 0.012) 0.5 0.3 (0.020 0.012)
C.
Part Number Key & Mechanical drawing:
D.
Features:
1. 2. 3. 4. 5. 6. 7. 8. TOLERANCE: M: 20%, L: 15%, K: 10%. The product's material: Ferrite. No cross coupling between inductors due to magnetic shield. Ideal for high-density installation. Superior Q characteristics guaranteed over the wide frequency and allow high frequency application. The completely monolithic structure gives high reliability and allows high SRF. Operating temperature range: -25C to +85C. Both flow and IR re-flow application are possible. Inductance Range: *FL2012 (0805) Series: Multi-layer Ferrite Chip Inductor, from 0.047 uH (300mA) to 10.0 uH (15mA)
9.
RoHS compliant.
Rev. A Jan. 01, 2006. Page: 1 of 1
Multi-layer chip inductor: P/N FL2012 (0805)-series


▲Up To Search▲   

 
Price & Availability of FL201212-100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X