Part Number Hot Search : 
32768 1029489 T090312 TEA1045 00035 HCS161K 4ADTR SR100
Product Description
Full Text Search
 

To Download F254 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HcMOS 32.768kHz 4x2.5mm SMD Oscillator
Model: F254
Page 1 of 2
RoHS compliant / Pb Free
Rev. 6/26/2008
http://www.foxonline.com/need_a_sample.htm
FEATURES
* * * * Tight Stability HCMOS Output Operable 1.3V ~ 5.5V Tape and Reel (1,000 pcs. STD)
4 .0 0 .2 #4 #3 2 .5 0 .2 #1 #2
Frequency Operating Frequency Model Stability Temperature (C) (kHz) Number -120 ~ +10 PPM -40 ~ +85 32.768 F254
* PART nUMbER SElEcTiOn Learn More - Internet Required
Part Number 784-Frequency-xxxxx
* ElEcTRicAl cHARAcTERiSTicS
PARAMETERS
Frequency Range (Fo) Temperature Range Operating (Topr) Storage (Tstg) Frequency Tolerance (Vdd = 3.3V @ 25C) Frequency Stability Over Temperature Range (-20C ~ +70C: ref @ 25C) Supply Voltage (Vdd) Input Current Symmetry Rise Time Fall Time Standby Current Output Voltage Output Load Start-up Time (Idd) (50% Vdd) (Tr) (Tf) (Ist) (Vol) (Voh) (HCMOS) (Ts)
(Vdd = 1.3V ~ 5.5V, -40C ~ +85C)
MAX (unless otherwise noted)
32.768 kHz -40C ~ +85C -55C ~ +125C +520 PPM
0 .9 0 .1
-120 ~ +10 PPM 3.3V 10% (+1.3V ~ +5.5V operable) 1.5 A 40/60% 200nS 200nS 250nA 0.4V Vdd -0.4V Min 15pF 1S 260C x 10 Seconds 1 Au
0 .9
#1
#5 #6
#2
0 .65 1 .0
#4 2 .0
#3 0 .9
R e co m m en d ed S o ld er P ad L a yo u t 1 .1
Reflow Soldering Temp Moisture Sensitivity Level (MSL) Termination Finish
1
If Enable/Disable function is not used, please pull Pin 1 to a high potential. Drawing is for reference to critical specifications defined by size measurements. Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary. All specifications subject to change without notice.
1 .8
3 .0
All dimensions are in millimeters.
Pin connection
#1 E/D #2 GND #5 NC #3 Output #4 Vdd #6 NC
* EnAblE / DiSAblE FUncTiOn OUTPUT (Pin 3) (Pin 1) ACTIVE1 '1' Level Vih 90% Vdd High Z '0' Level Vil 10% Vdd
FOXElectronics
5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486 | Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
HcMOS 32.768kHz 4x2.5 SMD Oscillator
Model: F254
Page 2 of 2
RoHS compliant / Pb Free
Rev. 6/26/2008
http://www.foxonline.com/need_a_sample.htm
* TAPE SPEciFicATiOnS (millimeters)
MODEl F254 b c A 1.5 4.0 4.0
* REEl SPEciFicATiOnS (millimeters)
G i J K lM H 2.0 13 21 80 178 13.0 1.5
D E F STD Reel QTY MODEl F254 5.5 12.0 1.3 1,000
FOXElectronics
5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486 | Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
19


▲Up To Search▲   

 
Price & Availability of F254

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X