Part Number Hot Search : 
7D1DP30Q 153KL IDT74 EGP20G UPD030A 74HCT138 GKDA3M8 SNXXX
Product Description
Full Text Search
 

To Download D120505T-2W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D_T-2W Series
2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
multi-country patent protection RoHS
FEATURES Efficiency up to 85% Small Footprint SMD Package Twin Independent Output Industry Standard Pinout No Heat sink Required 1KVDC Isolation High Power Density Temperature Range: -40C to +85C No External Component Required Internal SMD construction RoHS Compliance
PRODUCT PROGRAM
Input Part Number D050505T-2W D050909T-2W * D051212T-2W * D051515T-2W * D120505T-2W D120909T-2W * D121212T-2W * D121515T-2W * 12 10.8-13.2 5 4.5-5.5 Voltage (VDC) Nominal Range Voltage (VDC) 5 9 12 15 5 9 12 15 Output Current (mA) Max 200 112 84 67 200 112 84 67 Min 20 12 9 7 20 12 9 7 82 83 84 85 82 83 84 85 SMD SMD SMD SMD SMD SMD SMD SMD Efficiency (%, Typ) Package Style
APPLICATIONS
The D_T-2W Series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation 10%); 2) Where isolation is necessary between input and output (isolation voltage 1000VDC); 3) Where the regulation of the output voltage and the output ripple and noise are not demanding. Such as: purely digital circuits, ordinary low frequency analog circuits and IGBT power device driven circuits, etc. Isolation capacitance Isolation resistance Isolation voltage
Designing. Note: The D_T-1W series also are available in our company.
ISOLATION SPECIFICATIONS
Item Test condition Min Typ Max Units VDC Tested for 1 minute and 1 mA max(Vin/Vout) 1000 Tested for 1 minute and 1 mA max(Vo1/Vo2) 1000 Test at 500VDC(Vin/Vout) Test at 500VDC(Vo1/Vo2) (Vin/Vout) (Vo1/Vo2) 1000 1000 60 60 pF M
OUTPUT SPECIFICATIONS
MODEL SELECTION D050505T-2W
Rated Power Package Style The 2nd Output Voltage The 1st Output Voltage Input Voltage Product Series
Item Output power Line regulation For Vin change of 1% 10% to 100% full load(5V Output) Load regulation 10% to 100% full load(9V Output) 10% to 100% full load(12V Output) 10% to 100% full load(15V Output) Output voltage accuracy See tolerance envelope graph MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax:86-20-38601272 Http://www.mornsun-power.com
Test condition
Min 0.2
Typ
Max 2 1.2
Units W
12.8 8.3 6.8 6.0
15 10 10 10 %
Temperature drift Ripple & Noise Switching frequency
100% full load 20MHz Bandwidth Full load, nominal input 75 100
0.03 150
%/C mVp-p KHz
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. See below recommended circuits for more details.
MORNSUN reserves the copyright
Specifications subject to change without notice.
D_T-2W
A/0-2008
Page 1 of 2
COMMON SPECIFICATIONS
Item Storage humidity Operating temperature Storage temperature Temp. rise at full load Lead temperature Short circuit protection* Cooling package material MTBF Weight
*Supply voltage must be discontinued at the end of short circuit duration.
APPLICATION NOTE
Min Typ Max 95 -40 -55 15 85 125 25 260 1 Free air convection Plastic (UL94-V0) 3500 2.1 K hours g S C Units % Requirement On Output Load To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of DC/DC converter in addition to a maximum load (namely full load). During operation, make sure the specified range of input voltage is not exceeded, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company's products with a lower rated output power (D_T -1W). Recommended testing circuit If you want to further decrease the input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure1).
L L
Test Conditions
1.5mm from case for 10 seconds
TYPICAL CHARECTERISTICS
+Vo1
C
Vin
C
DC DC (Figure 1)
L C
0V1 +Vo2 0V2
GND
It should also be noted that the inductance and the frequency of the "LC" filtering network should be
Ambient Temperature ( C )
staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (TABLE 1)
RECOMMENDED REFLOW SOLDERING PROFILE
250 Te mp eratu r e ( C) 200 150 100 50 0 Time ( sec . ) 90 Sec Ma x ( >220 o C ) 26 0 C
1 0 S ec M ax
o
22 0o C
o
Vin (VDC) 5 12 -
Cin (uF) 4.7 2.2 -
Vout (VDC) 5 9 12 15
Cout (uF) 4.7 2.2 1 0.74
OUTLINE DIMENSIONS& RECOMMENDED FOOTPRINT
First Angle Projection
6.00 (0.236) 5.75 (0.2 2 6) 2.75 (0.10 8) 1.27 (0.05 0) 0.25 (0.01 0)
It's not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
RECOMMENDED FOOTPRINT Top view,grid :2.54mm(0 .1inch)
Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat protection that is
14 13 12
17.78(0.700) 12.70( 0.500)
10 9 8
1413 12
10 9 8
connected to the input or output end in series (Figure2).
Vo1
Vin
REG
0V1
2.0
DC
123 567
GND
DC
REG
Vo2 0V2
123 567 15.24 (0.600) 17.78 (0.700)
1.0
Vo1 0V1
(0.039)
Vin
DC
GND
DC
REG
Vo2 0V2
A 0.25 A 1.30 0.13 (0.051 0.005 )
0.50 (0.02 0)
FOOTPRINT DETAILS Function GND Vin 0V1 Vo1 Vo2 9 10 0V2 Others NC NC:No connection 1 2 5 6
(Figure2) Overload Protection Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. No parallel connection or plug and play.
5. 00
Note: Unit:mm(inch) Pin sectio n:0.60*0.25mm(0.024 *0.010inch) Pin sectio n tolera nces: 0.10mm( 0.004inch) General tolera nces: 0.1 5mm( 0.006 in ch)
MORNSUN reserves the copyright
Specifications subject to change without notice.
D_T-2W
A/0-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of D120505T-2W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X