|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CSDZ-20H-1.6G DIRECTIONAL COUPLER REV: 002, 10/18/06 TECHNICAL DESCRIPTION FEATURES * 1350 - 1850 MHz * LOW LOSS * HIGH DIRECTIVITY * EXCELLENT COUPLING ACCURACY * SURFACE MOUNT APPLICATIONS * JTRS The Multi-Mix(R) CSDZ series provides 20 dB coupling at 1600 MHz. The CSDZ series features accurate coupling factors, low VSWR, and high directivity. Very low insertion loss and high power handling capability make this series ideal for use in base station power amplifiers particularly in the main loop of the feedforward amplifiers. The CSDZ series is also ideal for use in RF sampling networks and control circuitry in high power transmitters. CSDZ directional couplers are based on fusion bonded multilayer stripline structures. The fusion bonding process yields homogeneous monolithic dielectric structures with reliability, ruggedness, and electrical and thermal performance that are superior to conventional adhesive bonding techniques. GENERAL SPECIFICATIONS FREQUENCY RANGE (MHz) 1350 - 1850 INSERTION LOSS (dB MAX) 0.15 MEAN COUPLING (dB) 20 0.6 VSWR (MAX, ALL PORTS) 1.25:1 FREQUENCY SENSITIVITY (dB MAX) DIRECTIVITY ( dB MIN) AVERAGE POWER (WATTS, MAX.) RF INTERFACE OPERATING TEMPERATURE 0.40 15 200 Leadless Surface Mount -55 TO +95 C PACKAGE OUTLINE/ TAPE & REEL ORIENTATION DIRECTION OF FEED .560 [14.224] PORT 2 PORT 1 P 0 P PAD 1 1 K 0 "A" W "A" B0 .350 [8.890] CSDZ-20H-1.6G .040 [1.016] TYP. MARKED SIDE UP PORT 3 .059 [1.499] TYP. PORT 4 .065 [1.651] P P0 A0 B0 K0 1 ENGLISH (in) 1.2598 0.6299 0.1575 0.3598 0.5697 0.0799 METRIC (mm) 32.00 16.00 4.00 9.14 14.47 2.03 W A0 SECTION "A"-"A" THE MULTI-MIX MICROTECHNOLOGY GROUP IS ISO 9001:2000 REGISTERED U.S. Patent 6,099,677 and other Patents Pending. (R) Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com TYPICAL PERFORMANCE CSDZ-20H-1.6G Coupling -18 -18.5 -19 -19.5 (dB) -20 -20.5 -21 -21.5 -22 1350 (dB) 0.50 0.40 0.30 0.20 0.10 0.00 -0.10 -0.20 -0.30 -0.40 1400 1450 1500 1550 1600 1650 1700 1750 1800 1850 -0.50 1350 1400 1450 1500 Insertion Loss 1550 1600 1650 1700 1750 1800 1850 Frequency (MHz) Frequency (MHz) VSWR Directivity Port1 1.3 1.25 1.2 VSWR 1.15 1.1 1.05 1 1350 -50 1350 1400 1450 1500 1550 1600 1650 Frequency (MHz) 1700 1750 1800 1850 1400 1450 1500 1550 1600 1650 1700 1750 1800 1850 -10 -20 (dB) -30 -40 Port2 Port3 Port4 0 Frequency (MHz) MOUNTING CONFIGURATION Ground plane of unit should be soldered to ground plane of circuit board for optimum performance 50 OHM LINE .032 DIELECTRIC THICKNESS ER= 3.38 0.447 [11.35] 0.034 typ. [0.86] 0.351 [8.91] 0.250 [6.35] GROUND VIAS PLATED THRU 0.050 [1.28] 0.0630 [1.60] GROUND PLANE 0.068 [1.73] TRUTH TABLE 1 1 2 3 4 Input Output Isolated Coupled 2 Output Input Coupled Isolated 3 Isolated Coupled Input Output 4 Coupled Isolated Output Input Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com |
Price & Availability of CSDZ-20H-16G |