Part Number Hot Search : 
330M1 P6KE250 74LS22 BRUS5100 DSR1AS1A 330M1 MBR25005 CMZ5364B
Product Description
Full Text Search
 

To Download CSDZ-20H-11G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CSDZ-20H-1.1G
DIRECTIONAL COUPLER
PRELIMINARY REV: 003, 12/02/05
TECHNICAL DESCRIPTION
FEATURES * 920 - 1220 MHz * LOW LOSS * HIGH DIRECTIVITY * EXCELLENT COUPLING ACCURACY * SURFACE MOUNT APPLICATIONS * JTRS
The Multi-Mix(R) CSDZ series provides 20 dB coupling at 1100 MHz. The CSDZ series features accurate coupling factors, low VSWR, and high directivity. Very low insertion loss and high power handling capability make this series ideal for use in base station power amplifiers particularly in the main loop of the feedforward amplifiers. The CSDZ series is also ideal for use in RF sampling networks and control circuitry in high power transmitters. CSDZ directional couplers are based on fusion bonded multilayer stripline structures. The fusion bonding process yields homogeneous monolithic dielectric structures with reliability, ruggedness, and electrical and thermal performance that are superior to conventional adhesive bonding techniques.
GENERAL SPECIFICATIONS
FREQUENCY RANGE (MHz) 960 - 1220 INSERTION LOSS (dB MAX) 0.25 MEAN COUPLING (dB) 20 0.6 VSWR (MAX, ALL PORTS) 1.15:1
FREQUENCY SENSITIVITY (dB MAX)
DIRECTIVITY ( dB MIN)
AVERAGE POWER (WATTS, MAX.)
RF INTERFACE
OPERATING TEMPERATURE
0.30
20
200
Leadless Surface Mount
-55 TO +95 C
PACKAGE OUTLINE/ TAPE & REEL ORIENTATION
DIRECTION OF FEED
.560 [14.224] PORT 2 PORT 1
P 0
P
PAD 1
1
K
0
"A" W
"A" B0
.350 [8.890]
CSDZ-20H-1.1G
.040 [1.016] TYP.
MARKED SIDE UP
PORT 3 .059 [1.499] TYP.
PORT 4 .060 [1.524]
P P0 A0 B0 K0 1 ENGLISH (in) 1.2598 0.6299 0.1575 0.3598 0.5697 0.0799 METRIC (mm) 32.00 16.00 4.00 9.14 14.47 2.03 W
A0 SECTION "A"-"A"
THE MULTI-MIX MICROTECHNOLOGY GROUP IS ISO 9001:2000 REGISTERED
U.S. Patent 6,099,677 and other Patents Pending.
(R)
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com
TYPICAL PERFORMANCE CSDZ-20H-1.1G
Coupling
-18 -18.5 Insertion Loss(dB) -19 Coupling (dB) -19.5 -20 -20.5 -21 -21.5 -22 960 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 960
Insertion Loss
980
1000
1020
1040
1060 1080 1100 1120 Frequency (MHz)
1140
1160
1180
1200
1220
980
1000
1020
1040
1060
1080
1100
1120
1140
1160
1180
1200
1220
Frequency (MHz)
VSWR
Directivity
Port 3 Port 4
0 -5
Port 1
1.3 1.25 1.2 VSWR 1.15 1.1
Port 2
-10 Directivity (dB) -15 -20 -25 -30
1.05 1 960
-35 -40 960
980
1000
1020
1040
1060 1080 1100 1120 Frequency (MHz)
1140
1160
1180
1200
1220
980
1000
1020
1040
1060 1080 1100 1120 Frequency (MHz)
1140
1160
1180
1200
1220
MOUNTING CONFIGURATION
50 OHM LINE .032 DIELECTRIC THICKNESS ER= 3.38 0.447 [11.35] 0.034 typ. [0.86] GROUND VIAS PLATED THRU 0.050 [1.28]
Ground plane of unit should be soldered to ground plane of circuit board for optimum performance
0.351 [8.91]
0.250 [6.35]
0.0630 [1.60] GROUND PLANE 0.068 [1.73]
TRUTH TABLE
1 1 2 3 4 Input Output Isolated Coupled
2 Output Input Coupled Isolated
3 Isolated Coupled Input Output
4 Coupled Isolated Output Input
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com


▲Up To Search▲   

 
Price & Availability of CSDZ-20H-11G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X