Part Number Hot Search : 
6397D5 GP2D150A 11A04 G9091 TS128MCF PMD5001K T5001 HVM100
Product Description
Full Text Search
 

To Download CSDZ-10SH-25G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CSDZ-10SH-2.5G
DIRECTIONAL COUPLER
REV: 001, 12/08/05
TECHNICAL DESCRIPTION
FEATURES * 2.3 - 2.7 GHz * LOW LOSS * LOW VSWR * HIGH POWER * HIGH DIRECTIVITY * SURFACE MOUNT * TAPE & REEL The Multi-Mix(R) CSDZ-SH series provides a 10 dB coupler with low insertion loss, low VSWR, and high directivity. Accurate coupling factors make them ideal for applications involving power amplifiers, signal distribution and processing. CSDZ-SH Directional Couplers are fusion bonded multilayer stripline assemblies. The fusion bonding process yields a homogeneous monolithic dielectric structure with reliability, ruggedness, and electrical performance that is superior to conventional adhesive bonding techniques.
GENERAL SPECIFICATIONS
FREQUENCY RANGE GHz 2.3 - 2.7 MEAN COUPLING INSERTION LOSS (dB MAX) 0.14 VSWR (MAX) 1.17:1 FREQUENCY SENSITIVITY (dB MAX) 0.15
10.1 0.5 dB
DIRECTIVITY (dB, MIN)
INPUT POWER
SIZE (INCHES) 0.56 x 0.20 x 0.064
WEIGHT (OZ./GRAMS) 0.02 / 0.6
RF INTERFACE Surface Mount
OPERATING TEMPERATURE -55 - +95 C
22
150 W
PACKAGE OUTLINE / TAPE & REEL ORIENTATION
DIRECTION OF FEED P 0
PAD 1
K
0
.560 [14.22] PORT 4 .024 [0.61] TYP. PORT 1 .064 [1.63]
W "A" "A" B0
.200 [5.08]
CSDZ-10SH-2.5G
.311 PLATED THRU 2 PLACES [7.90]
PORT 3 .050 [1.27] PORT 2
.062 [1.57] PLATED THRU 4 PLACES
P 1
MARKED SIDE UP
A
0
SECTION "A"-"A" W ENGLISH (in) 0.9449 METRIC (mm) 24.00 P1 0.3150 8.00
P0
0.1575 4.00
A0 0.2150 5.46
B0 0.5752 14.61
K0 0.0850 2.16
THE MULTI-MIX MICROTECHNOLOGY(R) GROUP IS ISO 9001:2000 REGISTERED
U.S. Patent 6,099,677 and other Patents Pending.
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com
TYPICAL PERFORMANCE CSDZ-10SH-2.5G
Coupling
-8 -8.5 Insertion Loss (dB) -9 Coupling (dB) -9.5 -10 -10.5 -11 -11.5 -12 2300 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 2350 2400 2450 2500 2550 2600 2650 2700 -0.5 2300 2350 2400 2450 2500 2550 Frequency (MHz) 2600 2650 2700
Insertion Loss
Frequency (MHz)
VSWR
1.4 1.35 1.3 Directivity (dB) 1.25 VSWR 1.2 1.15 1.1 1.05 1 2300
Directivity
Port 3 Port 4
0 -5 -10 -15 -20 -25 -30 -35 -40 2300
Port 1
Port 2
2350
2400
2450 2500 2550 Frequency (MHz)
2600
2650
2700
2350
2400
2450 2500 2550 Frequency (MHz)
2600
2650
2700
MOUNTING CONFIGURATION
50 OHM LINE .032 DIELECTRIC THICKNESS ER= 3.38 0.447 [11.35] GROUND VIAS PLATED THRU
0.100 [2.54] 0.200 [5.08]
0.034 typ. [0.86]
0.050 [1.27] 0.0630 [1.60] GROUND PLANE Ground plane of unit should be soldered to ground plane of circuit board for optimum performance 0.068 [1.73]
TRUTH TABLE
1
1 2 3 4 Input Coupled Isolated Out
2
Coupled In Out Isolated
3
Isolated Out Input Coupled
4
Out Isolated Coupled Input
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com


▲Up To Search▲   

 
Price & Availability of CSDZ-10SH-25G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X