Part Number Hot Search : 
Z5237 CY7B991 N5401 KS0127B KTA501 IRLHM620 RCA9229B CH375
Product Description
Full Text Search
 

To Download CSDZ-10H-25G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CSDZ-10H-2.5G
DIRECTIONAL COUPLER
REV: 001, 12/09/05
TECHNICAL DESCRIPTION
FEATURES * 2300 - 2700 MHz * LOW LOSS * HIGH DIRECTIVITY * EXCELLENT COUPLING ACCURACY * SURFACE MOUNT The Multi-Mix(R) CSDZ series provides 10 dB coupling at 2500 MHz. The CSDZ series features accurate coupling factors, low VSWR, and high directivity. Very low insertion loss and high power handling capability make this series ideal for use in base station power amplifiers particularly in the main loop of the feedforward amplifiers. The CSDZ series is also ideal for use in RF sampling networks and control circuitry in high power transmitters. CSDZ directional couplers are based on fusion bonded multilayer stripline structures. The fusion bonding process yields homogeneous monolithic dielectric structures with reliability, ruggedness, and electrical and thermal performance that are superior to conventional adhesive bonding techniques.
GENERAL SPECIFICATIONS
FREQUENCY RANGE (MHz) 2300 - 2700 INSERTION LOSS (dB MAX) 0.20 MEAN COUPLING (dB) 10.1 0.5 VSWR (MAX, ALL PORTS) 1.20:1
FREQUENCY SENSITIVITY (dB MAX)
DIRECTIVITY ( dB MIN)
AVERAGE POWER (WATTS, MAX.)
RF INTERFACE
OPERATING TEMPERATURE
0.15
20
200
Leadless Surface Mount
-55 TO +95 C
PACKAGE OUTLINE/ TAPE & REEL ORIENTATION
DIRECTION OF FEED
.560 [14.224] PORT 2 PORT 1
P 0 P PAD 1
1
K
0
"A"
"A" B0
.350 [8.890]
CSDZ-10H-2.5G
.040 [1.016] TYP.
W
MARKED SIDE UP
PORT 3 .059 [1.499] TYP.
PORT 4 .060 [1.524]
P P0 A0 B0 K0 1 ENGLISH (in) 1.2598 0.6299 0.1575 0.3598 0.5697 0.0799 METRIC (mm) 32.00 16.00 4.00 9.14 14.47 2.03 W
A0 SECTION "A"-"A"
THE MULTI-MIX MICROTECHNOLOGY GROUP IS ISO 9001:2000 REGISTERED
U.S. Patent 6,099,677 and other Patents Pending.
(R)
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com
TYPICAL PERFORMANCE CSDZ-10H-2.5G
Coupling
-8 -8.5 -9 Coupling (dB) -9.5 -10 -10.5 -11 -11.5 -12 2300 Insertion Loss (dB) 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 2300 2350 2400 2450 2500 2550 Frequency (MHz) 2600 2650 2700
Insertion Loss
2350
2400
2450 2500 2550 Frequency (MHz)
2600
2650
2700
VSWR
1.4 1.35 1.3 Directivity (dB) 1.25 VSWR 1.2 1.15 1.1 1.05 1 2300
Directivity
Port 3 Port 4
0 -5 -10 -15 -20 -25 -30 -35 -40 2300
Port 1
Port 2
2350
2400
2450 2500 2550 Frequency (MHz)
2600
2650
2700
2350
2400
2450 2500 2550 Frequency (MHz)
2600
2650
2700
MOUNTING CONFIGURATION
Ground plane of unit should be soldered to ground plane of circuit board for optimum performance 50 OHM LINE .032 DIELECTRIC THICKNESS ER= 3.38 0.447 [11.35] 0.034 typ. [0.86]
0.351 [8.91]
0.250 [6.35]
GROUND VIAS PLATED THRU 0.050 [1.28]
0.0630 [1.60] GROUND PLANE 0.068 [1.73]
TRUTH TABLE
1 1 2 3 4 Input Output Isolated Coupled
2 Output Input Coupled Isolated
3 Isolated Coupled Input Output
4 Coupled Isolated Output Input
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com


▲Up To Search▲   

 
Price & Availability of CSDZ-10H-25G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X