Part Number Hot Search : 
251B3 1863085X UPD3728 MX315 81003 H160XHXS P600B CBTS3257
Product Description
Full Text Search
 

To Download BU941ZPFI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BU941ZPFI
DESCRIPTION *With TO-3PML package *DARLINGTON *High breakdown voltage APPLICATIONS *High ruggedness electronic ignitions
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PML) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCEO VEBO IC ICM IB IBM PT Tj Tstg PARAMETER Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Base current-peak Total power dissipation Max.operating junction temperature Storage temperature TC=25 CONDITIONS Open base Open collector VALUE 350 5 15 30 1 5 65 175 -65~175 UNIT V V A A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-case PARAMETER Thermal resistance junction case MAX 2.3 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACT ERISTICS
Tj=25 unless otherwise specified PARAMETER Clamping voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Diode forward voltage CONDITIONS IC=0.1 A ;IB=0 IC=8A; IB=100m A IC=10A; IB=250m A IC=12A; IB=300m A IC=8A; IB=100m A IC=10A; IB=250m A IC=12A; IB=300m A VCE=300V; IB=0 TC=125 VEB=5V; IC=0 IC=5A ; VCE=10V IF=10A 300 MIN 350
BU941ZPFI
SYMBOL VCL VCE(sat-1) VCE(sat-2) VCE(sat-3) VBE(sat-1) VBE(sat-2) VBE(sat-3) ICEO IEBO hFE VF
TYP.
MAX 500 1.8 1.8 2.0 2.2 2.5 2.7 0.1 0.5 20
UNIT V V V V V V V mA mA
2.5
V
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BU941ZPFI
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BU941ZPFI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X