Part Number Hot Search : 
C3892A 72102 PE9094 R0603 100C9104 704MNQ CD9011 100C9104
Product Description
Full Text Search
 

To Download BA50L-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
BA50L
Technical Specifecation: Features:
* * * *
AVALANCHE VOLTAGE CURRENT
20 to 24 Volts 50 Amperes
BA
24.0 0.5 13.5 0.3 4.5 0.3 2.5 0.3 10.2 0.3
* * *
4.4 0.5
1.8 0.3
9.2 0.3
1.0 0.3
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
BA50L-P/BA50L-N
Electrical Characteristics @ 25 Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Tc=125) Repetitive Peak Reverse Surge Current Tc=10msec Dury Cycle1% Breakdown Voltage (Vbr@ir=100mA, Tc=25) Ir=90Amps, Tc=150, PW=80usec Forward Voltage Drop @If=100Amps300usec Peak Forward Surge Current Reverse Leakage (VR=17Vdc) T A=25 Operating and Storage Junction Temperature Range
SYMBOLS VRRM VRRM VDC Io IRSM Vbr1 Vbr2 VF IFSM IR TJ ,TSTG
MIN
NOMINAL 17 17 17 40 40
MAX
5.0 0.3
* * *
Copper cup with transfer molded plastic Epoxy: UL94-0 rate flame ratardant Polarity: BA50L-P lead-P BA50L-N lead-N Technology vacuum soldered Lead: Plated slug, solderable per MIL-STD-202E Method 208C Weight: 0.094 ounce 2.65 Grams
0.6 0.3
MECHANICAL DATA
.0 0.3
20
22 1.05 600 1.0 -65 to +175
24 32 1.08
2.0
10.0 0.3
5.0 0.3
8.5 0.3
High power capability Economical Avalanche Voltage: 20V to 24V Glass passivated chip
UNITS Volts Amps Amps Volts Volts Volts Amps uAmps
Notes: 1. Enough heatsink must be considered in application.
Fig.1 IRRM (EXP) IRRM (EXP)
0
10
30
50
Surge current characteristics
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of BA50L-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X