Part Number Hot Search : 
2BTTE1 SD9534 D311A AD5233 MRF20030 020180 001TB SHA395C
Product Description
Full Text Search
 

To Download B69812N2457D201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Microwave Ceramics and Modules 2 - Pole Filter for W - LAN
Data Sheet
Filter B69812N2457D201
Features * SMD filter consisting of coupled resonators with stepped impedances * extreme low losses * high attenuations at GSM (900, 1800) and UMTS bands * high attenuation at 2 times center frequency * (NdBa)TiO3 (r = 88 / TCf =010 ppm/K) with a coating of copper (10m) and tin (>5m) * Excellent reflow solderability, no migration effect due to copper/tin metallization
Index Page 2 * Dimension Limits , Marking * Recommended footprint Page 3 * Characteristics * Maximum ratings * Typical passband characteristic Page 4 * Processing information * Soldering requirements * Delivery mode
ISSUE DATE 26.04.04 ISSUE A PUBLISHER SAW MWC PD PAGE 1/4
Microwave Ceramics and Modules 2 - Pole Filter for W - LAN
Data Sheet Dimension Limits , Marking
Filter B69812N2457D201
View from below onto the solder terminals and view from beside
Recommended footprint
Solder Pads: I/O Pads must be connected to lines with 50 impedance. In the application a termination of 50 must be realized.
I/O
G
I/O
G
G
Ground, covered with solder resist, connected to lower ground plane by vias with maximum diameter of 0.3mm and max. distance of 1mm
ISSUE DATE
26.04.04
ISSUE
A
PUBLISHER
SAW MWC PD
PAGE
2/4
Microwave Ceramics and Modules 2 - Pole Filter for W - LAN
Data Sheet Characteristics min. Center frequency Insertion loss Passband (2400- 2500) Amplitude ripple (peak - peak) Standing wave ratio Impedance Attenuation at DC to 880 MHz at 880 to 960 MHz at 960 to 1990 MHz at 1990 to 2100 MHz at 2100 to 2170 MHz at 3000 to 3200 MHz at 3200 to 3500 MHz at 3500 to 4800 MHz at 4800 to 5000 MHz Maximum ratings IEC climatic category (IEC 68-1) Operating temperature Typical passband characteristic
0
Filter B69812N2457D201
typ. 2.450 0.7 0.4 1.5 50
max. 1.0 0.8 2.0 GHz dB MHz dB dB dB dB dB dB dB dB dB dB
fc IL B 100 SWR Z 50 45 40 25 20 15 20 27 25
55 50 45 30 25 20 25 30 30
- 40 /+ 90/56 Top - 40 / + 85 C
-5
-10
-15
attenuation [dB]
-20 S21 [dB] S11 [dB]
-25
-30
-35
-40
-45
-50 2.1 2.15 2.2 2.25 2.3 2.35 frequency [GHz] 2.4 2.45 2.5 2.55 2.6
ISSUE DATE
26.04.04
ISSUE
A
PUBLISHER
SAW MWC PD
PAGE
3/4
Microwave Ceramics and Modules 2 - Pole Filter for W - LAN
Data Sheet Processing information Wettability to IEC 68-2-58: 75% (after aging) Soldering Requirements Profile for eutectic SnPb solder paste Soldering type reflow Maximum soldering temperature 235 (max. 2 sec.) (measuring point on top surface of the component) 225 (max. 10 sec.) Recommended soldering conditions (infrared):
Temp. [C] within 10 sec.
Filter B69812N2457D201
Profile for leadfree solder paste reflow 260 (max. 2 sec.) C 250 (max. 10 sec.) C
Temp. [C]
within 10 sec.
215C10C
245C5C
20-40 sec. 40-80 sec.
Time [sec.]
30 sec. 2.5 C/s 2-3 min.
Time [sec.] > - 5 C/s
Delivery mode * Blister tape acc. to IEC 286-3, grey * Pieces/tape: 4000
EPCOS AG 2001. All Rights Reserved. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. The information contained in this data sheet describes the type of component and shall not be considered as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.
ISSUE DATE
26.04.04
ISSUE
A
PUBLISHER
SAW MWC PD
PAGE
4/4


▲Up To Search▲   

 
Price & Availability of B69812N2457D201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X