Part Number Hot Search : 
MSA24 NTE997 SMB10A 3301D NTE997 NTR4170 MC74LVX F092011
Product Description
Full Text Search
 

To Download ATMEGA48P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* High Performance, Low Power AVR(R) 8-Bit Microcontroller * Advanced RISC Architecture
- 131 Powerful Instructions - Most Single Clock Cycle Execution - 32 x 8 General Purpose Working Registers - Fully Static Operation - Up to 20 MIPS Throughput at 20 MHz - On-chip 2-cycle Multiplier High Endurance Non-volatile Memory Segments - 4/8/16/32K Bytes of In-System Self-Programmable Flash progam memory (ATMEGA48P/88P/168P/328P) - 256/512/512/1K Bytes EEPROM (ATMEGA48P/88P/168P/328P) - 512/1K/1K/2K Bytes Internal SRAM (ATMEGA48P/88P/168P/328P) - Write/Erase Cycles: 10,000 Flash/100,000 EEPROM - Data retention: 20 years at 85C/100 years at 25C(1) - Optional Boot Code Section with Independent Lock Bits In-System Programming by On-chip Boot Program True Read-While-Write Operation - Programming Lock for Software Security Peripheral Features - Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode - One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture Mode - Real Time Counter with Separate Oscillator - Six PWM Channels - 8-channel 10-bit ADC in TQFP and QFN/MLF package Temperature Measurement - 6-channel 10-bit ADC in PDIP Package Temperature Measurement - Programmable Serial USART - Master/Slave SPI Serial Interface - Byte-oriented 2-wire Serial Interface (Philips I2C compatible) - Programmable Watchdog Timer with Separate On-chip Oscillator - On-chip Analog Comparator - Interrupt and Wake-up on Pin Change Special Microcontroller Features - Power-on Reset and Programmable Brown-out Detection - Internal Calibrated Oscillator - External and Internal Interrupt Sources - Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby, and Extended Standby I/O and Packages - 23 Programmable I/O Lines - 28-pin PDIP, 32-lead TQFP, 28-pad QFN/MLF and 32-pad QFN/MLF Operating Voltage: - 1.8 - 5.5V for ATMEGA48P/88P/168PV - 2.7 - 5.5V for ATMEGA48P/88P/168P - 1.8 - 5.5V for ATmega328P Temperature Range: - -40C to 85C Speed Grade: - ATMEGA48P/88P/168PV: 0 - 4 MHz @ 1.8 - 5.5V, 0 - 10 MHz @ 2.7 - 5.5V - ATMEGA48P/88P/168P: 0 - 10 MHz @ 2.7 - 5.5V, 0 - 20 MHz @ 4.5 - 5.5V - ATmega328P: 0 - 4 MHz @ 1.8 - 5.5V, 0 - 10 MHz @ 2.7 - 5.5V, 0 - 20 MHz @ 4.5 - 5.5V Low Power Consumption at 1 MHz, 1.8V, 25C for ATMEGA48P/88P/168P: - Active Mode: 0.3 mA - Power-down Mode: 0.1 A - Power-save Mode: 0.8 A (Including 32 kHz RTC)
*
*
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash ATMEGA48P/V ATmega88P/V ATmega168P/V ATmega328P Preliminary Summary
*
* *
* *
*
Rev. 8025FS-AVR-08/08
1. Pin Configurations
Figure 1-1. Pinout ATMEGA48P/88P/168P/328P
TQFP Top View
PD2 (INT0/PCINT18) PD1 (TXD/PCINT17) PD0 (RXD/PCINT16) PC6 (RESET/PCINT14) PC5 (ADC5/SCL/PCINT13) PC4 (ADC4/SDA/PCINT12) PC3 (ADC3/PCINT11) PC2 (ADC2/PCINT10)
PDIP
(PCINT19/OC2B/INT1) PD3 (PCINT20/XCK/T0) PD4 GND VCC GND VCC (PCINT6/XTAL1/TOSC1) PB6 (PCINT7/XTAL2/TOSC2) PB7
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
24 23 22 21 20 19 18 17
PC1 (ADC1/PCINT9) PC0 (ADC0/PCINT8) ADC7 GND AREF ADC6 AVCC PB5 (SCK/PCINT5)
(PCINT21/OC0B/T1) PD5 (PCINT22/OC0A/AIN0) PD6 (PCINT23/AIN1) PD7 (PCINT0/CLKO/ICP1) PB0 (PCINT1/OC1A) PB1 (PCINT2/SS/OC1B) PB2 (PCINT3/OC2A/MOSI) PB3 (PCINT4/MISO) PB4
(PCINT14/RESET) PC6 (PCINT16/RXD) PD0 (PCINT17/TXD) PD1 (PCINT18/INT0) PD2 (PCINT19/OC2B/INT1) PD3 (PCINT20/XCK/T0) PD4 VCC GND (PCINT6/XTAL1/TOSC1) PB6 (PCINT7/XTAL2/TOSC2) PB7 (PCINT21/OC0B/T1) PD5 (PCINT22/OC0A/AIN0) PD6 (PCINT23/AIN1) PD7 (PCINT0/CLKO/ICP1) PB0
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
PC5 (ADC5/SCL/PCINT13) PC4 (ADC4/SDA/PCINT12) PC3 (ADC3/PCINT11) PC2 (ADC2/PCINT10) PC1 (ADC1/PCINT9) PC0 (ADC0/PCINT8) GND AREF AVCC PB5 (SCK/PCINT5) PB4 (MISO/PCINT4) PB3 (MOSI/OC2A/PCINT3) PB2 (SS/OC1B/PCINT2) PB1 (OC1A/PCINT1)
32 31 30 29 28 27 26 25
28 MLF Top View
PD2 (INT0/PCINT18) PD1 (TXD/PCINT17) PD0 (RXD/PCINT16) PC6 (RESET/PCINT14) PC5 (ADC5/SCL/PCINT13) PC4 (ADC4/SDA/PCINT12) PC3 (ADC3/PCINT11)
32 MLF Top View
PD2 (INT0/PCINT18) PD1 (TXD/PCINT17) PD0 (RXD/PCINT16) PC6 (RESET/PCINT14) PC5 (ADC5/SCL/PCINT13) PC4 (ADC4/SDA/PCINT12) PC3 (ADC3/PCINT11) PC2 (ADC2/PCINT10) 32 31 30 29 28 27 26 25
28 27 26 25 24 23 22
(PCINT19/OC2B/INT1) PD3 (PCINT20/XCK/T0) PD4 VCC GND (PCINT6/XTAL1/TOSC1) PB6 (PCINT7/XTAL2/TOSC2) PB7 (PCINT21/OC0B/T1) PD5
1 2 3 4 5 6 7 8 9 10 11 12 13 14
21 20 19 18 17 16 15
PC2 (ADC2/PCINT10) PC1 (ADC1/PCINT9) PC0 (ADC0/PCINT8) GND AREF AVCC PB5 (SCK/PCINT5)
(PCINT19/OC2B/INT1) PD3 (PCINT20/XCK/T0) PD4 GND VCC GND VCC (PCINT6/XTAL1/TOSC1) PB6 (PCINT7/XTAL2/TOSC2) PB7
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
24 23 22 21 20 19 18 17
PC1 (ADC1/PCINT9) PC0 (ADC0/PCINT8) ADC7 GND AREF ADC6 AVCC PB5 (SCK/PCINT5)
(PCINT22/OC0A/AIN0) PD6 (PCINT23/AIN1) PD7 (PCINT0/CLKO/ICP1) PB0 (PCINT1/OC1A) PB1 (PCINT2/SS/OC1B) PB2 (PCINT3/OC2A/MOSI) PB3 (PCINT4/MISO) PB4
NOTE: Bottom pad should be soldered to ground.
NOTE: Bottom pad should be soldered to ground.
2
ATMEGA48P/88P/168P/328P
8025FS-AVR-08/08
(PCINT21/OC0B/T1) PD5 (PCINT22/OC0A/AIN0) PD6 (PCINT23/AIN1) PD7 (PCINT0/CLKO/ICP1) PB0 (PCINT1/OC1A) PB1 (PCINT2/SS/OC1B) PB2 (PCINT3/OC2A/MOSI) PB3 (PCINT4/MISO) PB4
ATMEGA48P/88P/168P/328P
1.1
1.1.1
Pin Descriptions
VCC Digital supply voltage.
1.1.2
GND Ground.
1.1.3
Port B (PB7:0) XTAL1/XTAL2/TOSC1/TOSC2 Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port B output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up resistors are activated. The Port B pins are tri-stated when a reset condition becomes active, even if the clock is not running. Depending on the clock selection fuse settings, PB6 can be used as input to the inverting Oscillator amplifier and input to the internal clock operating circuit. Depending on the clock selection fuse settings, PB7 can be used as output from the inverting Oscillator amplifier. If the Internal Calibrated RC Oscillator is used as chip clock source, PB7..6 is used as TOSC2..1 input for the Asynchronous Timer/Counter2 if the AS2 bit in ASSR is set. The various special features of Port B are elaborated in "Alternate Functions of Port B" on page 82 and "System Clock and Clock Options" on page 26.
1.1.4
Port C (PC5:0) Port C is a 7-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The PC5..0 output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port C pins that are externally pulled low will source current if the pull-up resistors are activated. The Port C pins are tri-stated when a reset condition becomes active, even if the clock is not running.
1.1.5
PC6/RESET If the RSTDISBL Fuse is programmed, PC6 is used as an I/O pin. Note that the electrical characteristics of PC6 differ from those of the other pins of Port C. If the RSTDISBL Fuse is unprogrammed, PC6 is used as a Reset input. A low level on this pin for longer than the minimum pulse length will generate a Reset, even if the clock is not running. The minimum pulse length is given in Table 28-3 on page 320. Shorter pulses are not guaranteed to generate a Reset. The various special features of Port C are elaborated in "Alternate Functions of Port C" on page 85.
1.1.6
Port D (PD7:0) Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port D output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port D pins that are externally pulled low will source current if the pull-up resistors are activated. The Port D pins are tri-stated when a reset condition becomes active, even if the clock is not running.
3
8025FS-AVR-08/08
The various special features of Port D are elaborated in "Alternate Functions of Port D" on page 88. 1.1.7 AVCC AVCC is the supply voltage pin for the A/D Converter, PC3:0, and ADC7:6. It should be externally connected to VCC, even if the ADC is not used. If the ADC is used, it should be connected to VCC through a low-pass filter. Note that PC6..4 use digital supply voltage, VCC. 1.1.8 AREF AREF is the analog reference pin for the A/D Converter. 1.1.9 ADC7:6 (TQFP and QFN/MLF Package Only) In the TQFP and QFN/MLF package, ADC7:6 serve as analog inputs to the A/D converter. These pins are powered from the analog supply and serve as 10-bit ADC channels.
1.2
Disclaimer
Typical values contained in this datasheet are based on simulations and characterization of other AVR microcontrollers manufactured on the same process technology. Min and Max values will be available after the device is characterized.
4
ATMEGA48P/88P/168P/328P
8025FS-AVR-08/08
ATMEGA48P/88P/168P/328P
2. Overview
The ATMEGA48P/88P/168P/328P is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATMEGA48P/88P/168P/328P achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
2.1
Block Diagram
Figure 2-1. Block Diagram
GND VCC
Watchdog Timer Watchdog Oscillator
Power Supervision POR / BOD & RESET
debugWIRE
PROGRAM LOGIC
Oscillator Circuits / Clock Generation
Flash
SRAM
CPU EEPROM
AVCC AREF GND
8bit T/C 0
16bit T/C 1
A/D Conv.
2
DATABUS
8bit T/C 2
Analog Comp.
Internal Bandgap
6
USART 0
SPI
TWI
PORT D (8)
PORT B (8)
PORT C (7)
RESET XTAL[1..2]
PD[0..7]
PB[0..7]
PC[0..6]
ADC[6..7]
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting
5
8025FS-AVR-08/08
architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers. The ATMEGA48P/88P/168P/328P provides the following features: 4K/8K/16K/32K bytes of InSystem Programmable Flash with Read-While-Write capabilities, 256/512/512/1K bytes EEPROM, 512/1K/1K/2K bytes SRAM, 23 general purpose I/O lines, 32 general purpose working registers, three flexible Timer/Counters with compare modes, internal and external interrupts, a serial programmable USART, a byte-oriented 2-wire Serial Interface, an SPI serial port, a 6-channel 10-bit ADC (8 channels in TQFP and QFN/MLF packages), a programmable Watchdog Timer with internal Oscillator, and five software selectable power saving modes. The Idle mode stops the CPU while allowing the SRAM, Timer/Counters, USART, 2-wire Serial Interface, SPI port, and interrupt system to continue functioning. The Power-down mode saves the register contents but freezes the Oscillator, disabling all other chip functions until the next interrupt or hardware reset. In Power-save mode, the asynchronous timer continues to run, allowing the user to maintain a timer base while the rest of the device is sleeping. The ADC Noise Reduction mode stops the CPU and all I/O modules except asynchronous timer and ADC, to minimize switching noise during ADC conversions. In Standby mode, the crystal/resonator Oscillator is running while the rest of the device is sleeping. This allows very fast start-up combined with low power consumption. The device is manufactured using Atmel's high density non-volatile memory technology. The On-chip ISP Flash allows the program memory to be reprogrammed In-System through an SPI serial interface, by a conventional non-volatile memory programmer, or by an On-chip Boot program running on the AVR core. The Boot program can use any interface to download the application program in the Application Flash memory. Software in the Boot Flash section will continue to run while the Application Flash section is updated, providing true Read-While-Write operation. By combining an 8-bit RISC CPU with In-System Self-Programmable Flash on a monolithic chip, the Atmel ATMEGA48P/88P/168P/328P is a powerful microcontroller that provides a highly flexible and cost effective solution to many embedded control applications. The ATMEGA48P/88P/168P/328P AVR is supported with a full suite of program and system development tools including: C Compilers, Macro Assemblers, Program Debugger/Simulators, In-Circuit Emulators, and Evaluation kits.
2.2
Comparison Between ATMEGA48P, ATmega88P, ATmega168P, and ATmega328P
The ATMEGA48P, ATmega88P, ATmega168P, and ATmega328P differ only in memory sizes, boot loader support, and interrupt vector sizes. Table 2-1 summarizes the different memory and interrupt vector sizes for the three devices. Table 2-1.
Device ATMEGA48P ATmega88P ATmega168P ATmega328P
Memory Size Summary
Flash 4K Bytes 8K Bytes 16K Bytes 32K Bytes EEPROM 256 Bytes 512 Bytes 512 Bytes 1K Bytes RAM 512 Bytes 1K Bytes 1K Bytes 2K Bytes Interrupt Vector Size 1 instruction word/vector 1 instruction word/vector 2 instruction words/vector 2 instructions words/vector
ATmega88P, ATmega168P, and ATmega328P support a real Read-While-Write Self-Programming mechanism. There is a separate Boot Loader Section, and the SPM instruction can only execute from there. In ATMEGA48P, there is no Read-While-Write support and no separate Boot Loader Section. The SPM instruction can execute from the entire Flash. 6
ATMEGA48P/88P/168P/328P
8025FS-AVR-08/08
ATMEGA48P/88P/168P/328P
3. Resources
A comprehensive set of development tools, application notes and datasheets are available for download on http://www.atmel.com/avr.
Note:
1.
4. Data Retention
Reliability Qualification results show that the projected data retention failure rate is much less than 1 PPM over 20 years at 85C or 100 years at 25C.
7
8025FS-AVR-08/08
5. Register Summary
Address
(0xFF) (0xFE) (0xFD) (0xFC) (0xFB) (0xFA) (0xF9) (0xF8) (0xF7) (0xF6) (0xF5) (0xF4) (0xF3) (0xF2) (0xF1) (0xF0) (0xEF) (0xEE) (0xED) (0xEC) (0xEB) (0xEA) (0xE9) (0xE8) (0xE7) (0xE6) (0xE5) (0xE4) (0xE3) (0xE2) (0xE1) (0xE0) (0xDF) (0xDE) (0xDD) (0xDC) (0xDB) (0xDA) (0xD9) (0xD8) (0xD7) (0xD6) (0xD5) (0xD4) (0xD3) (0xD2) (0xD1) (0xD0) (0xCF) (0xCE) (0xCD) (0xCC) (0xCB) (0xCA) (0xC9) (0xC8) (0xC7) (0xC6) (0xC5) (0xC4) (0xC3) (0xC2) (0xC1) (0xC0)
Name
Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved UDR0 UBRR0H UBRR0L Reserved UCSR0C UCSR0B UCSR0A
Bit 7
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Bit 6
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Bit 5
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Bit 4
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Bit 3
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Bit 2
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Bit 1
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Bit 0
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Page
USART I/O Data Register USART Baud Rate Register High USART Baud Rate Register Low - UMSEL01 RXCIE0 RXC0 - UMSEL00 TXCIE0 TXC0 - UPM01 UDRIE0 UDRE0 - UPM00 RXEN0 FE0 - USBS0 TXEN0 DOR0 -
UCSZ01 /UDORD0
195 199 199 -
UCSZ00 / UCPHA0
- UCPOL0 TXB80 MPCM0 197/212 196 195
UCSZ02 UPE0
RXB80 U2X0
8
ATMEGA48P/88P/168P/328P
8025FS-AVR-08/08
ATMEGA48P/88P/168P/328P
Address
(0xBF) (0xBE) (0xBD) (0xBC) (0xBB) (0xBA) (0xB9) (0xB8) (0xB7) (0xB6) (0xB5) (0xB4) (0xB3) (0xB2) (0xB1) (0xB0) (0xAF) (0xAE) (0xAD) (0xAC) (0xAB) (0xAA) (0xA9) (0xA8) (0xA7) (0xA6) (0xA5) (0xA4) (0xA3) (0xA2) (0xA1) (0xA0) (0x9F) (0x9E) (0x9D) (0x9C) (0x9B) (0x9A) (0x99) (0x98) (0x97) (0x96) (0x95) (0x94) (0x93) (0x92) (0x91) (0x90) (0x8F) (0x8E) (0x8D) (0x8C) (0x8B) (0x8A) (0x89) (0x88) (0x87) (0x86) (0x85) (0x84) (0x83) (0x82) (0x81) (0x80) (0x7F) (0x7E)
Name
Reserved Reserved TWAMR TWCR TWDR TWAR TWSR TWBR Reserved ASSR Reserved OCR2B OCR2A TCNT2 TCCR2B TCCR2A Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved OCR1BH OCR1BL OCR1AH OCR1AL ICR1H ICR1L TCNT1H TCNT1L Reserved TCCR1C TCCR1B TCCR1A DIDR1 DIDR0
Bit 7
- - TWAM6 TWINT TWA6 TWS7 - - -
Bit 6
- - TWAM5 TWEA TWA5 TWS6
Bit 5
- - TWAM4 TWSTA TWA4 TWS5 -
Bit 4
- - TWAM3 TWSTO TWA3 TWS4 - TCN2UB -
Bit 3
- - TWAM2 TWWC TWA2 TWS3 - OCR2AUB -
Bit 2
- - TWAM1 TWEN TWA1 - - OCR2BUB -
Bit 1
- - TWAM0 - TWA0 TWPS1 - TCR2AUB -
Bit 0
- - - TWIE TWGCE TWPS0 - TCR2BUB -
Page
245 242 244 245 244 242 164 162 162 162 161 158
2-wire Serial Interface Data Register
2-wire Serial Interface Bit Rate Register EXCLK - AS2 -
Timer/Counter2 Output Compare Register B Timer/Counter2 Output Compare Register A Timer/Counter2 (8-bit) FOC2A COM2A1 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - FOC2B COM2A0 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - COM2B1 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - COM2B0 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - WGM22 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - CS22 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - CS21 WGM21 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - CS20 WGM20 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Timer/Counter1 - Output Compare Register B High Byte Timer/Counter1 - Output Compare Register B Low Byte Timer/Counter1 - Output Compare Register A High Byte Timer/Counter1 - Output Compare Register A Low Byte Timer/Counter1 - Input Capture Register High Byte Timer/Counter1 - Input Capture Register Low Byte Timer/Counter1 - Counter Register High Byte Timer/Counter1 - Counter Register Low Byte - FOC1A ICNC1 COM1A1 - - - FOC1B ICES1 COM1A0 - - - - - COM1B1 - ADC5D - - WGM13 COM1B0 - ADC4D - - WGM12 - - ADC3D - - CS12 - - ADC2D - - CS11 WGM11 AIN1D ADC1D - - CS10 WGM10 AIN0D ADC0D
138 138 138 138 139 139 138 138 137 136 134 250 267
9
8025FS-AVR-08/08
Address
(0x7D) (0x7C) (0x7B) (0x7A) (0x79) (0x78) (0x77) (0x76) (0x75) (0x74) (0x73) (0x72) (0x71) (0x70) (0x6F) (0x6E) (0x6D) (0x6C) (0x6B) (0x6A) (0x69) (0x68) (0x67) (0x66) (0x65) (0x64) (0x63) (0x62) (0x61) (0x60) 0x3F (0x5F) 0x3E (0x5E) 0x3D (0x5D) 0x3C (0x5C) 0x3B (0x5B) 0x3A (0x5A) 0x39 (0x59) 0x38 (0x58) 0x37 (0x57) 0x36 (0x56) 0x35 (0x55) 0x34 (0x54) 0x33 (0x53) 0x32 (0x52) 0x31 (0x51) 0x30 (0x50) 0x2F (0x4F) 0x2E (0x4E) 0x2D (0x4D) 0x2C (0x4C) 0x2B (0x4B) 0x2A (0x4A) 0x29 (0x49) 0x28 (0x48) 0x27 (0x47) 0x26 (0x46) 0x25 (0x45) 0x24 (0x44) 0x23 (0x43) 0x22 (0x42) 0x21 (0x41) 0x20 (0x40) 0x1F (0x3F) 0x1E (0x3E) 0x1D (0x3D) 0x1C (0x3C)
Name
Reserved ADMUX ADCSRB ADCSRA ADCH ADCL Reserved Reserved Reserved Reserved Reserved Reserved Reserved TIMSK2 TIMSK1 TIMSK0 PCMSK2 PCMSK1 PCMSK0 Reserved EICRA PCICR Reserved OSCCAL Reserved PRR Reserved Reserved CLKPR WDTCSR SREG SPH SPL Reserved Reserved Reserved Reserved Reserved SPMCSR Reserved MCUCR MCUSR SMCR Reserved Reserved ACSR Reserved SPDR SPSR SPCR GPIOR2 GPIOR1 Reserved OCR0B OCR0A TCNT0 TCCR0B TCCR0A GTCCR EEARH EEARL EEDR EECR GPIOR0 EIMSK EIFR
Bit 7
- REFS1 - ADEN
Bit 6
- REFS0 ACME ADSC
Bit 5
- ADLAR - ADATE
Bit 4
- - - ADIF
Bit 3
- MUX3 - ADIE
Bit 2
- MUX2 ADTS2 ADPS2
Bit 1
- MUX1 ADTS1 ADPS1
Bit 0
- MUX0 ADTS0 ADPS0
Page
263 266 264 266 266
ADC Data Register High byte ADC Data Register Low byte - - - - - - - - - - PCINT23 - PCINT7 - - - - - PRTWI - - CLKPCE WDIF I - SP7 - - - - - SPMIE - - - - - - ACD - SPIF SPIE - - - - - - - - - - PCINT22 PCINT14 PCINT6 - - - - - PRTIM2 - - - WDIE T - SP6 - - - - - (RWWSB)5. - BODS - - - - ACBG - WCOL SPE - - - - - - - - ICIE1 - PCINT21 PCINT13 PCINT5 - - - - - PRTIM0 - - - WDP3 H - SP5 - - - - - - - BODSE - - - - ACO - - DORD - - - - - - - - - - PCINT20 PCINT12 PCINT4 - - - - - - - - - WDCE S - SP4 - - - - - (RWWSRE)5. - PUD - - - - ACI - - MSTR - - - - - - - - - - PCINT19 PCINT11 PCINT3 - ISC11 - - - PRTIM1 - - CLKPS3 WDE V - SP3 - - - - - BLBSET - - WDRF SM2 - - ACIE - SPI Data Register - CPOL - CPHA - SPR1 SPI2X SPR0 - - - - - - - OCIE2B OCIE1B OCIE0B PCINT18 PCINT10 PCINT2 - ISC10 PCIE2 - - PRSPI - - CLKPS2 WDP2 N (SP10) 5. SP2 - - - - - PGWRT - - BORF SM1 - - ACIC - - - - - - - - OCIE2A OCIE1A OCIE0A PCINT17 PCINT9 PCINT1 - ISC01 PCIE1 - - PRUSART0 - - CLKPS1 WDP1 Z SP9 SP1 - - - - - PGERS - IVSEL EXTRF SM0 - - ACIS1 - - - - - - - - TOIE2 TOIE1 TOIE0 PCINT16 PCINT8 PCINT0 - ISC00 PCIE0 -
163 139 111 74 74 74 71
Oscillator Calibration Register - PRADC - - CLKPS0 WDP0 C SP8 SP0 - - - - - SELFPRGEN - IVCE PORF SE - - ACIS0 -
37 42
37 54 9 12 12
293 44/68/92 54 40
248 175 174 173 25 25
General Purpose I/O Register 2 General Purpose I/O Register 1 - - - - - - - - Timer/Counter0 Output Compare Register B Timer/Counter0 Output Compare Register A Timer/Counter0 (8-bit) FOC0A COM0A1 TSM FOC0B COM0A0 - - COM0B1 - - COM0B0 - WGM02 - - CS02 - - CS01 WGM01 PSRASY CS00 WGM00 PSRSYNC
143/165 21 21 21
(EEPROM Address Register High Byte) 5. EEPROM Address Register Low Byte EEPROM Data Register - - - - - - EEPM1 - - EEPM0 - - EERIE - - EEMPE - - EEPE INT1 INTF1 EERE INT0 INTF0 General Purpose I/O Register 0
21 25 72 72
10
ATMEGA48P/88P/168P/328P
8025FS-AVR-08/08
ATMEGA48P/88P/168P/328P
Address
0x1B (0x3B) 0x1A (0x3A) 0x19 (0x39) 0x18 (0x38) 0x17 (0x37) 0x16 (0x36) 0x15 (0x35) 0x14 (0x34) 0x13 (0x33) 0x12 (0x32) 0x11 (0x31) 0x10 (0x30) 0x0F (0x2F) 0x0E (0x2E) 0x0D (0x2D) 0x0C (0x2C) 0x0B (0x2B) 0x0A (0x2A) 0x09 (0x29) 0x08 (0x28) 0x07 (0x27) 0x06 (0x26) 0x05 (0x25) 0x04 (0x24) 0x03 (0x23) 0x02 (0x22) 0x01 (0x21) 0x0 (0x20)
Name
PCIFR Reserved Reserved Reserved TIFR2 TIFR1 TIFR0 Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved PORTD DDRD PIND PORTC DDRC PINC PORTB DDRB PINB Reserved Reserved Reserved
Bit 7
- - - - - - - - - - - - - - - - PORTD7 DDD7 PIND7 - - - PORTB7 DDB7 PINB7 - - -
Bit 6
- - - - - - - - - - - - - - - - PORTD6 DDD6 PIND6 PORTC6 DDC6 PINC6 PORTB6 DDB6 PINB6 - - -
Bit 5
- - - - - ICF1 - - - - - - - - - - PORTD5 DDD5 PIND5 PORTC5 DDC5 PINC5 PORTB5 DDB5 PINB5 - - -
Bit 4
- - - - - - - - - - - - - - - - PORTD4 DDD4 PIND4 PORTC4 DDC4 PINC4 PORTB4 DDB4 PINB4 - - -
Bit 3
- - - - - - - - - - - - - - - - PORTD3 DDD3 PIND3 PORTC3 DDC3 PINC3 PORTB3 DDB3 PINB3 - - -
Bit 2
PCIF2 - - - OCF2B OCF1B OCF0B - - - - - - - - - PORTD2 DDD2 PIND2 PORTC2 DDC2 PINC2 PORTB2 DDB2 PINB2 - - -
Bit 1
PCIF1 - - - OCF2A OCF1A OCF0A - - - - - - - - - PORTD1 DDD1 PIND1 PORTC1 DDC1 PINC1 PORTB1 DDB1 PINB1 - - -
Bit 0
PCIF0 - - - TOV2 TOV1 TOV0 - - - - - - - - - PORTD0 DDD0 PIND0 PORTC0 DDC0 PINC0 PORTB0 DDB0 PINB0 - - -
Page
163 140
93 93 93 92 92 92 92 92 92
Note:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses should never be written. 2. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these registers, the value of single bits can be checked by using the SBIS and SBIC instructions. 3. Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike most other AVRs, the CBI and SBI instructions will only operate on the specified bit, and can therefore be used on registers containing such Status Flags. The CBI and SBI instructions work with registers 0x00 to 0x1F only. 4. When using the I/O specific commands IN and OUT, the I/O addresses 0x00 - 0x3F must be used. When addressing I/O Registers as data space using LD and ST instructions, 0x20 must be added to these addresses. The ATMEGA48P/88P/168P/328P is a complex microcontroller with more peripheral units than can be supported within the 64 location reserved in Opcode for the IN and OUT instructions. For the Extended I/O space from 0x60 - 0xFF in SRAM, only the ST/STS/STD and LD/LDS/LDD instructions can be used. 5. Only valid for ATmega88P/168P.
11
8025FS-AVR-08/08
6. Instruction Set Summary
Mnemonics
ADD ADC ADIW SUB SUBI SBC SBCI SBIW AND ANDI OR ORI EOR COM NEG SBR CBR INC DEC TST CLR SER MUL MULS MULSU FMUL FMULS FMULSU RJMP IJMP JMP(1) RCALL ICALL CALL(1) RET RETI CPSE CP CPC CPI SBRC SBRS SBIC SBIS BRBS BRBC BREQ BRNE BRCS BRCC BRSH BRLO BRMI BRPL BRGE BRLT BRHS BRHC BRTS BRTC BRVS BRVC Rd,Rr Rd,Rr Rd,Rr Rd,K Rr, b Rr, b P, b P, b s, k s, k k k k k k k k k k k k k k k k k k k k
Operands
Rd, Rr Rd, Rr Rdl,K Rd, Rr Rd, K Rd, Rr Rd, K Rdl,K Rd, Rr Rd, K Rd, Rr Rd, K Rd, Rr Rd Rd Rd,K Rd,K Rd Rd Rd Rd Rd Rd, Rr Rd, Rr Rd, Rr Rd, Rr Rd, Rr Rd, Rr k Add two Registers
Description
Rd Rd + Rr
Operation
Flags
Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,C,N,V Z,C,N,V,H Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V None Z,C Z,C Z,C Z,C Z,C Z,C None None None None None None None I None Z, N,V,C,H Z, N,V,C,H Z, N,V,C,H None None None None None None None None None None None None None None None None None None None None None None
#Clocks
1 1 2 1 1 1 1 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 3 3 3 4 4 4 1/2/3 1 1 1 1/2/3 1/2/3 1/2/3 1/2/3 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2
ARITHMETIC AND LOGIC INSTRUCTIONS Add with Carry two Registers Add Immediate to Word Subtract two Registers Subtract Constant from Register Subtract with Carry two Registers Subtract with Carry Constant from Reg. Subtract Immediate from Word Logical AND Registers Logical AND Register and Constant Logical OR Registers Logical OR Register and Constant Exclusive OR Registers One's Complement Two's Complement Set Bit(s) in Register Clear Bit(s) in Register Increment Decrement Test for Zero or Minus Clear Register Set Register Multiply Unsigned Multiply Signed Multiply Signed with Unsigned Fractional Multiply Unsigned Fractional Multiply Signed Fractional Multiply Signed with Unsigned Relative Jump Indirect Jump to (Z) Direct Jump Relative Subroutine Call Indirect Call to (Z) Direct Subroutine Call Subroutine Return Interrupt Return Compare, Skip if Equal Compare Compare with Carry Compare Register with Immediate Skip if Bit in Register Cleared Skip if Bit in Register is Set Skip if Bit in I/O Register Cleared Skip if Bit in I/O Register is Set Branch if Status Flag Set Branch if Status Flag Cleared Branch if Equal Branch if Not Equal Branch if Carry Set Branch if Carry Cleared Branch if Same or Higher Branch if Lower Branch if Minus Branch if Plus Branch if Greater or Equal, Signed Branch if Less Than Zero, Signed Branch if Half Carry Flag Set Branch if Half Carry Flag Cleared Branch if T Flag Set Branch if T Flag Cleared Branch if Overflow Flag is Set Branch if Overflow Flag is Cleared Rd Rd + Rr + C Rdh:Rdl Rdh:Rdl + K Rd Rd - Rr Rd Rd - K Rd Rd - Rr - C Rd Rd - K - C Rdh:Rdl Rdh:Rdl - K Rd Rd * Rr Rd Rd * K Rd Rd v Rr Rd Rd v K Rd Rd Rr Rd 0xFF - Rd Rd 0x00 - Rd Rd Rd v K Rd Rd * (0xFF - K) Rd Rd + 1 Rd Rd - 1 Rd Rd * Rd Rd Rd Rd Rd 0xFF R1:R0 Rd x Rr R1:R0 Rd x Rr R1:R0 Rd x Rr
1 R1:R0 (Rd x Rr) << 1 R1:R0 (Rd x Rr) << 1
PC PC + k + 1 PC Z PC k PC PC + k + 1 PC Z PC k PC STACK PC STACK if (Rd = Rr) PC PC + 2 or 3 Rd - Rr Rd - Rr - C Rd - K if (Rr(b)=0) PC PC + 2 or 3 if (Rr(b)=1) PC PC + 2 or 3 if (P(b)=0) PC PC + 2 or 3 if (P(b)=1) PC PC + 2 or 3 if (SREG(s) = 1) then PCPC+k + 1 if (SREG(s) = 0) then PCPC+k + 1 if (Z = 1) then PC PC + k + 1 if (Z = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (N = 1) then PC PC + k + 1 if (N = 0) then PC PC + k + 1 if (N V= 0) then PC PC + k + 1 if (N V= 1) then PC PC + k + 1 if (H = 1) then PC PC + k + 1 if (H = 0) then PC PC + k + 1 if (T = 1) then PC PC + k + 1 if (T = 0) then PC PC + k + 1 if (V = 1) then PC PC + k + 1 if (V = 0) then PC PC + k + 1
R1:R0 (Rd x Rr) <<
BRANCH INSTRUCTIONS
12
ATMEGA48P/88P/168P/328P
8025FS-AVR-08/08
ATMEGA48P/88P/168P/328P
Mnemonics
BRIE BRID SBI CBI LSL LSR ROL ROR ASR SWAP BSET BCLR BST BLD SEC CLC SEN CLN SEZ CLZ SEI CLI SES CLS SEV CLV SET CLT SEH CLH DATA TRANSFER INSTRUCTIONS MOV MOVW LDI LD LD LD LD LD LD LDD LD LD LD LDD LDS ST ST ST ST ST ST STD ST ST ST STD STS LPM LPM LPM SPM IN OUT PUSH Rd, P P, Rr Rr Rd, Z Rd, Z+ Rd, Rr Rd, Rr Rd, K Rd, X Rd, X+ Rd, - X Rd, Y Rd, Y+ Rd, - Y Rd,Y+q Rd, Z Rd, Z+ Rd, -Z Rd, Z+q Rd, k X, Rr X+, Rr - X, Rr Y, Rr Y+, Rr - Y, Rr Y+q,Rr Z, Rr Z+, Rr -Z, Rr Z+q,Rr k, Rr Move Between Registers Copy Register Word Load Immediate Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Direct from SRAM Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Direct to SRAM Load Program Memory Load Program Memory Load Program Memory and Post-Inc Store Program Memory In Port Out Port Push Register on Stack Rd Rr Rd+1:Rd Rr+1:Rr Rd K Rd (X) Rd (X), X X + 1 X X - 1, Rd (X) Rd (Y) Rd (Y), Y Y + 1 Y Y - 1, Rd (Y) Rd (Y + q) Rd (Z) Rd (Z), Z Z+1 Z Z - 1, Rd (Z) Rd (Z + q) Rd (k) (X) Rr (X) Rr, X X + 1 X X - 1, (X) Rr (Y) Rr (Y) Rr, Y Y + 1 Y Y - 1, (Y) Rr (Y + q) Rr (Z) Rr (Z) Rr, Z Z + 1 Z Z - 1, (Z) Rr (Z + q) Rr (k) Rr R0 (Z) Rd (Z) Rd (Z), Z Z+1 (Z) R1:R0 Rd P P Rr STACK Rr None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 3 3 3 1 1 2 k k P,b P,b Rd Rd Rd Rd Rd Rd s s Rr, b Rd, b
Operands
Description
Branch if Interrupt Enabled Branch if Interrupt Disabled Set Bit in I/O Register Clear Bit in I/O Register Logical Shift Left Logical Shift Right Rotate Left Through Carry Rotate Right Through Carry Arithmetic Shift Right Swap Nibbles Flag Set Flag Clear Bit Store from Register to T Bit load from T to Register Set Carry Clear Carry Set Negative Flag Clear Negative Flag Set Zero Flag Clear Zero Flag Global Interrupt Enable Global Interrupt Disable Set Signed Test Flag Clear Signed Test Flag Set Twos Complement Overflow. Clear Twos Complement Overflow Set T in SREG Clear T in SREG Set Half Carry Flag in SREG Clear Half Carry Flag in SREG
Operation
if ( I = 1) then PC PC + k + 1 if ( I = 0) then PC PC + k + 1 I/O(P,b) 1 I/O(P,b) 0 Rd(n+1) Rd(n), Rd(0) 0 Rd(n) Rd(n+1), Rd(7) 0 Rd(0)C,Rd(n+1) Rd(n),CRd(7) Rd(7)C,Rd(n) Rd(n+1),CRd(0) Rd(n) Rd(n+1), n=0..6 Rd(3..0)Rd(7..4),Rd(7..4)Rd(3..0) SREG(s) 1 SREG(s) 0 T Rr(b) Rd(b) T C1 C0 N1 N0 Z1 Z0 I1 I0 S1 S0 V1 V0 T1 T0 H1 H0
Flags
None None None None Z,C,N,V Z,C,N,V Z,C,N,V Z,C,N,V Z,C,N,V None SREG(s) SREG(s) T None C C N N Z Z I I S S V V T T H H
#Clocks
1/2 1/2 2 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
BIT AND BIT-TEST INSTRUCTIONS
13
8025FS-AVR-08/08
Mnemonics
POP NOP SLEEP WDR BREAK
Operands
Rd
Description
Pop Register from Stack No Operation Sleep Watchdog Reset Break Rd STACK
Operation
Flags
None None
#Clocks
2 1 1 1 N/A
MCU CONTROL INSTRUCTIONS (see specific descr. for Sleep function) (see specific descr. for WDR/timer) For On-chip Debug Only None None None
Note:
1. These instructions are only available in ATmega168P and ATmega328P.
14
ATMEGA48P/88P/168P/328P
8025FS-AVR-08/08
ATMEGA48P/88P/168P/328P
7. Ordering Information
7.1 ATMEGA48P
Speed (MHz) Power Supply Ordering Code(2) ATMEGA48PV-10AU ATMEGA48PV-10MMU ATMEGA48PV-10MU ATMEGA48PV-10PU ATMEGA48P-20AU ATMEGA48P-20MMU ATMEGA48P-20MU ATMEGA48P-20PU Package(1) 32A 28M1 32M1-A 28P3 32A 28M1 32M1-A 28P3 Operational Range Industrial (-40C to 85C)
10(3)
1.8 - 5.5
20(3)
2.7 - 5.5
Industrial (-40C to 85C)
Note:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive).Also Halide free and fully Green. 3. See Figure 28-1 on page 317 and Figure 28-2 on page 318.
Package Type 32A 28M1 32M1-A 28P3 32-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP) 28-pad, 4 x 4 x 1.0 body, Lead Pitch 0.45 mm Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF) 32-pad, 5 x 5 x 1.0 body, Lead Pitch 0.50 mm Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF) 28-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
15
8025FS-AVR-08/08
7.2
ATmega88P
Speed (MHz) 10(3) Power Supply 1.8 - 5.5 Ordering Code(2) ATmega88PV-10AU ATmega88PV-10MU ATmega88PV-10PU ATmega88P-20AU ATmega88P-20MU ATmega88P-20PU Package(1) 32A 32M1-A 28P3 32A 32M1-A 28P3 Operational Range Industrial (-40C to 85C) Industrial (-40C to 85C)
20 Note:
(3)
2.7 - 5.5
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive).Also Halide free and fully Green. 3. See Figure 28-1 on page 317 and Figure 28-2 on page 318.
Package Type 32A 28P3 32M1-A 32-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP) 28-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 32-pad, 5 x 5 x 1.0 body, Lead Pitch 0.50 mm Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)
16
ATMEGA48P/88P/168P/328P
8025FS-AVR-08/08
ATMEGA48P/88P/168P/328P
7.3 ATmega168P
Power Supply 1.8 - 5.5 Ordering Code(2) ATmega168PV-10AU ATmega168PV-10MU ATmega168PV-10PU ATmega168P-20AU ATmega168P-20MU ATmega168P-20PU Package(1) 32A 32M1-A 28P3 32A 32M1-A 28P3 Operational Range Industrial (-40C to 85C) Industrial (-40C to 85C)
Speed (MHz)(3) 10
20 Note:
2.7 - 5.5
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive).Also Halide free and fully Green. 3. See Figure 28-1 on page 317 and Figure 28-2 on page 318.
Package Type 32A 28P3 32M1-A 32-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP) 28-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 32-pad, 5 x 5 x 1.0 body, Lead Pitch 0.50 mm Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)
17
8025FS-AVR-08/08
7.4
ATmega328P
Power Supply 1.8 - 5.5 Ordering Code(2) ATmega328P- AU ATmega328P- MU ATmega328P- PU Package(1) 32A 32M1-A 28P3 Operational Range Industrial (-40C to 85C)
Speed (MHz)(3) 20 Note:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive).Also Halide free and fully Green. 3. See Figure 28-3 on page 318.
Package Type 32A 28P3 32M1-A 32-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP) 28-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 32-pad, 5 x 5 x 1.0 body, Lead Pitch 0.50 mm Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)
18
ATMEGA48P/88P/168P/328P
8025FS-AVR-08/08
ATMEGA48P/88P/168P/328P
8. Packaging Information
8.1 32A
PIN 1 B
PIN 1 IDENTIFIER
e
E1
E
D1 D C
0~7 A1 L
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL A A1 A2 D D1 E MIN - 0.05 0.95 8.75 6.90 8.75 6.90 0.30 0.09 0.45 NOM - - 1.00 9.00 7.00 9.00 7.00 - - - 0.80 TYP MAX 1.20 0.15 1.05 9.25 7.10 9.25 7.10 0.45 0.20 0.75 Note 2 Note 2 NOTE
A2
A
Notes:
1. This package conforms to JEDEC reference MS-026, Variation ABA. 2. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25 mm per side. Dimensions D1 and E1 are maximum plastic body size dimensions including mold mismatch. 3. Lead coplanarity is 0.10 mm maximum.
E1 B C L e
10/5/2001 2325 Orchard Parkway San Jose, CA 95131 TITLE 32A, 32-lead, 7 x 7 mm Body Size, 1.0 mm Body Thickness, 0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP) DRAWING NO. 32A REV. B
R
19
8025FS-AVR-08/08
8.2
28M1
D C
1 2 3 Pin 1 ID
E
SIDE VIEW
TOP VIEW A
A1
y K D2
1
0.45
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL A MIN 0.80 0.00 0.17 NOM 0.90 0.02 0.22 0.20 REF 3.95 2.35 3.95 2.35 4.00 2.40 4.00 2.40 0.45 0.35 0.00 0.20 0.40 - - 0.45 0.08 - 4.05 2.45 4.05 2.45 MAX 1.00 0.05 0.27 NOTE
R 0.20
2 3
E2 b
A1 b C D
L e BOTTOM VIEW
D2 E E2 e L y
Note:
The terminal #1 ID is a Laser-marked Feature.
K
9/7/06 2325 Orchard Parkway San Jose, CA 95131 TITLE 28M1, 28-pad, 4 x 4 x 1.0 mm Body, Lead Pitch 0.45 mm, 2.4 mm Exposed Pad, Micro Lead Frame Package (MLF) DRAWING NO. 28M1 REV. A
R
20
ATMEGA48P/88P/168P/328P
8025FS-AVR-08/08
ATMEGA48P/88P/168P/328P
8.3 32M1-A
D D1
1 2 3
0
Pin 1 ID E1 E
SIDE VIEW
TOP VIEW
A2
A3 A1
K
P D2
A
0.08 C
COMMON DIMENSIONS (Unit of Measure = mm) MIN 0.80 - - NOM 0.90 0.02 0.65 0.20 REF 0.18 4.90 4.70 2.95 4.90 4.70 2.95 0.23 5.00 4.75 3.10 5.00 4.75 3.10 0.50 BSC 0.30 - - 0.20 - 0.40 - - 0.50 0.60 12o - 0.30 5.10 4.80 3.25 5.10 4.80 3.25 MAX 1.00 0.05 1.00 NOTE
SYMBOL A
P
Pin #1 Notch (0.20 R)
1 2 3
A1 A2 A3 E2 b
K
D D1 D2 E
b
e
L
E1 E2 e L P
BOTTOM VIEW
0
Note: JEDEC Standard MO-220, Fig. 2 (Anvil Singulation), VHHD-2. K
5/25/06 2325 Orchard Parkway San Jose, CA 95131 TITLE 32M1-A, 32-pad, 5 x 5 x 1.0 mm Body, Lead Pitch 0.50 mm, 3.10 mm Exposed Pad, Micro Lead Frame Package (MLF) DRAWING NO. 32M1-A REV. E
R
21
8025FS-AVR-08/08
8.4
28P3
D
PIN 1
E1
A
SEATING PLANE
L B1 e E B
B2
A1
(4 PLACES)
C eB
0 ~ 15
REF
SYMBOL A A1 D E E1 B
COMMON DIMENSIONS (Unit of Measure = mm) MIN - 0.508 34.544 7.620 7.112 0.381 1.143 0.762 3.175 0.203 - NOM - - - - - - - - - - - MAX 4.5724 - 34.798 8.255 7.493 0.533 1.397 1.143 3.429 0.356 10.160 Note 1 Note 1 NOTE
Note:
1. Dimensions D and E1 do not include mold Flash or Protrusion. Mold Flash or Protrusion shall not exceed 0.25 mm (0.010").
B1 B2 L C eB e
2.540 TYP
09/28/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 28P3, 28-lead (0.300"/7.62 mm Wide) Plastic Dual Inline Package (PDIP) DRAWING NO. 28P3 REV. B
R
22
ATMEGA48P/88P/168P/328P
8025FS-AVR-08/08
ATMEGA48P/88P/168P/328P
9. Errata
9.1 Errata ATMEGA48P
The revision letter in this section refers to the revision of the ATMEGA48P device. 9.1.1 Rev. B No known errata. 9.1.2 Rev. A Not Sampled.
9.2
Errata ATmega88P
The revision letter in this section refers to the revision of the ATmega88P device.
9.2.1
Rev. A No known errata.
9.3
Errata ATmega168P
The revision letter in this section refers to the revision of the ATmega168P device.
9.3.1
Rev A No known errata.
9.4
Errata ATmega328P
The revision letter in this section refers to the revision of the ATmega328P device.
9.4.1
Rev B * Unstable 32 kHz Oscillator 1. Unstable 32 kHz Oscillator The 32 kHz oscillator does not work as system clock. The 32 kHz oscillator used as asynchronous timer is inaccurate. Problem Fix/ Workaround None
9.4.2
Rev A No known errata.
23
8025FS-AVR-08/08
10. Datasheet Revision History
Please note that the referring page numbers in this section are referred to this document. The referring revision in this section are referring to the document revision.
10.1
Rev. 2545F-08/08
1. 2. Updated "ATmega328P Typical Characteristics" on page 401 with Power-save numbers. Added ATmega328P "Standby Supply Current" on page 408.
10.2
Rev. 2545E-08/08
1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12. 13. 14. Updated description of "Stack Pointer" on page 12. Updated description of use of external capacitors in "Low Frequency Crystal Oscillator" on page 32. Updated Table 8-9 in "Low Frequency Crystal Oscillator" on page 32. Added note to "Address Match Unit" on page 222. Added section "Reading the Signature Row from Software" on page 286. Updated "Program And Data Memory Lock Bits" on page 295 to include ATmega328P in the description. Added "ATmega328P DC Characteristics" on page 317. Updated "Speed Grades" on page 317 for ATmega328P. Removed note 6 and 7 from the table "2-wire Serial Interface Characteristics" on page 323. Added figure "Minimum Reset Pulse width vs. VCC." on page 352 for ATMEGA48P. Added figure "Minimum Reset Pulse width vs. VCC." on page 376 for ATmega88P. Added figure "Minimum Reset Pulse width vs. VCC." on page 400 for ATmega168P. Added "ATmega328P Typical Characteristics" on page 401. Updated Ordering Information for "ATmega328P" on page 18.
10.3
Rev. 2545D-03/08
1. 2. 3. 4. Updated figures in "Speed Grades" on page 317. Updated note in Table 28-4 in "System and Reset Characteristics" on page 320. Ordering codes for "ATmega328P" on page 18 updated. - ATmega328P is offered in 20 MHz option only. Added Errata for ATmega328P rev. B, "Errata ATmega328P" on page 23.
10.4
Rev. 2545C-01/08
1. Power-save Maximum values removed form "ATMEGA48P DC Characteristics" on page 315, "ATmega88P DC Characteristics" on page 316, and "ATmega168P DC Characteristics" on page 316.
24
ATMEGA48P/88P/168P/328P
8025FS-AVR-08/08
ATMEGA48P/88P/168P/328P
10.5 Rev. 2545B-01/08
1. 2. 3. 4. 5. 6.
Updated "Features" on page 1. Added "Data Retention" on page 7. Updated Table 8-2 on page 28. Removed "Low-frequency Crystal Oscillator Internal Load Capacitance" table from"Low Frequency Crystal Oscillator" on page 32. Removed JTD bit from "MCUCR - MCU Control Register" on page 44. Updated typical and general program setup for Reset and Interrupt Vector Addresses in "Interrupt Vectors in ATmega168P" on page 62 and "Interrupt Vectors in ATmega328P" on page 65. Updated Interrupt Vectors Start Address in Table 11-5 on page 63 and Table 11-7 on page 66. Updated "Temperature Measurement" on page 262. Updated ATmega328P "Fuse Bits" on page 296. Removed VOL3/VOH3 rows from "DC Characteristics" on page 314. Updated condition for VOL in "DC Characteristics" on page 314. Updated max value for VIL2 in "DC Characteristics" on page 314. Added "ATMEGA48P DC Characteristics" on page 315, "ATmega88P DC Characteristics" on page 316, and "ATmega168P DC Characteristics" on page 316. Updated "System and Reset Characteristics" on page 320. Added "ATMEGA48P Typical Characteristics" on page 329, "ATmega88P Typical Characteristics" on page 353, and "ATmega168P Typical Characteristics" on page 377. Updated note in "Instruction Set Summary" on page 12.
7. 8. 9. 10. 11.
12. 13. 14. 15.
10.6
Rev. 2545A-07/07
1. Initial revision.
25
8025FS-AVR-08/08
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support avr@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2008 Atmel Corporation. All rights reserved. Atmel (R), logo and combinations thereof, AVR (R) and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
8025FS-AVR-08/08


▲Up To Search▲   

 
Price & Availability of ATMEGA48P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X