Part Number Hot Search : 
JANTX1 MAX695 JANTX1 BPC25 NTE104 YM74S MGRB2018 MAX17017
Product Description
Full Text Search
 

To Download AT27BV040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Fast Read Access Time - 120 ns * Dual Voltage Range Operation
- Unregulated Battery Power Supply Range, 2.7V to 3.6V or Standard 5V 10% Supply Range Compatible with JEDEC Standard AT27C040 Low Power CMOS Operation - 20 A Max (Less than 1 A Typical) Standby for VCC = 3.6V - 36 mW Max Active at 5 MHz for VCC = 3.6V JEDEC Standard Packages - 32-lead PLCC - 32-lead TSOP - 32-lead VSOP High Reliability CMOS Technology - 2,000V ESD Protection - 200 mA Latchup Immunity Rapid Programming Algorithm - 100 s/Byte (Typical) CMOS and TTL Compatible Inputs and Outputs - JEDEC Standard for LVTTL and LVBO Integrated Product Identification Code Industrial Temperature Range Green (Pb/Halide-free/RoHS Compliant) Packaging
* *
*
*
* * * * *
4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM AT27BV040
1. Description
The AT27BV040 chip is a high performance, low power, low voltage, 4,194,304-bit one-time programmable read only memory (EPROM) organized as 512K by 8 bits. It requires only one supply in the range of 2.7 to 3.6V in normal read mode operation, making it ideal for fast, portable systems using either regulated or unregulated battery power. Atmel's innovative design techniques provide fast speeds that rival 5V parts while keeping the low power consumption of a 3V supply. At VCC = 2.7V, any byte can be accessed in less than 100 ns. With a typical power dissipation of only 18 mW at 5 MHz and VCC = 3V, the AT27BV040 consumes less than one fifth the power of a standard 5V EPROM. Standby mode supply current is typically less than 1 A at 3V. The AT27BV040 simplifies system design and stretches battery lifetime even further by eliminating the need for power supply regulation. The AT27BV040 is available in industry-standard JEDEC-approved one-time programmable (OTP) plastic PLCC, TSOP, and VSOP packages. All devices feature twoline control (CE, OE) to give designers the flexibility to prevent bus contention. The AT27BV040 operating with VCC at 3.0V produces TTL level outputs that are compatible with standard TTL logic devices operating at VCC = 5.0V. At VCC = 2.7V, the part is compatible with JEDEC approved low voltage battery operation (LVBO) interface specifications. The device is also capable of standard 5-volt operation making it ideally suited for dual supply range systems or card products that are pluggable in both 3-volt and 5-volt hosts.
0346G-EPROM-12/07
Atmel's AT27BV040 has additional features to ensure high quality and efficient production use. The Rapid Programming Algorithm reduces the time required to program the part and guarantees reliable programming. Programming time is typically only 100 s/byte. The Integrated Product Identification Code electronically identifies the device and manufacturer. This feature is used by industry-standard programming equipment to select the proper programming algorithms and voltages. The AT27BV040 programs exactly the same way as a standard 5V AT27C040 and uses the same programming equipment.
2. Pin Configurations
Pin Name A0 - A18 O0 - O7 CE OE Function Addresses Outputs Chip Enable Output Enable
2.1
32-lead PLCC Top View
A12 A15 A16 VPP VCC A18 A17
2.2
32-lead TSOP, VSOP Top View - Type 1
A11 A9 A8 A13 A14 A17 A18 VCC VPP A16 A15 A12 A7 A6 A5 A4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 OE A10 CE O7 O6 O5 O4 O3 GND O2 O1 O0 A0 A1 A2 A3
2
AT27BV040
0346G-EPROM-12/07
O1 O2 GND O3 O4 O5 O6
14 15 16 17 18 19 20
A7 A6 A5 A4 A3 A2 A1 A0 O0
5 6 7 8 9 10 11 12 13
4 3 2 1 32 31 30
29 28 27 26 25 24 23 22 21
A14 A13 A8 A9 A11 OE A10 CE O7
AT27BV040
3. Switching Considerations
Switching between active and standby conditions via the Chip Enable pin may produce transient voltage excursions. Unless accommodated by the system design, these transients may exceed datasheet limits, resulting in device non-conformance. At a minimum, a 0.1 F high frequency, low inherent inductance, ceramic capacitor should be utilized for each device. This capacitor should be connected between the VCC and Ground terminals of the device, as close to the device as possible. Additionally, to stabilize the supply voltage level on printed circuit boards with large EPROM arrays, a 4.7 F bulk electrolytic capacitor should be utilized, again connected between the VCC and Ground terminals. This capacitor should be positioned as close as possible to the point where the power supply is connected to the array.
4. Block Diagram
5. Absolute Maximum Ratings*
Temperature Under Bias.................................. -40C to +85C Storage Temperature ..................................... -65C to +125C Voltage on Any Pin with Respect to Ground .........................................-2.0V to +7.0V(1) Voltage on A9 with Respect to Ground ......................................-2.0V to +14.0V(1) VPP Supply Voltage with Respect to Ground .......................................-2.0V to +14.0V(1) Note: 1. Minimum voltage is -0.6V DC which may undershoot to -2.0V for pulses of less than 20 ns. Maximum output pin voltage is VCC + 0.75V DC which may be exceeded if certain precautions are observed (consult application notes) and which may overshoot to +7.0V for pulses of less than 20 ns. *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
3
0346G-EPROM-12/07
6. Operating Modes
Mode/Pin Read(2) Output Disable Standby
(2) (2)
CE VIL X VIH VIL X VIH VIL
(3) (3)
OE VIL VIH X VIH VIL VIH VIL
Ai Ai X X Ai Ai X A9 = VH A0 = VIH or VIL A1 - A18 = VIL
(4)
VPP X(1) X X VPP VPP VPP X
VCC VCC(2) VCC VCC
(2) (2)
Outputs DOUT High Z High Z DIN DOUT High Z Identification Code
Rapid Program(3) PGM Verify
VCC(3) VCC VCC
(3) (3)
PGM Inhibit
Product Identification(3)(5) Notes: 1. X can be VIL or VIH.
VCC(3)
2. Read, output disable, and standby modes require, 2.7V VCC 3.6V, or 4.5V VCC 5.5V. 3. Refer to Programming Characteristics. Programming modes require VCC = 6.5V. 4. VH = 12.0 0.5V. 5. Two identifier bytes may be selected. All Ai inputs are held low (VIL), except A9 which is set to VH and A0 which is toggled low (VIL) to select the Manufacturer's Identification byte and high (VIH) to select the Device Code byte.
7. DC and AC Operating Conditions for Read Operation
AT27BV040-12 Industrial Operating Temperature (Case) VCC Power Supply -40C - 85C 2.7V to 3.6V 5V 10%
4
AT27BV040
0346G-EPROM-12/07
AT27BV040
8. DC and Operating Characteristics for Read Operation
Symbol Parameter Condition Min Max Units VCC = 2.7V to 3.6V ILI ILO IPP1(2) ISB ICC VIL Input Load Current Output Leakage Current VPP(1) Read/Standby Current VCC(1) Standby Current VCC Active Current Input Low Voltage VIN = 0V to VCC VOUT = 0V to VCC VPP = VCC ISB1 (CMOS), CE = VCC 0.3V ISB2 (TTL), CE = 2.0 to VCC + 0.5V f = 5 MHz, IOUT = 0 mA, CE = VIL, VCC = 3.6V VCC = 3.0 to 3.6V VCC = 2.7 to 3.6V Input High Voltage VCC = 3.0 to 3.6V VCC = 2.7 to 3.6V IOL = 2.0 mA VOL Output Low Voltage IOL = 100 A IOL = 20 A IOH = -2.0 mA VOH Output High Voltage IOH = -100 A IOH = -20 A VCC = 4.5V to 5.5V ILI ILO IPP1(2) ISB ICC VIL VIH VOL VOH Notes: Input Load Current Output Leakage Current VPP(1) Read/Standby Current VCC(1) Standby Current VCC Active Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage IOL = 2.1 mA IOH = -400 A 2.4 VIN = 0V to VCC VOUT = 0V to VCC VPP = VCC ISB1 (CMOS), CE = VCC 0.3V ISB2 (TTL), CE = 2.0 to VCC + 0.5V f = 5 MHz, IOUT = 0 mA, CE = VIL -0.6 2.0 1 5 10 100 1 30 0.8 VCC + 0.5 0.4 A A A A mA mA V V V V 2.4 VCC - 0.2 VCC - 0.1 -0.6 -0.6 2.0 0.7 x VCC 1 5 10 20 100 10 0.8 0.2 x VCC VCC + 0.5 VCC + 0.5 0.4 0.2 0.1 A A A A A mA V V V V V V V V V V
VIH
1. VCC must be applied simultaneously with or before VPP, and removed simultaneously with or after VPP. 2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP.
5
0346G-EPROM-12/07
9. AC Characteristics for Read Operation
VCC = 2.7V to 3.6V and 4.5V to 5.5V
AT27BV040-12 Symbol tACC
(3)
Parameter Address to Output Delay CE to Output Delay OE to Output Delay OE or CE High to Output Float, Whichever Occurred First Output Hold from Address, CE or OE, Whichever Occurred First
Condition CE = OE = VIL OE = VIL CE = VIL
Min
Max 120 120 50 40
Units ns ns ns ns ns
tCE(2) tOE(2)(3) tDF(4)(5) tOH
0
10. AC Waveforms for Read Operation(1)
Notes:
1. Timing measurement references are 0.8V and 2.0V. Input AC drive levels are 0.45V and 2.4V, unless otherwise specified. 2. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE. 3. OE may be delayed up to tACC - tOE after the address is valid without impact on tACC. 4. This parameter is only sampled and is not 100% tested. 5. Output float is defined as the point when data is no longer driven.
6
AT27BV040
0346G-EPROM-12/07
AT27BV040
11. Input Test Waveforms and Measurement Levels
tR, tF < 20 ns (10% to 90%)
12. Output Test Load
Note: CL = 100 pF including jig capacitance.
13. Pin Capacitance
f = 1 MHz, T = 25C(1)
Symbol CIN COUT Note: Typ 4 8 Max 8 12 Units pF pF Conditions VIN = 0V VOUT = 0V
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
7
0346G-EPROM-12/07
14. Programming Waveforms(1)
Notes:
1. The Input Timing Reference is 0.8V for VIL and 2.0V for VIH. 2. tOE and tDFP are characteristics of the device but must be accommodated by the programmer. 3. When programming the AT27BV040 a 0.1 F capacitor is required across VPP and ground to suppress spurious voltage transients.
15. DC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, VPP = 13.0 0.25V
Limits Symbol ILI VIL VIH VOL VOH ICC2 IPP2 VID Parameter Input Load Current Input Low Level Input High Level Output Low Voltage Output High Voltage VCC Supply Current (Program and Verify) VPP Supply Current A9 Product Identification Voltage CE = VIL 11.5 IOL = 2.1 mA IOH = -400 A 2.4 40 20 12.5 Test Conditions VIN = VIL, VIH -0.6 2.0 Min Max 10 0.8 VCC + 0.7 0.4 Units A V V V V mA mA V
8
AT27BV040
0346G-EPROM-12/07
AT27BV040
16. AC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, VPP = 13.0 0.25V
Limits Symbol tAS tOES tDS tAH tDH tDFP tVPS tVCS tPW tOE tPRT Notes: Parameter Address Setup Time OE Setup Time Data Setup Time Address Hold Time Data Hold Time OE High to Output Float Delay VPP Setup Time VCC Setup Time CE Program Pulse Width(3) Data Valid from OE
(2) (2)
Test Conditions(1)
Min 2 2
Max
Units s s s s s
Input Rise and Fall Times: (10% to 90%) 20 ns Input Pulse Levels: 0.45V to 2.4V Input Timing Reference Level: 0.8V to 2.0V Output Timing Reference Level: 0.8V to 2.0V
2 0 2 0 2 2 95 105 150 50 130
ns s s s ns ns
VPP Pulse Rise Time During Programming
1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP. 2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven - see timing diagram. 3. Program Pulse width tolerance is 100 sec 5%.
17. Atmel's AT27BV040 Integrated Product Identification Code(1)
Pins Codes Manufacturer Device Type Note: A0 0 1 O7 0 0 O6 0 0 O5 0 0 O4 1 0 O3 1 1 O2 1 0 O1 1 1 O0 0 1 Hex Data 1E 0B
1. The AT27BV040 has the same Product Identification Code as the AT27C040. Both are programming compatible.
9
0346G-EPROM-12/07
18. Rapid Programming Algorithm
A 100 s CE pulse width is used to program. The address is set to the first location. VCC is raised to 6.5V and VPP is raised to 13.0V. Each address is first programmed with one 100 s CE pulse without verification. Then a verification/reprogramming loop is executed for each address. In the event a byte fails to pass verification, up to 10 successive 100 s pulses are applied with a verification after each pulse. If the byte fails to verify after 10 pulses have been applied, the part is considered failed. After the byte verifies properly, the next address is selected until all have been checked. VPP is then lowered to 5.0V and VCC to 5.0V. All bytes are read again and compared with the original data to determine if the device passes or fails.
10
AT27BV040
0346G-EPROM-12/07
AT27BV040
19. Ordering Information
19.1
tACC (ns) 120
Standard Package
ICC (mA) VCC = 3.6V Active 8 Standby 0.02 Ordering Code AT27BV040-12JI AT27BV040-12TI AT27BV040-12VI Package 32J 32T 32V(1) Operation Range Industrial (-40C to 85C)
Note:
Not recommended for new designs. Use Green package option.
19.2
tACC (ns) 120 Note:
Green Package (Pb/Halide-free/RoHS Compliant)
ICC (mA) VCC = 3.6V Active 8 Standby 0.02 Ordering Code AT27BV040-12JU AT27BV040-12TU Package 32J 32T Operation Range Industrial (-40C to 85C)
1. The 32-lead VSOP package is not recommended for new designs.
Package Type 32J 32T 32V 32-Lead, Plastic J-Leaded Chip Carrier (PLCC) 32-Lead, Plastic Thin Small Outline Package (TSOP) (8 x 20 mm) 32-Lead, Plastic Thin Small Outline Package (TSOP) (8 x 14 mm)
11
0346G-EPROM-12/07
20. Packaging Information
20.1 32J - PLCC
1.14(0.045) X 45
PIN NO. 1 IDENTIFIER
1.14(0.045) X 45 0.318(0.0125) 0.191(0.0075)
E1 B
E
B1
E2
e D1 D A A2 A1
0.51(0.020)MAX 45 MAX (3X)
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL
D2
MIN 3.175 1.524 0.381 12.319 11.354 9.906 14.859 13.894 12.471 0.660 0.330
NOM - - - - - - - - - - - 1.270 TYP
MAX 3.556 2.413 - 12.573 11.506 10.922 15.113 14.046 13.487 0.813 0.533
NOTE
A A1 A2 D D1 D2
Note 2
Notes:
1. This package conforms to JEDEC reference MS-016, Variation AE. 2. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is .010"(0.254 mm) per side. Dimension D1 and E1 include mold mismatch and are measured at the extreme material condition at the upper or lower parting line. 3. Lead coplanarity is 0.004" (0.102 mm) maximum.
E E1 E2 B B1 e
Note 2
10/04/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 32J, 32-lead, Plastic J-leaded Chip Carrier (PLCC) DRAWING NO. 32J REV. B
R
12
AT27BV040
0346G-EPROM-12/07
AT27BV040
20.2 32T - TSOP
PIN 1
0 ~ 8
c
Pin 1 Identifier D1 D
L
e
b
L1
E
A2
A
SEATING PLANE
GAGE PLANE
A1
SYMBOL A A1 A2 Notes: 1. This package conforms to JEDEC reference MO-142, Variation BD. 2. Dimensions D1 and E do not include mold protrusion. Allowable protrusion on E is 0.15 mm per side and on D1 is 0.25 mm per side. 3. Lead coplanarity is 0.10 mm maximum. D D1 E L L1 b c e
COMMON DIMENSIONS (Unit of Measure = mm) MIN - 0.05 0.95 19.80 18.30 7.90 0.50 NOM - - 1.00 20.00 18.40 8.00 0.60 0.25 BASIC 0.17 0.10 0.22 - 0.50 BASIC 0.27 0.21 MAX 1.20 0.15 1.05 20.20 18.50 8.10 0.70 Note 2 Note 2 NOTE
10/18/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 32T, 32-lead (8 x 20 mm Package) Plastic Thin Small Outline Package, Type I (TSOP) DRAWING NO. 32T REV. B
R
13
0346G-EPROM-12/07
20.3
32V - VSOP
PIN 1
0 ~ 8
c
Pin 1 Identifier D1 D
L
e
b
L1
E
A2
A
SEATING PLANE
GAGE PLANE
A1
SYMBOL A A1 A2 Notes: 1. This package conforms to JEDEC reference MO-142, Variation BA. 2. Dimensions D1 and E do not include mold protrusion. Allowable protrusion on E is 0.15 mm per side and on D1 is 0.25 mm per side. 3. Lead coplanarity is 0.10 mm maximum. D D1 E L L1 b c e
COMMON DIMENSIONS (Unit of Measure = mm) MIN - 0.05 0.95 13.80 12.30 7.90 0.50 NOM - - 1.00 14.00 12.40 8.00 0.60 0.25 BASIC 0.17 0.10 0.22 - 0.50 BASIC 0.27 0.21 MAX 1.20 0.15 1.05 14.20 12.50 8.10 0.70 Note 2 Note 2 NOTE
10/18/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 32V, 32-lead (8 x 14 mm Package) Plastic Thin Small Outline Package, Type I (VSOP) DRAWING NO. 32V REV. B
R
14
AT27BV040
0346G-EPROM-12/07
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support eprom@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2007 Atmel Corporation. All rights reserved. Atmel(R), logo and combinations thereof, and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
0346G-EPROM-12/07


▲Up To Search▲   

 
Price & Availability of AT27BV040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X