Part Number Hot Search : 
M2015 MBR10005 MA11FCA B66233 DDZ10CS C4514 2N6781 FN4814
Product Description
Full Text Search
 

To Download ACTF070165-PK11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com
70 MHz Standard Filter for Base Station application Part Number ACTF070165/PK11
Typical Performance
Typical Performance
Horizontal: 8MHz/Div Vertical: 10dB/Div
Horizontal: 8MHz/Div Vertical: 20nsec/Div
Specifications
Parameter Centre Frequency Insertion Loss at F0 1 dB Bandwidth 3 dB Bandwidth 40dB Bandwidth Passband Variation Phase Linearity Group Delay Variation Absolute Delay Ultimate Rejection Substrate Material Ambient Temperature Unit MHz dB MHz MHz MHz dB Deg nsec usec dB C Minimum 69.85 Typical 70.0 27.5 16.08 16.94 20.30 0.3 20 1.42 50 128LiNbO3 25 Maximum 70.15
0.5
55
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 1 C1 Date : SEPT 04
http://www.actcrystals.com
1 OF 2
Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com
Package
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1. Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is connected to a 50 test system with VSWR 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter centre frequency, f C. Note that insertion loss, bandwidth, and passband shape are dependent on the impedance matching component values and quality. 2. 3. Unless noted otherwise, specifications apply over the entire specified operating temperature range. The specifications of this device are based on the test circuit shown above and subject to change or obsolescence without notice. 4. All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale. 5. Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes and circuits implemented within components or assemblies.
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 1 C1 Date : SEPT 04
http://www.actcrystals.com
2 OF 2


▲Up To Search▲   

 
Price & Availability of ACTF070165-PK11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X