Part Number Hot Search : 
473U7 IPA80R 2SC34 100RJ 8X7R2J10 L293DD KS7308 BU931ZPF
Product Description
Full Text Search
 

To Download A6902D08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A6902D
Up to 1 A step down switching regulator with adjustable current limit for automotive applications
Features
Qualified following the AEC-Q100 requirements (temperature grade 3), see PPAP for more details. Temperature range -40 C to 85 C Up to 1 A DC output current Operating input voltage from 8 V to 36 V Output voltage adjustable from 1.235 V to 35 V Precise 3.3 V (2 %) reference voltage 250 kHz Internally fixed frequency Voltage feedforward Zero load current operation Internal current limiting Protection against feedback disconnection Thermal shutdown SO-8

Applications

Automotive applications Adjustable current generator Simple step-down converters with adjustable current limit
Figure 1.
Application schematic
VCC VREF OUT L1 22H D1 Rsense 100mO R1 5.6kO C4 100F 10V R3 5.1kO GND R2 3.3kO VOUT=3.3V
VIN=8V to 36V
VIN=8V to 36V C1 10F 35V C3 220pF C2 22nF
COMP
L6902D
CS+ CSFB
STPS340U
May 2008
Rev 3
1/12
www.st.com 1
A6902D
Contents
1 2 Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 2.2 Pin connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Electrical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
3.1 3.2 Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4 5 6 7
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Order codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
2/12
Description
A6902D
1
Description
The A6902D is a complete and simple step down switching regulator with adjustable current limit. Based on a voltage mode structure it integrates a current error amplifier to have a constant voltage and constant current control. By means of an on board current sense resistor and the availability of the current sense pins (both compatible to Vcc and for Cscompatible with GND too) a current limit programming is very simple and accurate. Moreover constant current control can be used to charge NiMH and NiCd batteries.The device can be used as a standard DC/DC converter with adjustable current limit (set by using the external sense resistor). The internal robust P-channel DMOS transistor with a typical of 250 m assures high efficiency and a minimum dropout even at high output current level. The internal limiting current (latched function) of typical value of 2.5 A protects the device from accidental output short circuit avoiding dangerous loads damage. If the temperature of the chip goes higher than a fixed internal threshold (150 C with 20 C hysteresis), the power stage is turned off. Other protections beside thermal shutdown complete the device for a safe and reliable application: overvoltage protection, frequency folback overcurrent protection and protection vs. feedback disconnection. The internal fixed switching frequency of 250 kHz, and the SO-8 package pin allow to built an ultra compact DC/ DC converter with a minimum board space.
3/12
A6902D
2
2.1
Pin connection
Pin connection
Figure 2. Pin connection (top view)
2.2
Pin description
Table 1.
N 1 2 3 4 5 6 7 8
Pin description
Pin OUT CS+ CSCOMP FB VREF GND VCC Regulator output. Current error amplifier input (current sense at higher voltage) Current error amplifier input (current sense at lower voltage) E/A output for frequency compensation. Feedback input. Connecting directly to this pin results in an output voltage of 1.23 V. An extenal resistive divider is required for higher output voltages. 3.3 V reference voltage. No cap is need for stability. Ground. Unregulated DC input voltage. Description
4/12
Electrical data
A6902D
3
3.1
Electrical data
Maximum ratings
Table 2.
Symbol V8 V1 I1 V4 , V5 V2, V3 PTOT TJ TSTG Input voltage OUT pin DC voltage OUT pin peak voltage at t = 0.1s Maximum output current Analog pins Analog pins Power dissipation at TA 70 C Operating junction temperature range Storage temperature range
Absolute maximum ratings
Parameter Value 40 -1 to 40 -5 to 40 int. limit. 4 -0.3 to VCC 0.7 -40 to 150 -55 to 150 V V W C C Unit V V V
3.2
Thermal data
Table 3.
Symbol RthJA
Thermal data
Parameter Maximum thermal resistance junction-ambient SO8 110 (1) Unit C/W
1. Package mounted on board
5/12
A6902D
4
Electrical characteristics
Table 4.
Symbol VCC RDS(on) IL fSW
Electrical characteristics (TJ = -40 to 125 C, VCC = 12 V, unless otherwise specified)
Parameter Operating input voltage range Mosfet on resistance Maximum limiting current Switching frequency Duty cycle VCC = 8.5 V 1.8 212 0 Test conditions V0 = 1.235 V; I0 = 2 A Min 8 0.250 2.5 250 Typ Max 36 0.5 3.2 280 100 Unit V A kHz %
Dynamic characteristics (see test circuit). V5 Voltage feedback Efficiency 8 V < VCC < 36 V, 20 mA < I0 < 1 A V0 = 5 V, VCC = 12 V 1.198 1.235 90 1.272 V %
DC characteristics Iqop Iq Total operating quiescent current Quiescent current Duty cycle=0; VFB=1.5 V 3 5 2.7 mA mA
Error amplifier VOH VOL Io source Io sink Ib High level output voltage Low level output voltage Source output current Sink output current Source bias current DC open loop gain gm VOFFS ICS+ ICSTransconductance Input offset voltage CS+ output current CS- output current RL= 50 8 VFB=1 V VFB=1.5 V VCOMP = 1.9 V; VFB = 1 V VCOMP = 1.9 V; VFB = 1.5 V 160 1 300 1.5 2.5 58 2.3 90 100 1.5 1.5 110 3 3 4 3.6 0.4 V V A mA A dB mS mV A A
ICOMP = -0.1 mA to 0.1 mA; VCOMP = 1.9 V VCS- = 1.8 V; VCS+ = Vcomp I0 =1 A; RSENSE =100 m; VOUT < VCC-2 V I0 =1A; RSENSE =100 m; VOUT < VCC-2 V
6/12
Electrical characteristics Table 4.
Symbol
A6902D
Electrical characteristics (continued) (TJ = -40 to 125 C, VCC = 12 V, unless otherwise specified)
Parameter Test conditions Min Typ Max Unit
Reference section Reference voltage Line regulation Load regulation Short circuit current IREF = 0 to 5 mA VCC = 8 V to 36 V IREF = 0mA VCC = 8 V to 36 V IREF = 0 to 5 mA 5 3.2 3.3 5 8 18 3.399 10 15 35 V mV mV mA
7/12
A6902D
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
8/12
Package mechanical data
A6902D
Table 5.
Dim
SO-8 mechanical data
mm Min Typ Max 1.75 0.25 1.65 0.51 0.25 5.00 4.00 1.27 5.80 0.25 0.40 6.20 0.50 1.27 0.228 0.010 0.016 Min 0.053 0.004 0.043 0.013 0.007 0.189 0.15 0.050 0.244 0.020 0.050 inch Typ Max 0.069 0.010 0.065 0.020 0.010 0.197 0.157
A A1 A2 B C D(1) E e H h L k ddd
1.35 0.10 1.10 0.33 0.19 4.80 3.80
0 (min), 8 (max) 0.10 0.004
1. Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed 0.15mm (0.006 inch) in total (both side).
9/12
A6902D
6
Order codes
Table 6. Order codes
Order codes A6902D SO-8 A6902D13TR Tape and reel Package Packaging Tube
10/12
Revision history
A6902D
7
Revision history
Table 7.
Date 02-Oct-2007 5-Nov-2007 2-May-2008
Document revision history
Revision 1 2 3 Initial release Updated: Table 4 on page 6 Updated: Table 4 on page 6 Changes
11/12
A6902D
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of A6902D08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X