Part Number Hot Search : 
0444048 2SK1192 ADA4800 AN8746 MHW9267 IL3842N NJU3714 UFS160G
Product Description
Full Text Search
 

To Download A1M1ASP12VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
20.0 x 15.2 x 22.0 mm
A1M
Features
* * * * * Switching capacity up to 20A Small size and light weight PCB pin and quick connect mounting available Suitable for automobile and lamp accessories QS-9000, ISO-9002 Certified Manufacturing
Contact Data
Contact Arrangement
Specifications and availability subject to change without notice.
1A = SPST N.O. 1B = SPST N.C. 1A : 20A @ 14VDC 1B : 15A @ 14VDC
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
< 50 milliohms initial AgSnO2 280W 75VDC 30A
Contact Rating
Coil Data
Coil Voltage VDC Rated 12 24 Max 15.6 31.2 124 489 Coil Resistance +/- 10% Pick Up Voltage Release Voltage VDC (max) VDC (min) 70% of rated voltage 8.40 16.80 10% of rated voltage 1.2 2.4 1.16 10 7 Coil Power W Operate Time ms Release Time ms
General Data
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight
100K cycles, typical 10M cycles, typical 100M min. @ 500VDC 1500V rms min. @ sea level 1000V rms min. @ sea level 100m/s2 for 11 ms 1.27mm double amplitude 10~40Hz 10N (quick connect), 4N (PCB pins) -40oC to +85oC -40oC to +155oC 260oC for 5 s 14g
Caution 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
A1M
Ordering Information
1. Series A1M 2. Contact Arrangement 1A = SPST N.O. 1B = SPST N.C. 3. Sealing Option S = Sealed C = Dust Cover 4. Termination P = PCB Pins Q = Quick Connect 5. Coil Voltage 12VDC 24VDC 6. Coil Suppression Blank = Standard D = Diode (1N4005) R = Resistor (680 ohms)
** Consult factory if other values are needed
Dimensions shown in mm. Dimensions are shown for reference purposes only.
A1M
1A
S
P
12VDC
Dimensions
Units = mm
PC Pin Dimensions
Units = mm
Specifications and availability subject to change without notice.
Schematics & PC Layouts
Bottom Views
1A www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
1B


▲Up To Search▲   

 
Price & Availability of A1M1ASP12VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X