Part Number Hot Search : 
R0603 BJ225 AM7201 ABR3504 TMC423 E007383 MK325B W529XXA
Product Description
Full Text Search
 

To Download 3W2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3W 3RW
HIGH VOLTAGE, HIGH CURRENT, FAST RECOVERY SILICON RECTIFIER DIODES
Up to 250 ns max. recovery Small size Exceptionally low leakage Avalanche characteristics
EDI Typ e 3W2 3W2.5 3W3 3RW2 3RW2.5 3RW3
PRV Voits 2,000 2,500 3,000 2,000 2,500 3,000
REVERSE RECOVERY TIME (Fig.4) Not applicable Not applicable Not applicable 250 ns max. 250 ns max. 250 ns max.
ELECTRICAL CHARACTERISTICS(at TA=25C Unless Otherwise Specified)
ELECTRICAL CHARACTERISTICS
o
3W
SERIES 2 Amp 300 Amp 3VDC max.
3RW SERIIES 1.5 Amp 200 Amp 4VDC max. 10 A 200 A
Average Rectified Forward Current @ 50 C, IO (Fig.1) Max. Peak Surge Cureent,IFSM (8.3 ms) (Fig.2) Max.Forward Voltage Drop @ 2.0 A, VF Max. DC Reverse Current @ PRV and 25 C, IR Max. DC Reverse Current @ PRV and100 C, IR Ambient Operating Temperature Range,TA Storage Temperature Range,TSTG
o o
5A 150 A -55 C to +150 C
o o o
-55 C to +125 C
o
o
o
-55 C to +150 C
NOTES:It is recommemded that a proper heat sink be used on the terminals of this device between the body and soldering point to prevent damage from excess heat. Maxinum lead and terminal temperature for soldering, 3/8 inch from case,5 seconds at 250 OC EDI reserves the right to change these specifications at any time without notice.
3W 3RW
FIG.1
OUTPUT CURRENT vs AMBIENT TEMPERATURE
2 100
FIG.2
NON- REPETITIVE SURGE CURRENT
0.1SEC 1.0SEC
1.5
% MAXIMUM SURGE
FWD CURRENT
3W SERIES
75
1
50
3RW SERIES
0.5
25
0 0 25 50 75 100 125 150
0 1 2 3 4 5 6 7 8 9 10 20 30 40 50 60
O AMBIENT TEMPERATURE ( C)
CYCLES(60 Hz)
FIG.3
.0048 DIA. 0.052 1.0 MIN. 0.38 MAX 1.0 MIN. 0.310 MAX.DIA. ALL DIMENSIONS IN INCHES
NOTE
Maximum lead and terminal temperature for soldering,3/8 inch form case, 5 seconds at 250 O C
TEST CIRCUIT FIG.4 TYPICAL REVERSE RECOVERY WAVEFORM
T RR
R1 50 OHM
D.U.T. PULSE GENERATOR R2 1 OHM SCOPE
+
ZERO 0.5A REFERENCE
-
1.0A 0.25A
R1, R2 NON-INDUCTIVE RESISTORS PULSE GENERATOR-HEWLETT PACKARD 214A OR EQUIV. IKC REP.RA TE, 10 SEC. PULSE WIDTH ADJUST PULSE AMPLITUDE FOR PEAK IR
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531 * 1-800-678-0828
Ee-mail:sales@edidiodes.com * Wwebsite: http://www.edidiodes.com


▲Up To Search▲   

 
Price & Availability of 3W2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X