Part Number Hot Search : 
5236B TC144 EVD9F0F0 MAA02012 AME1300 12K28 STV81 10V8X1
Product Description
Full Text Search
 

To Download 2SK3424 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK3424
Features
4.5-V drive available Low on-state resistance RDS(on)1 = 1.5m Low gate charge QG = 34 nC TYP. (ID = 48 A, VDD = 24V, VGS = 10 V)
+0.2 5.28-0.2 +0.1 1.27-0.1
MOSFET
TO-263
+0.1 1.27-0.1 +0.2 4.57-0.2
Unit: mm
+0.2 8.7-0.2
+0.1 1.27-0.1
0.1max
+0.1 0.81-0.1
Built-in gate protection diode Surface mount device available
2.54 5.08
+0.1 -0.1
+0.2 2.54-0.2
+0.2 15.25-0.2
+0.2 2.54-0.2
+0.2 0.4-0.2
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation TC=25 TA=25 Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Tch Tstg Symbol VDSS VGSS ID Idp * PD Rating 30 20 48 192 50 1.5 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gat cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total Gate Charge Gate to Source Charge Gate to Drain Charge Symbol IDSS IGSS VGS(off) Yfs RDS(on)1 RDS(on)2 Ciss Coss Crss ton tr toff tf QG QGS QGD ID =48A, VDD =24V, VGS = 10 V ID=24A,VGS(on)=10V,RG=10 ,VDD=15V VDS=10V,VGS=0,f=1MHZ Testconditons VDS=30V,VGS=0 VGS= 20V,VDS=0 VDS=10V,ID=1mA VDS=10V,ID=24A VGS=10V,ID=24A VGS=4.5V,ID=24A 1.5 13 7.7 10.5 1900 580 270 14 13 61 22 34 6.4 9.1 11.5 17.0 Min Typ Max 10 10 2.5 Unit A A V S m m pF pF pF ns ns ns ns nC nC nC
5.60
1 Gate 2 Drain 3 Source
MAX. (VGS = 10 V, ID = 24 A)
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK3424

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X