Part Number Hot Search : 
305000 TC38C46 2SK3562 UE200013 SMBG5932 REF19 TDA8566 C1909
Product Description
Full Text Search
 

To Download 2SJ387S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type SMDType
Silicon P-Channel MOSFET 2SJ387S
TO-252
+0.15 1.50-0.15
+0.15 6.50-0.15 +0.2 5.30-0.2 +0.1 2.30-0.1 +0.8 0.50-0.7
IC MOSFET
Features
Low on-resistance Low drive current
+0.2 9.70-0.2
Unit: mm
+0.1 0.80-0.1
+0.15 0.50-0.15
Suitable for Switching regulator, DC - DC converter
0.127 max
+0.28 1.50-0.1
+0.25 2.65-0.1
+0.15 5.55-0.15
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
1 Gate 2 Drain 3 Source
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current (DC) Drain current(pulse) * Power dissipation Channel temperature Storage temperature * PW 10 s; d 1%. Symbol VDSS VGSS ID ID PD Tch Tstg Rating -20 10 -10 -40 20 150 -55 to +150 Unit V V A A W
3.80
2.5 V Gate drive device can be driven from 3 V Source
www.kexin.com.cn
1
SMD Type SMDType
2SJ387S
Electrical Characteristics Ta = 25
Parameter Drain to source breakdown voltage Gate to source breakdown voltage Drain cut-off current Gate leakage current Gate to source cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total Gate Charge Gate to Source Charge Gate Drain Charge Body to drain diode forward voltage Body to drain diode reverse recovery time Symbol VDSS VGSS IDSS IGSS Testconditons ID=-10mA,VGS=0 IG= 200 A ,VDS=0 Min -20 10
IC MOSFET
Typ
Max
Unit V V
VDS=-16V,VGS=0 VGS= 6.5V,VDS=0 -0.5 7 12 0.05 0.07 1170 VDS=-10V,VGS=0,f=1MHZ 860 310 20 VGS(on)=-4V,ID=--5A RL=2 325 350 425 6.5 VGS=-10V,ID=-1A,VDD=-48V 4.5 2.0 IF=-10A,VGS=0 IF=-10A,VGS=0,diF/dt=20A/ s -1.0 240
-100 10 -1.5
A A V S
VGS(off) VDS=-10V,ID=-1mA Yfs RDS(on) Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VDF trr VDS=-10V,ID=-5A VGS=-4V,ID=-5A VGS=-2.5V,ID=-5A
0.07 0.1 pF pF pF ns ns ns ns nC nC nC V ns
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SJ387S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X