Part Number Hot Search : 
QPF8N60C AN6096 BA6893AK LQ057 S355C 2SC43 ELM307SM LB5410
Product Description
Full Text Search
 

To Download 2SD880 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD880
DESCRIPTION *With TO-220C package *Complement to type 2SB834 *Low collector saturation voltage APPLICATIONS *Designed for use in audio frequency power amplifier applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Base current Collector dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 60 60 7 3 6 0.5 30 150 -50~150 UNIT V V V A A A W
THERMAL CHARACTERISTICS
SYMBOL R:jc CHARACTERISTICS Thermal resistance junction to case MAX 4.16 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=50mA ;IB=0 IE=1mA ;IC=0 IC=3A; IB=0.3A IC=0.5A ; VCE=5V VCB=60V; IE=0 VEB=7V; IC=0 IC=0.5A ; VCE=5V IC=0.5A ; VCE=5V;f=1MHz 60 3 MIN 60 7 SYMBOL V(BR)CEO V(BR)EBO VCEsat VBE ICBO IEBO hFE fT
2SD880
TYP.
MAX
UNIT V V
1.0 1.0 100 100 300
V V A A
MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=10IB1=-10IB2=2A VCC=30V PW=30s 1.2 2.0 1.1 s s s
hFE Classifications O 60-120 Y 100-200 GR 150-300
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD880
Fig.2 Outline dimensions (unindicated tolerance:0.10mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD880

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X