Part Number Hot Search : 
DAC1408 SK9427 VCH162 045CT A2050 2SK30 UPD17108 74435
Product Description
Full Text Search
 

To Download 2SD817 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD817
DESCRIPTION *With TO-3 package *High voltage ,high reliability *Wide area of safe operation APPLICATIONS *High voltage power switching TV horizontal deflection output applications
PINNING(see fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 1500 600 6 1.5 50 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
2SD817
SYMBOL
TYP.
MAX
UNIT
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA; IC=0
6
V
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA; IB=0
600
V
VCEsat
Collector-emitter saturation voltage
IC=1.2A; IB=0.3A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=1.2A; IB=0.3A
1.5
V
ICBO
Collector cut-off current
VCB=800V;IE=0
10
A
IEBO
Emitter cut-off current
VEB=6V; IC=0
10
A
hFE
DC current gain
IC=0.3A ; VCE=5V
10
30
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD817
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD817

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X