Part Number Hot Search : 
S12GB7C KRC116M 2SK31 NME1205 LPD5121 SDL1310 MJW21195 AAT1160
Product Description
Full Text Search
 

To Download 2SD2634 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2634
DESCRIPTION *With TO-3PML package *High speed *High breakdown voltage *High reliability *Built-in damper diode APPLICATIONS *Color TV horizontal deflection output
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PML) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak TC=25 PC Collector power dissipation 3 Tj Tstg Junction temperature Storage temperature 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 1500 800 6 8 20 65 W UNIT V V V A A
1
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Diode forward voltage Fall time CONDITIONS IC=100mA; IB=0 IC=4.5A;IB=0.9A IC=4.5A;IB=0.9A VCB=800V; IE=0 VCE=1500V ;RBE=0 VEB=4V; IC=0 IC=5A ; VCE=5V IC=1A ; VCE=5V IEC=7A IC=3A;RL=66.7A IB1=0.6A;-IB2=1.2A;VCC=200V 40 5 10 MIN 800
2SD2634
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO ICES IEBO hFE-1 hFE-2 VF tf
TYP.
MAX
UNIT V
3 1.5 10 1.0 130 8
V V A mA mA
2 0.3
V s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2634
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2634
4


▲Up To Search▲   

 
Price & Availability of 2SD2634

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X