Part Number Hot Search : 
1N6157US LT1160IS LT1160IS 20MU11 20MU11 P7NC60 C14018 LX8942
Product Description
Full Text Search
 

To Download 2SD2498 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2498
DESCRIPTION *With TO-3P(H)IS package *High speed *High voltage *Low saturation voltage APPLICATIONS *Horizontal deflection output for high resolution display, color TV *High speed switching applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3P(H)IS) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 600 5 6 12 3 50 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2498
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Collector output capacitance Transition frequency CONDITIONS IC=10mA ;IB=0 IC=4A; IB=0.8A IC=4A; IB=0.8A VCB=1500V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=4A ; VCE=5V IE=0 ; VCB=10V,f=1MHz IC=0.1A ; VCE=10V 10 5 95 2 0.9 MIN 600 5 1.2 1 10 30 9 pF MHz TYP. MAX UNIT V V V mA A SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 Cob fT
Switching times : ts tf Storage time Fall time 7 0.4 10 0.7 s s
ICP=4A;IB1=0.8A fH =15.75kHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2498
Fig.2 Outline dimensions (unindicated tolerance:0.20 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2498
4


▲Up To Search▲   

 
Price & Availability of 2SD2498

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X