Part Number Hot Search : 
919HD 2SC20 P1345 2SB926 FQU7N20 H1N60U SRF2020 UAA3540
Product Description
Full Text Search
 

To Download 2SD2495 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
2SD2495
DESCRIPTION *With TO-220F package *Complement to type 2SB1626 APPLICATIONS *For audio,series regulator and general purpose applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 110 110 5 6 1 30 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance CONDITIONS IC=50mA ;IB=0 IC=5A; IB=5mA IC=5A; IB=5mA VCB=110V; IE=0 VEB=5V; IC=0 IC=5A ; VCE=4V IC=0.5A ; VCE=12V f=1MHz;VCB=10V 5000 MIN 110 SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT COB
2SD2495
TYP.
MAX
UNIT V
2.5 3.0 0.1 0.1
V V mA mA
60 55
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=5A; IB1=-IB2=5mA VCC=30V ,RL=6@ 0.8 6.2 1.1 s s s
hFE Classifications O 5000-12000 P 6500-20000 Y 15000-30000
2
SavantIC Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
PACKAGE OUTLINE
2SD2495
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD2495

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X