Part Number Hot Search : 
1N5341B ISL43141 AXX2520 15PFI SGM8521 TA4103F 855728 1N4003
Product Description
Full Text Search
 

To Download 2SD2401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2401
DESCRIPTION *With MT-200 package *Complement to type 2SB1570 *DARLINGTON APPLICATIONS *Audio, series regulator and general purpose applications
PINNING(see Fig.2) PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (MT-200) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 160 150 5 12 1 150 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=30mA; IB=0 IC=7 A;IB=7m A IC=7 A;IB=7m A VCB=160V; IE=0 VEB=5V; IC=0 IC=7A ; VCE=4V IC=2A ; VCE=12V IE=0; VCB=10V;f=1MHz 5000 55 95 MIN 150
2SD2401
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V
2.5 3.0 100 100
V V A A
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=7A;RL=10C IB1=- IB2=7mA VCC=70V 0.5 10.0 1.1 s s s
hFE classifications O 5000-12000 P 6500-20000 Y 15000-30000
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2401
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD2401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X