Part Number Hot Search : 
1003F 722E0406 SA45A BA8270F 1N3825A F130457 PO100 AT91SAM7
Product Description
Full Text Search
 

To Download 2SD2374 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2374 2SD2374A
DESCRIPTION *With TO-220F package *Complement to type 2SB1548/1548A *Low collector saturation voltage *High forward current transfer ratio hFE which has satisfactory linearity APPLICATIONS *For power amplifications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25)
SYMBOL PARAMETER 2SD2374 VCBO Collector-base voltage 2SD2374A 2SD2374 VCEO Collector-emitter voltage 2SD2374A VEBO IC ICM Emitter-base voltage Collector current Collector current-peak Ta=25 PC Collector dissipation TC=25 Tj Tstg Junction temperature Storage temperature 25 150 -55~150 Open collector Open base 80 6 3 5 2 W V A A Open emitter 80 60 V CONDITIONS VALUE 60 V UNIT
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER Collector-emitter voltage 2SD2374 IC=30mA ; IB=0 2SD2374A IC=3A ;IB=0.375A IC=3A ; VCE=4V 2SD2374 2SD2374A 2SD2374 2SD2374A VCB=60V; IE=0 CONDITIONS
2SD2374 2SD2374A
MIN 60
TYP.
MAX
UNIT
VCEO
V 80 1.2 1.8 V V
VCEsat VBE
Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current
ICBO
200 VCB=80V; IE=0 VCE=30V; IB=0 300 VCE=60V; IB=0 VEB=6V; IC=0 IC=1A ; VCE=4V IC=3A ; VCE=4V IC=0.5A ; VCE=10V 70 10 30 1 250
A
ICEO
Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency
A
IEBO hFE-1 hFE-2 fT
mA
MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=1.0A; IB1=-IB2=0.1A VCC=50V 0.5 2.5 0.4 s s s
hFE-1 Classifications Q 70-150 P 120-250
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2374 2SD2374A
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2374 2SD2374A
4


▲Up To Search▲   

 
Price & Availability of 2SD2374

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X