Part Number Hot Search : 
2SC48 SMPJ110A VR10K 945ETTS S14K275 E1013 2SK2201 MGC32TA
Product Description
Full Text Search
 

To Download 2SD2089 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2089
DESCRIPTION *With TO-3P(H)IS package *Built-in damper diode *High voltage ,high speed *Low collector saturation voltage APPLICATIONS *Small screen color TV horizontal output applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-3P(H)IS) and symbol
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Ta=25 PC Collector power dissipation Tc=25 Tj Tstg Junction temperature Storage temperature 40 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 1500 600 5 3.5 1 3.5 W V A A UNIT V
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
2SD2089
SYMBOL
TYP.
MAX
UNIT
V(BR)EBO VCEsat VBEsat ICBO hFE fT COB
Emitter-base breakdown voltage
IE=200mA , IC=0 IC=2.2A; IB=0.7A IC=2.2A; IB=0.7A VCB=500V; IE=0 IC=0.5A ; VCE=5V IC=0.1A ; VCE=10V IE=0 ; VCB=10V;f=1MHz IF=2.2A
5
V
Collector-emitter saturation voltage
0.3
1.0
V
Base-emitter saturation voltage
0.85
1.0
V
Collector cut-off current
10
A
DC current gain
9
18
Transition frequency
3
MHz
Collector output capacitance
95
pF
VF tf
Diode forward voltage
1.2
1.5
V
Fall time
ICP=2.2A ;IB1(end)=0.7A
0.2
0.5
s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2089
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD2089

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X