Part Number Hot Search : 
8069X CNY30X MJ411 51414 2SC2073 FX469J EMK32 DSB3A20
Product Description
Full Text Search
 

To Download 2SD2082 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2082
DESCRIPTION *With TO-3PML package *DARLINGTON *Complement to type 2SB1382 APPLICATIONS *Driver for Solenoid, Motor and General Purpose
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3PML) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 120 120 6 16 26 1 75 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2082
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector-emitter breakdown voltage Emitter cut-off current Collector cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=8A;IB=16m A IC=8A;IB=16m A IC=10mA;IB=0 VEB=6V; IC=0 VCB=120V; IE=0 IC=8 A ; VCE=4V IC=1 A ; VCE=12V IE=0 ; VCB=10V;f=1MHz 2000 20 210 MHz pF 120 10 10 MIN TYP. MAX 1.5 2.5 UNIT V V V mA A SYMBOL VCEsat VBEsat V(BR)CEO IEBO ICBO hFE fT COB
Switching times ton ts tf Turn-on time Storage time Fall time IC=8A ;IB1=-IB2=16mA VCC=40V ,RL=5C 0.6 7.0 1.5 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2082
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD2082

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X