Part Number Hot Search : 
ZMM43 102MH 721A240 A471M BCR5K STP9527 ADXL377 TFS70L9
Product Description
Full Text Search
 

To Download 2SD2060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2060
DESCRIPTION *With TO-220F package *Complement to type 2SB1368 *Low collector saturation voltage: VCE(SAT)=1.7V(Max) at IC=3A,IB=0.3A *Collector power dissipation: PC=25W(TC=25 ) APPLICATIONS *With general purpose applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Ta=25 PC Collector dissipation TC=25 Tj Tstg Junction temperature Storage temperature 25 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 80 80 5 4 0.4 2.0 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=50mA ;IB=0 IE=10mA ;IC=0 IC=3A ;IB=0.3A IC=3A;VCE=5V VCB=80V; IE=0 VEB=5V; IC=0 IC=0.5A ; VCE=5V IC=3A ; VCE=5V IC=0.5A ; VCE=5V f=1MHz;VCB=10V 40 15 MIN 80 5
2SD2060
SYMBOL V(BR)CEO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V V
0.45 1.0
1.5 1.5 30 100 240
V V A A
50 8.0 90 MHz pF
hFE-1 Classifications R 40-80 O 70-140 Y 120-240
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2060
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2060
4


▲Up To Search▲   

 
Price & Availability of 2SD2060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X