Part Number Hot Search : 
BTA16 58005 MK4027 100H6 BD790 043045 STK41 AN1352
Product Description
Full Text Search
 

To Download 2SD2057 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2057
DESCRIPTION *With TO-3PFa package *High voltage,high speed *Built-in damper diode *Wide area of safe operation APPLICATIONS *Horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VEBO IC ICM IB PARAMETER Collector-base voltage Emitter-base voltage Collector current Collector current-peak Base current Ta=25 PC Collector power dissipation TC=25 Tj Tstg Max.operating junction temperature Storage temperature 100 150 -55~150 CONDITIONS Open emitter Open collector VALUE 1500 7 5 20 4 3 W UNIT V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage CONDITIONS IE=500mA ;IC=0 IC=5A; IB=1.2A IC=5A; IB=1.2A VCB=1000V; IE=0 ICBO Collector cut-off current VCB=1500V; IE=0 hFE-1 hFE-2 fT VF ts tf DC current gain DC current gain Transition frequency Diode forward voltage Storage time IC=5A;IB1=-IB2=1.2A;LLeak=5H Fall time IC=1A ; VCE=5V IC=5A ; VCE=10V IC=1A ; VCE=10V;f=0.5MHz IC=-6A ;IB=0 8 4.5 MIN 7
2SD2057
SYMBOL V(BR)EBO VCEsat VBEsat
TYP.
MAX
UNIT V
8.0 1.5 30 0.3
V V A mA
15 2 -2.3 12 0.8 MHz V s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2057
Fig.2 Outline dimensions (unindicated tolerance:0.30mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD2057

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X