Part Number Hot Search : 
SR320 2M188VT 1N6129E3 120N1 MM536 2SK2745 TLP351 1N4814B
Product Description
Full Text Search
 

To Download 2SD2015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2015
DESCRIPTION *With TO-220F package *DARLINGTON APPLICATIONS *Driver for solenoid,relay and motor and general purpose applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 150 120 6 4 0.5 25 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance CONDITIONS IC=10mA ;IB=0 IC=2A ;IB=2mA IC=2A ;IB=2mA VCB=150V; IE=0 VEB=6V; IC=0 IC=2A ; VCE=2V IC=0.1A ; VCE=12V f=1MHz;VCB=10V 2000 MIN 120
2SD2015
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V
1.5 2.0 10 10
V V A mA
40 40
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=2.0A IB1=-IB2=10mA VCC=40V ,RL=20A 0.6 5.0 2.0 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2015
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD2015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X