Part Number Hot Search : 
ECG006C CX74005 01MCA SM6S1011 IRF7902 01000 RF164 PM0013
Product Description
Full Text Search
 

To Download 2SD2012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2012
DESCRIPTION *With TO-220F package *Complement to type 2SB1366 *Low collector saturation voltage *Collector power dissipation: PC=25W(TC=25 ) APPLICATIONS *Audio frequency power amplifier and general purpose switching applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Ta=25 PC Collector dissipation TC=25 Tj Tstg Junction temperature Storage temperature 25 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 60 60 7 3 0.5 2.0 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=50mA ;IB=0 IC=2A ;IB=0.2A IC=0.5A;VCE=5V VCB=60V; IE=0 VEB=7V; IC=0 IC=0.5A ; VCE=5V IC=2A ; VCE=5V IC=1A ; VCE=5V f=1MHz;VCB=10V 100 20 MIN 60
2SD2012
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V
1.0 1.0 100 100 320
V V A A
3 35
MHz pF
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2012
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD2012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X