Part Number Hot Search : 
7C133 3510F SMCJ43A SI5908DC TCH20A20 06400 DTA114Y 2SD18
Product Description
Full Text Search
 

To Download 2SD2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220Fa package *High-speed switching *Large collector power dissipation APPLICATIONS *For power switching applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter
2SD2000
Fig.1 simplified outline (TO-220Fa) and symbol
ABSOLUTE MAXIMUM RATINGS AT Tc=25
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 2 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 80 60 6 4 8 1 35 W UNIT V V V A A A
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2000
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=25mA , IB=0 IC=4A;IB=0.4A IC=4A;IB=0.4A VCB=80V;IE=0 VEB=6V; IC=0 IC=1A ; VCE=4V IC=4A ; VCE=4V IC=0.2A; VCE=12V;f=10MHz 70 20 80 MHz MIN 60 1.5 2.0 100 100 250 TYP. MAX UNIT V V V A A
Switching times Turn-on time Storage time Fall time IC=4A ;IB1=0.4A IB2=-0.4A;VCC=50V 0.3 1.0 0.2 s s s
ton ts tf
hFE-1 Classifications Q 70-150 P 120-250
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2000
PACKAGE OUTLINE
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2000
4


▲Up To Search▲   

 
Price & Availability of 2SD2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X