Part Number Hot Search : 
HIN207CP MPC82 0ETTTS SMBJ26 00LVEL TDA21201 GBPC35 LR3303
Product Description
Full Text Search
 

To Download 2SD1380 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1380
*
DESCRIPTION *With TO-126 package *Complement to type 2SB1009 *Low collector saturation voltage APPLICATIONS *For low frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 40 32 5 2 10 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance CONDITIONS IC=1mA ;IB=0 IC=50A ;IE=0 IE=50A ;IC=0 IC=2.0A; IB=0.2A VCB=20V; IE=0 VEB=4V; IC=0 IC=0.5A ; VCE=3V IE=-0.5A ; VCE=5V IE=0; f=1MHz ; VCB=10V 82 100 30 MIN 32 40 5 0.5
2SD1380
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V V V
0.8 1 1 390
V A A
MHz pF
hFE Classifications P 82-180 Q 120-270 R 180-390
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1380
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD1380

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X