Part Number Hot Search : 
5KE36 MAX10 371910 1512D ER1601 0515D LM2576BU 5261B
Product Description
Full Text Search
 

To Download 2SD1313 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1313
DESCRIPTION *With TO-3PL package *High power dissipation *High collector current *High speed switching *Low saturation voltage APPLICATIONS *High power amplifier applications *High power switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Fig.1 simplified outline (TO-3PL) and symbol
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Base current-peak Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 800 350 7 25 35 10 15 200 150 -55~150 UNIT V V V A A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=10mA ;IB=0 IC=15A ;IB=3A IC=15A ;IB=3A VCB=800V; IE=0 VEB=7V; IC=0 IC=1A ; VCE=5V IC=25A ; VCE=5V IC=1A ; VCE=10V f=1MHz;VCB=50V,f=1MHz 15 6 MIN 350
2SD1313
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V
1.0 1.7 1 1
V V mA mA
6 170
MHz pF
Switching times ton tstg tf Turn-on time Storage time Fall time IC=15A ;IB1=-IB2=3A VCC@200V,RL=13.3A 0.8 3.0 0.5 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1313
Fig.2 Outline dimensions (unindicated tolerance:0.50mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1313

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X