Part Number Hot Search : 
TC3403 AGS2520 167BZC BY126 XXXGX 1812A CZ5367B EGP10G
Product Description
Full Text Search
 

To Download 2SD1148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1148
DESCRIPTION *With TO-3P(I) package *Complement to type 2SB863 APPLICATIONS *Power amplifier applications *Recommend for 70W high fidelity audio frequency amplifier output stage
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3P(I)) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 140 140 5 10 1 100 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Base-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=50mA ,IB=0 IC=5A; IB=0.5A IC=5A ; VCE=5V VCB=140V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=5A ; VCE=5V IC=1A ; VCE=10V IE=0 ; VCB=10V ;f=1MHz 55 25 MIN 140
2SD1148
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT Cob
TYP.
MAX
UNIT V
2.0 1.5 5 5 160
V V A A
20 200
MHz pF
hFE-1 Classifications R 55-110 O 80-160
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1148
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X