Part Number Hot Search : 
GBU8A 13000 V0DS00 101MELY D1621 4S6R51 SK25B 74V2T00
Product Description
Full Text Search
 

To Download 2SD1148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1148
DESCRIPTION *With TO-3P(I) package *Complement to type 2SB863 APPLICATIONS *Power amplifier applications *Recommend for 70W high fidelity audio frequency amplifier output stage
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3P(I)) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 140 140 5 10 1 100 150 -55~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT Cob PARAMETER Base-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=50mA ,IB=0 IC=5A; IB=0.5A IC=5A ; VCE=5V VCB=140V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=5A ; VCE=5V IC=1A ; VCE=10V IE=0 ; VCB=10V ;f=1MHz 55 25 20 200 MIN 140 TYP.
2SD1148
MAX
UNIT V
2.0 1.5 5 5 160
V V A A
MHz pF
hFE-1 Classifications R 55-110 O 80-160
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1148
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X