Part Number Hot Search : 
PCMB042T TA8416F 1N5232B BU4506DX HM112 NCE0203S TA0736A MC908GR
Product Description
Full Text Search
 

To Download 2SC5358 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC5358
DESCRIPTION With TO-3P(I) package Complement to type 2SA1986 APPLICATIONS Power amplifier applications Recommend for 80W high fidelity audio frequency amplifier output stage
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3P(I)) and symbol DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 230 Collector-base voltage Open emitter Collector-emitter voltage Open base 230 5 Emitter-base voltage Open collector Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25ae 15 1.5 150 150 -55~150
UNIT V V V A A W ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=50mA; IB=0 IC=8 A;IB=0.8A IC=7A ; VCE=5V VCB=230V ;IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=7A ; VCE=5V IC=1A ; VCE=5V IE=0; VCB=10V;f=1MHz 55 35 30 200 MIN 230 TYP.
2SC5358
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
MAX
UNIT V
3.0 1.5 5 5 160 |I |I
V V A A
MHz pF
hFE-1 classifications R 55-110 O
TOR NDU ICO E SEM ANG INCH
80-160
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC5358
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC5358
TOR NDU ICO E SEM ANG INCH
4


▲Up To Search▲   

 
Price & Availability of 2SC5358

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X