Part Number Hot Search : 
0DC24 TA7668BP TD204228 MX13030 KSJ1M431 ADP160 SR71040A 08P06
Product Description
Full Text Search
 

To Download 2SC5042 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-3PML package *High breakdown voltage, high reliability. *High speed APPLICATIONS *Ultrahigh-definition CRT display *Horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector DESCRIPTION
2SC5042
Fig.1 simplified outline (TO-3PML) and symbol Emitter
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak TC=25 PC Collector power dissipation 3 Tj Tstg Junction temperature Storage temperature 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 1600 800 6 7 16 60 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC5042
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector-emitter sustaining voltage Emitter cut-off current Collector cut-off current Collector cut-off current DC current gain DC current gain CONDITIONS IC=5A;IB=1.25 A IC=5A;IB=1.25A IC=100mA;IB=0 VEB=4V IC=0 VCB=800V IE=0 VCE=1600V; RBE=0 IC=1 A ; VCE=5V IC=5A ; VCE=5V 15 4 800 1 10 1 25 7 MIN TYP. MAX 5 1.5 UNIT V V V mA A mA
SYMBOL VCEsat VBEsat VCEO(SUS) IEBO ICBO ICES hFE-1 hFE-2
Switching times tstg tf Storage time Fall time IC=4A;RL=50A IB1=0.7A;- IB2=2A VCC=200V 2.0 0.1 0.2 s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC5042
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC5042
4


▲Up To Search▲   

 
Price & Availability of 2SC5042

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X