Part Number Hot Search : 
SMBJ190 ASI10743 11003 11003 MAX6951 DDTC114 54001 HYB18
Product Description
Full Text Search
 

To Download 2SC4468 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4468
DESCRIPTION With TO-3PN package Complement to type 2SA1695 APPLICATIONS Audio and general purpose
PINNING PIN 1 2 3 Base Collector;connected to mounting base Fig.1 simplified outline (TO-3PN) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER
Collector-base voltage

CHA IN
Collector current Base current
Collector-emitter voltage
Emitter-base voltage
E SEM NG
Open base TC=25ae
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 200 140 6 10 4 100 150 -55~150
UNIT V V V A A W ae ae
Open collector
Collector power dissipation Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=50mA ;IB=0 IC=5A; IB=0.5A VCB=200V; IE=0 VEB=6V; IC=0 IC=3A ; VCE=4V IE=0 ; VCB=10V,f=1MHz IC=0.5A ; VCE=12V 50 250 20 MIN 140 TYP.
2SC4468
SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE COB fT
MAX
UNIT V
0.5 10 10 180 |I |I
V A A
pF MHz
Switching times ton ts tf Turn-on time Storage time
IN
Fall time

hFE Classifications O 50-100 P 70-140
CHA
E SEM NG
Y
IC=5A;RL=12| IB1=- IB2=0.5A VCC=60V
OND IC
TOR UC
0.24 |I 4.32 0.40 |I
s |I s s
90-180
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4468

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4468

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC4468

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X